Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RHD5904 Datasheet(PDF) 4 Page - Aeroflex Circuit Technology

Part No. RHD5904
Description  RadHard-by-Design RHD5904 Quad Operational Amplifier Instrumentation Amplifier with Enables
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AEROFLEX [Aeroflex Circuit Technology]
Homepage  http://www.aeroflex.com
Logo 

RHD5904 Datasheet(HTML) 4 Page - Aeroflex Circuit Technology

   
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
SCD5904 Rev A Advanced 9/26/12
Aeroflex Plainview
Input Voltage - Enable (EN_AB,
EN_CD)
VHI
High (Enabled)
70%
VCC - VEE
V
VLO
Low (Disabled)
30%
VCC - VEE
V
Input Current - Enable
(EN_AB, EN_CD)
IEN
100
nA
Quiescent Supply Current
ICCQ
All Amplifiers Enabled, No Load
5.5
mA
All Amplifier Disabled
1
uA
Channel Separation 2/RL = 2K, f = 1.0KHz
90
dB
Input-Referred Voltage Noise 2/
en
F = 1 kHz
TBD
V/
Phase Margin 2/
m
TBD
Deg
Notes:
1/ Specification derated to reflect Total Dose exposure to 1 Mrad(Si) @ +25°C.
2/ Not tested. Shall be guaranteed by design, characterization, or correlation to other test parameters.
SWITCHING CHARACTERISTICS
(TC = -55°C TO +125°C, +VCC = +5.0V -- UNLESS OTHERWISE SPECIFIED)
Parameter
Symbol
Conditions
Min
Max
Units
Output Delay (Enabled)
tONEN
100
ns
Output Delay (Disabled)
tOFFEN
100
ns
ELECTRICAL PERFORMANCE CHARACTERISTICS (continued)
(TC = -55°C TO +125°C, +VCC = +5.0V -- UNLESS OTHERWISE SPECIFIED)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
VCC
50%
VCC
GND
tOFFEN
tONEN
GND
HI Z
HI Z
(EN_AB or EN_CD)
VOUT
FIGURE 3: RHD5904 SWITCHING DIAGRAM
ENABLES
(VOUT_A&B or VOUT_C&D)
Hz


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn