Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RHD5904 Datasheet(PDF) 3 Page - Aeroflex Circuit Technology

Part No. RHD5904
Description  RadHard-by-Design RHD5904 Quad Operational Amplifier Instrumentation Amplifier with Enables
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AEROFLEX [Aeroflex Circuit Technology]
Homepage  http://www.aeroflex.com
Logo 

RHD5904 Datasheet(HTML) 3 Page - Aeroflex Circuit Technology

   
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
SCD5904 Rev A Advanced 9/26/12
Aeroflex Plainview
ABSOLUTE MAXIMUM RATINGS
Parameter
Range
Units
Case Operating Temperature Range
-55 to +125
°C
Storage Temperature Range
-65 to +150
°C
Junction Temperature
+150
°C
Supply Voltage
VCC - VEE
+6.0
V
Input Voltage
VCC +0.4
VEE -0.4
V
Lead Temperature (soldering, 10 seconds)
300
°C
Thermal Resistance, Junction to Case,
jc
7
°C/W
ESD Rating
2.0
KV
Power @ 25°C
200
mW
NOTICE: Stresses above those listed under “Absolute Maximums Rating” may cause permanent damage to the device. These are stress rating only;
functional operation beyond the “Operation Conditions” is not recommended and extended exposure beyond the “Operation Conditions” may affect
device reliability.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Typical
Units
+VCC
Power Supply Voltage
3.3 to 5.0
V
VCM
Input Common Mode Range
VCC to VEE
V
ELECTRICAL PERFORMANCE CHARACTERISTICS
(TC = -55°C TO +125°C, +VCC = +5.0V -- UNLESS OTHERWISE SPECIFIED)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Input Offset Voltage
VOS
-2
2mV
Input Offset Current
IOS
-10
10
pA
Input Bias Current
IB
-20
20
pA
Input Offset TempCo 2/VIOST
10
uV/C
Common Mode Rejection Ratio
CMRR
70
dB
Power Supply Rejection Ratio
PSRR
70
dB
Output Voltage High
VOH
ROUT = 3.6 Kohms to GND
4.9
V
Output Voltage Low
VOL
ROUT = 3.6 Kohms to VCC
0.1
V
Short Circuit
Output Current 2/
IO(SINK)VOUT to VCC
-63
mA
IO(SOURCE)VOUT to VEE
45
mA
Slew Rate
SR
RL = 8K
2.5
V/uS
Open Loop Gain 2/AOL
No Load
100
dB
Unity Gain Bandwidth
UGBW
RL = 10K
5
MHz


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn