Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RGTH50TS65D Datasheet(PDF) 5 Page - Rohm

Part # RGTH50TS65D
Description  650V 25A Field Stop Trench IGBT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RGTH50TS65D Datasheet(HTML) 5 Page - Rohm

  RGTH50TS65D Datasheet HTML 1Page - Rohm RGTH50TS65D Datasheet HTML 2Page - Rohm RGTH50TS65D Datasheet HTML 3Page - Rohm RGTH50TS65D Datasheet HTML 4Page - Rohm RGTH50TS65D Datasheet HTML 5Page - Rohm RGTH50TS65D Datasheet HTML 6Page - Rohm RGTH50TS65D Datasheet HTML 7Page - Rohm RGTH50TS65D Datasheet HTML 8Page - Rohm RGTH50TS65D Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
www.rohm.com
© 2014 ROHM Co., Ltd. All rights reserved.
Data Sheet
RGTH50TS65D
lElectrical Characteristic Curves
 
Fig.2 Collector Current vs. Case Temperature
Case Temperature : Tc [ºC]
Fig.3 Forward Bias Safe Operating Area
Collector To Emitter Voltage : V
CE[V]
Fig.4 Reverse Bias Safe Operating Area
Collector To Emitter Voltage : V
CE[V]
Fig.1 Power Dissipation vs. Case Temperature
Case Temperature : Tc [ºC]
0
20
40
60
80
100
120
140
160
180
200
0
25
50
75
100
125
150
175
0
20
40
60
80
100
120
140
0
200
400
600
800
T
j≦175ºC
V
GE=15V
0
10
20
30
40
50
60
0
25
50
75
100
125
150
175
T
j≦175ºC
V
GE≧15V
0.01
0.1
1
10
100
1000
1
10
100
1000
T
C= 25ºC
Single Pulse
10
µs
100
µs
5/11
2014.05 - Rev.B


Similar Part No. - RGTH50TS65D

ManufacturerPart #DatasheetDescription
logo
Rohm
RGTH50TS65 ROHM-RGTH50TS65 Datasheet
682Kb / 10P
   650V 25A Field Stop Trench IGBT
More results

Similar Description - RGTH50TS65D

ManufacturerPart #DatasheetDescription
logo
Rohm
RGT50NL65D ROHM-RGT50NL65D Datasheet
1Mb / 13P
   650V 25A Field Stop Trench IGBT
RGTH50TK65 ROHM-RGTH50TK65 Datasheet
740Kb / 11P
   650V 25A Field Stop Trench IGBT
RGTH50TK65D ROHM-RGTH50TK65D Datasheet
882Kb / 13P
   650V 25A Field Stop Trench IGBT
RGT50TS65D ROHM-RGT50TS65D Datasheet
735Kb / 12P
   650V 25A Field Stop Trench IGBT
RGT50TM65D ROHM-RGT50TM65D Datasheet
1Mb / 13P
   650V 25A Field Stop Trench IGBT
RGTH50TS65 ROHM-RGTH50TS65 Datasheet
682Kb / 10P
   650V 25A Field Stop Trench IGBT
RGT50NS65D ROHM-RGT50NS65D Datasheet
743Kb / 12P
   650V 25A Field Stop Trench IGBT
2016.01 - Rev.A
logo
Shenzhen Huazhimei Semi...
HM25N135FT HMSEMI-HM25N135FT Datasheet
752Kb / 9P
   1350V /25A Trench Field Stop IGBT
logo
Fairchild Semiconductor
FGH25N120FTDS FAIRCHILD-FGH25N120FTDS Datasheet
711Kb / 9P
   1200V, 25A Field Stop Trench IGBT
FGA25N120FTD FAIRCHILD-FGA25N120FTD Datasheet
815Kb / 9P
   1200V, 25A Field Stop Trench IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com