Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMP8270 Datasheet(PDF) 6 Page - Texas Instruments

Part # LMP8270
Description  Precision Voltage Difference Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8270 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMP8270 Datasheet HTML 2Page - Texas Instruments LMP8270 Datasheet HTML 3Page - Texas Instruments LMP8270 Datasheet HTML 4Page - Texas Instruments LMP8270 Datasheet HTML 5Page - Texas Instruments LMP8270 Datasheet HTML 6Page - Texas Instruments LMP8270 Datasheet HTML 7Page - Texas Instruments LMP8270 Datasheet HTML 8Page - Texas Instruments LMP8270 Datasheet HTML 9Page - Texas Instruments LMP8270 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
-1
-0.5
0
0.5
1
0
5
10
15
20
25
VOFFSET (mV)
104
RESISTOR VALUE (k:)
0
5
10
15
20
25
96
100
98
102
30
10
1k
1M
FREQUENCY (Hz)
-20
0
30
100k
10k
100
20
10
-10
VS = 5V
VOUT = 500 mV
25°C
-40°C
85°C
125°C
10
1k
1M
FREQUENCY (Hz)
-20
0
30
100k
10k
100
20
10
-10
VS = 5V
VOUT = 3V
25°C
-40°C
85°C
125°C
4.75
5
5.25
5.5
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
VS (V)
125°C
25°C
-40°C
10
100
1k
10k
100k
FREQUENCY (Hz)
0
20
40
60
80
100
120
OBSOLETE
LMP8270
SNOSAK1K – DECEMBER 2004 – REVISED APRIL 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Unless otherwise specified: TA = 25°C, VS = 5V, VCM = VS/2
PSRR vs. Frequency
VOS vs. Supply Voltage
Figure 9.
Figure 10.
Gain vs. Frequency Over Temperature
Gain vs. Frequency Over Temperature
Figure 11.
Figure 12.
Offset Voltage Distribution
Filter Resistor
Figure 13.
Figure 14.
6
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LMP8270


Similar Part No. - LMP8270

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP8270 NSC-LMP8270 Datasheet
458Kb / 5P
   High Common Mode, Gain of 20, Precision Voltage Difference Amplifiers
More results

Similar Description - LMP8270

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP8275 TI1-LMP8275 Datasheet
392Kb / 15P
[Old version datasheet]   Precision Voltage Difference Amplifier
LMP8272 TI1-LMP8272 Datasheet
357Kb / 16P
[Old version datasheet]   Precision Voltage Difference Amplifier
logo
Analog Devices
AD8209 AD-AD8209_16 Datasheet
364Kb / 16P
   High Voltage, Precision Difference Amplifier
AD8202-KGD AD-AD8202-KGD Datasheet
143Kb / 8P
   High Voltage, Precision Difference Amplifier
Rev. 0
AD8209 AD-AD8209 Datasheet
318Kb / 16P
   High Voltage, Precision Difference Amplifier
REV. 0
logo
Texas Instruments
LMP8276 TI1-LMP8276 Datasheet
412Kb / 16P
[Old version datasheet]   Bidirectional Precision Voltage Difference Amplifier
logo
Analog Devices
AD8208 AD-AD8208_V01 Datasheet
344Kb / 20P
   High Voltage, Precision Difference Amplifier
Rev. C
AD8209A AD-AD8209A Datasheet
454Kb / 15P
   High Voltage, Precision Difference Amplifier
AD8208 AD-AD8208 Datasheet
335Kb / 16P
   High Voltage, Precision Difference Amplifier
REV. A
logo
Texas Instruments
LMP8271 TI1-LMP8271 Datasheet
449Kb / 17P
[Old version datasheet]   Bidirectional Precision Voltage Difference Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com