Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM6121 Datasheet(PDF) 9 Page - Texas Instruments

Part # LM6121
Description  High Speed Buffer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM6121 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM6121 Datasheet HTML 5Page - Texas Instruments LM6121 Datasheet HTML 6Page - Texas Instruments LM6121 Datasheet HTML 7Page - Texas Instruments LM6121 Datasheet HTML 8Page - Texas Instruments LM6121 Datasheet HTML 9Page - Texas Instruments LM6121 Datasheet HTML 10Page - Texas Instruments LM6121 Datasheet HTML 11Page - Texas Instruments LM6121 Datasheet HTML 12Page - Texas Instruments LM6121 Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
OBSOLETE
LM6121
LM6221, LM6321
www.ti.com
SNOSC10C – MAY 1998 – REVISED APRIL 2013
Application Hints
POWER SUPPLY DECOUPLING
The method of supply bypassing is not critical for stability of the LM6121 series buffers. However, their high
current output combined with high slew rate can result in significant voltage transients on the power supply lines
if much inductance is present. For example, a slew rate of 900 V/
μs into a 50Ω load produces a di/dt of 18 A/μs.
Multiplying this by a wiring inductance of 50 nH (which corresponds to approximately 1½
″ of 22 gauge wire)
result in a 0.9V transient. To minimize this problem use high quality decoupling very close to the device.
Suggested values are a 0.1
μF ceramic in parallel with one or two 2.2 μF tantalums. A ground plane is
recommended.
LOAD IMPEDANCE
The LM6121 is stable to any load when driven by a 50
Ω source. As shown in the Overshoot vs Capacitive Load
graph, worst case is a purely capacitive load of about 1000 pF. Shunting the load capacitance with a resistor will
reduce overshoot.
SOURCE INDUCTANCE
Like any high frequency buffer, the LM6121 can oscillate at high values of source inductance. The worst case
condition occurs at a purely capacitive load of 50 pF where up to 100 nH of source inductance can be tolerated.
With a 50
Ω load, this goes up to 200 nH. This sensitivity may be reduced at the expense of a slight reduction in
bandwidth by adding a resistor in series with the buffer input. A 100
Ω resistor will ensure stability with source
inductances up to 400 nH with any load.
OVERVOLTAGE PROTECTION
The LM6121 may be severely damaged or destroyed if the Absolute Maximum Rating of 7V between input and
output pins is exceeded.
If the buffer's input-to-output differential voltage is allowed to exceed 7V, a base-emitter junction will be in
reverse-breakdown, and will be in series with a forward-biased base-emitter junction. Referring to the LM6121
simplified schematic, the transistors involved are Q1 and Q3 for positive inputs, and Q2 and Q4 for negative
inputs. If any current is allowed to flow through these junctions, localized heating of the reverse-biased junction
will occur, potentially causing damage. The effect of the damage is typically increased offset voltage, increased
bias current, and/or degraded AC performance. Furthermore, this will defeat the short-circuit and over-
temperature protection circuitry. Exceeding ±7V input with a shorted output will destroy the device.
The device is best protected by the insertion of the parallel combination of a 100 k
Ω resistor (R1) and a small
capacitor (C1) in series with the buffer input, and a 100 k
Ω resistor (R2) from input to output of the buffer (see
Figure 14). This network normally has no effect on the buffer output. However, if the buffer's current limit or
shutdown is activated, and the output has a ground-referred load of significantly less than 100 k
Ω, a large input-
to-output voltage may be present. R1 and R2 then form a voltage divider, keeping the input-output differential
below the 7V Maximum Rating for input voltages up to 14V. This protection network should be sufficient to
protect the LM6121 from the output of nearly any op amp which is operated on supply voltages of ±15V or lower.
Figure 14. LM6121 with Overvoltage Protection
HEATSINK REQUIREMENTS
A heatsink may be required with the LM6321 depending on the maximum power dissipation and maximum
ambient temperature of the application. Under all possible operating conditions, the junction temperature must be
within the range specified under Absolute Maximum Ratings.
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM6121 LM6221 LM6321


Similar Part No. - LM6121

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM6121 NSC-LM6121 Datasheet
285Kb / 10P
   High Speed Buffer
LM6121H/883 NSC-LM6121H/883 Datasheet
285Kb / 10P
   High Speed Buffer
LM6121J/883 NSC-LM6121J/883 Datasheet
285Kb / 10P
   High Speed Buffer
LM6121 NSC-LM6121_04 Datasheet
328Kb / 11P
   High Speed Buffer
More results

Similar Description - LM6121

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM6121 NSC-LM6121 Datasheet
285Kb / 10P
   High Speed Buffer
logo
Calogic, LLC
CLM6121 CALOGIC-CLM6121 Datasheet
62Kb / 5P
   High Speed Buffer
logo
Texas Instruments
LM6125 TI1-LM6125 Datasheet
306Kb / 11P
[Old version datasheet]   High Speed Buffer
logo
Calogic, LLC
CLM4121 CALOGIC-CLM4121 Datasheet
58Kb / 6P
   High Speed Buffer
CLM6121 CALOGIC-CLM6121_15 Datasheet
82Kb / 6P
   High Speed Buffer
logo
National Semiconductor ...
LM6125 NSC-LM6125 Datasheet
261Kb / 9P
   High Speed Buffer
LM6121 NSC-LM6121_04 Datasheet
328Kb / 11P
   High Speed Buffer
logo
Calogic, LLC
CLM4125 CALOGIC-CLM4125 Datasheet
53Kb / 4P
   350MHz High Speed Buffer
logo
Burr-Brown (TI)
OPA633 BURR-BROWN-OPA633 Datasheet
136Kb / 8P
   High Speed BUFFER AMPLIFIER
BUF634 BURR-BROWN-BUF634_12 Datasheet
851Kb / 20P
   250mA HIGH-SPEED BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com