Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4610 Datasheet(PDF) 9 Page - Texas Instruments

Part # LM4610
Description  Dual DC Operated Tone/Volume/Balance Circuit
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4610 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM4610 Datasheet HTML 5Page - Texas Instruments LM4610 Datasheet HTML 6Page - Texas Instruments LM4610 Datasheet HTML 7Page - Texas Instruments LM4610 Datasheet HTML 8Page - Texas Instruments LM4610 Datasheet HTML 9Page - Texas Instruments LM4610 Datasheet HTML 10Page - Texas Instruments LM4610 Datasheet HTML 11Page - Texas Instruments LM4610 Datasheet HTML 12Page - Texas Instruments LM4610 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
OBSOLETE
LM4610
www.ti.com
SNOS474C – MAY 1999 – REVISED APRIL 2013
Figure 17. Tone Characteristic (Gain vs Frequency)
Figure 18 shows the effect of changing Ct and Cb in the opposite direction to Ct/2, 2Cb respectively giving
reduced control ranges. The various results corresponding to the different Ct and Cb values may be mixed if it is
required to give a particular emphasis to, for example, the bass control. The particular case with Cb/2, Ct is
illustrated in Figure 19.
RESTRICTION OF TONE CONTROL ACTION AT HIGH OR LOW FREQUENCIES
It may be desired in some applications to level off the tone responses above or below certain frequencies for
example to reduce high frequence noise.
This may be achieved for the treble response by including a resistor in series with Ct. The treble boost and cut
will be 3 dB less than the standard circuit when R=XC.
A similar effect may be obtained for the bass response by reducing the value of the AC bypass capacitors on
pins 7 (channel 1) and 18 (channel 2). The internal resistance at these pins is 1.3 k
Ω and the bass boost/cut will
be approximately 3 dB less with XC at this value. An example of such modified response curves is shown in
Figure 20. The input coupling capacitors may also modify the low frequency response.
It will be seen from Figure 16 and Figure 17 that modifying Ct and Cb for greater control range also has the effect
of flattening the tone control extremes and this may be utilized, with or without additional modification as outlined
above, for the most suitable tone control range and response shape.
OTHER ADVANTAGES OF DC CONTROLS
The DC controls make the addition of other features easy to arrange. For example, the negative-going peaks of
the output amplifiers may be detected below a certain level, and used to bias back the bass control from a high
boost condition, to prevent overloading the speaker with low frequency components.
LOUDNESS CONTROL
The loudness control is achieved through control of the tone sections by the voltage applied to pin 9; therefore,
the tone and loudness functions are not independent. There is normally 1 dB more bass than treble boost (40
Hz–16 kHz) with loudness control in the standard circuit. If a greater difference is desired, it is necessary to
introduce an offset by means of Ct or Cb or by changing the nominal control voltage ranges.
Figure 21 shows the typical loudness curves obtained in the standard application circuit at various volume levels
(Cb=0.39 μF).
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM4610


Similar Part No. - LM4610

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4610 NSC-LM4610 Datasheet
408Kb / 11P
   Dual DC Operated Tone/Volume/Balance Circuit with National 3-D Sound
LM4610N NSC-LM4610N Datasheet
408Kb / 11P
   Dual DC Operated Tone/Volume/Balance Circuit with National 3-D Sound
More results

Similar Description - LM4610

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1036 NSC-LM1036 Datasheet
339Kb / 10P
   Dual DC Operated Tone/Volume/Balance Circuit
logo
Texas Instruments
LM1036M TI1-LM1036M Datasheet
752Kb / 14P
[Old version datasheet]   Dual DC Operated Tone/Volume/Balance Circuit
LM1036 TI1-LM1036 Datasheet
1Mb / 23P
[Old version datasheet]   LM1036 Dual DC Operated Tone/Volume/Balance Circuit
logo
National Semiconductor ...
LM1035 NSC-LM1035 Datasheet
627Kb / 10P
   DUAL DC OPERATED TONE/VOLUME BALANCE CIRCUITS
LM1040 NSC-LM1040 Datasheet
365Kb / 10P
   DUAL DC OPERATED TONE / VOLUME / BALANCE CIRCUIT WITH STEREO ENHANCEMENT FACILITY
LM4610 NSC-LM4610 Datasheet
408Kb / 11P
   Dual DC Operated Tone/Volume/Balance Circuit with National 3-D Sound
logo
NTE Electronics
NTE1576 NTE-NTE1576 Datasheet
23Kb / 3P
   Integrated Circuit Dual Volume Control/Balance/Tone
NTE15029 NTE-NTE15029 Datasheet
24Kb / 3P
   Integrated Circuit 2 Channel Tone/DC Volume/Balance Control Circuit
NTE1780 NTE-NTE1780 Datasheet
27Kb / 3P
   Integrated Circuit 2 Channel Tone/DC Volume/Balance Control Circuit
logo
Toshiba Semiconductor
TA7630P TOSHIBA-TA7630P Datasheet
362Kb / 10P
   DUAL VOLUME/BALANCE/TONE (BASS/BREBLE) DC CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com