Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4548 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM4548
Description  AC 97 Rev 2 Codec with Sample Rate Conversion
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4548 Datasheet(HTML) 2 Page - Texas Instruments

  LM4548 Datasheet HTML 1Page - Texas Instruments LM4548 Datasheet HTML 2Page - Texas Instruments LM4548 Datasheet HTML 3Page - Texas Instruments LM4548 Datasheet HTML 4Page - Texas Instruments LM4548 Datasheet HTML 5Page - Texas Instruments LM4548 Datasheet HTML 6Page - Texas Instruments LM4548 Datasheet HTML 7Page - Texas Instruments LM4548 Datasheet HTML 8Page - Texas Instruments LM4548 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
OBSOLETE
LM4548
SNOS441C – FEBRUARY 1999 – REVISED APRIL 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1) (2)
Supply Voltage
6.0V
Storage Temperature
−40°C to +150°C
Input Voltage
−0.3V to VDD +0.3V
ESD Susceptibility (3)
2500V
pins 27, 28
1500V
pin 3
750V
ESD Susceptibility (4)
200V
pin 3
100V
Junction Temperature
150°C
Soldering Information
TQFP Package
Vapor Phase (60 sec.)
215°C
Infrared (15 sec.)
220°C
θJA (typ)—LQFP
74°C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not ensured for parameters where no limit is given, however, the typical value is a good indication
of device performance.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
Human body model, 100 pF discharged through a 1.5 k
Ω resistor.
(4)
Machine Model, 220 pF–240 pF discharged through all pins.
OPERATING RATINGS
Temperature Range
TMIN ≤ TA ≤ TMAX
−40°C ≤ TA ≤ 85°C
Analog Supply Range
4.2V
≤ AVDD ≤ 5.5V
Digital Supply Range
3.0V
≤ DVDD ≤ 5.5V
ELECTRICAL CHARACTERISTICS
(1) (2)
The following specifications apply for AVDD = 5V, DVDD = 5V, Fs = 48kHz, single codec configuration, unless otherwise noted.
Limits apply for TA= 25°C. The reference for 0dB is 1Vrms unless otherwise specified.
LM4548
Units
Symbol
Parameter
Conditions
Typical
Limit
(Limits)
(3)
(4)
4.2
V (min)
AVDD
Analog Supply Range
5.5
V (max)
3.0
V (min)
DVDD
Digital Supply Range
5.5
V (max)
Digital Quiescent Power Supply Current
DVDD = 5V
43
mA
DIDD
DVDD = 3.3V
20
mA
(1)
All voltages are measured with respect to the ground pin, unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not ensured for parameters where no limit is given, however, the typical value is a good indication
of device performance.
(3)
Typicals are measured at 25°C and represent the parametric norm.
(4)
Limits are specified to AOQL (Average Outgoing Quality Level).
2
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM4548


Similar Part No. - LM4548

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4548 NSC-LM4548 Datasheet
322Kb / 18P
   AC ??7 Rev 2 Codec with Sample Rate Conversion and National 3D Sound
LM4548A NSC-LM4548A Datasheet
534Kb / 28P
   AC ??7 Rev 2 Multi-Channel Audio Codec with Sample Rate Conversion and National 3D Sound
logo
Texas Instruments
LM4548A TI1-LM4548A Datasheet
676Kb / 34P
[Old version datasheet]   AC 97 Rev 2 Multi-Channel Audio Codec
logo
National Semiconductor ...
LM4548AVH NSC-LM4548AVH Datasheet
534Kb / 28P
   AC ??7 Rev 2 Multi-Channel Audio Codec with Sample Rate Conversion and National 3D Sound
LM4548VH NSC-LM4548VH Datasheet
322Kb / 18P
   AC ??7 Rev 2 Codec with Sample Rate Conversion and National 3D Sound
More results

Similar Description - LM4548

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4546 NSC-LM4546_09 Datasheet
1Mb / 18P
   AC 97 Rev 2 Codec with Sample Rate Conversion and National 3D Sound
LM4546A NSC-LM4546A Datasheet
1Mb / 28P
   AC 97 Rev 2 Multi-Channel Audio Codec with Sample Rate Conversion and National 3D Sound
logo
Texas Instruments
LM4546B TI1-LM4546B Datasheet
1Mb / 37P
[Old version datasheet]   LM4546B AC 97 Rev 2 Multi-Channel Audio Codec with Sample Rate Conversion and Texas Instruments 3D Sound
logo
National Semiconductor ...
LM4546 NSC-LM4546 Datasheet
308Kb / 18P
   AC ??7 Rev 2 Codec with Sample Rate Conversion and National 3D Sound
logo
Texas Instruments
LM4546 TI1-LM4546 Datasheet
451Kb / 22P
[Old version datasheet]   AC 97 Rev 2 Codec
logo
National Semiconductor ...
LM4548 NSC-LM4548 Datasheet
322Kb / 18P
   AC ??7 Rev 2 Codec with Sample Rate Conversion and National 3D Sound
LM4549A NSC-LM4549A Datasheet
528Kb / 28P
   AC ??7 Rev 2.1 Codec with Sample Rate Conversion and National 3D Sound
LM4549 NSC-LM4549 Datasheet
324Kb / 18P
   AC ??7 Rev 2.1 Codec with Sample Rate Conversion and National 3D Sound
LM4550B NSC-LM4550B Datasheet
998Kb / 31P
   AC 97 Rev 2.1 Multi-Channel Audio Codec with Stereo Headphone Amplifier, Sample Rate Conversion and National 3D Sound
LM4548A NSC-LM4548A Datasheet
534Kb / 28P
   AC ??7 Rev 2 Multi-Channel Audio Codec with Sample Rate Conversion and National 3D Sound
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com