Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4546A Datasheet(PDF) 5 Page - Texas Instruments

Part # LM4546A
Description  AC 97 Rev 2 Multi-Channel Audio Codec
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4546A Datasheet(HTML) 5 Page - Texas Instruments

  LM4546A Datasheet HTML 1Page - Texas Instruments LM4546A Datasheet HTML 2Page - Texas Instruments LM4546A Datasheet HTML 3Page - Texas Instruments LM4546A Datasheet HTML 4Page - Texas Instruments LM4546A Datasheet HTML 5Page - Texas Instruments LM4546A Datasheet HTML 6Page - Texas Instruments LM4546A Datasheet HTML 7Page - Texas Instruments LM4546A Datasheet HTML 8Page - Texas Instruments LM4546A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
OBSOLETE
LM4546A
www.ti.com
SNOS991E – NOVEMBER 2002 – REVISED APRIL 2013
ELECTRICAL CHARACTERISTICS
(1)(2)
(continued)
The following specifications apply for AVDD = 5V, DVDD = 5V, Sampling Frequency (Fs) = 48 kHz, single codec configuration,
unless otherwise noted. Limits apply for TA= 25°C. The reference for 0 dB is 1 Vrms unless otherwise specified.
LM4546A
Units
Symbol
Parameter
Conditions
(Limits)
Typical(3)
Limit(4)
0.20 x
VOL
Low level output voltage
V (max)
DVDD
IL
Input Leakage Current
AC Link inputs
±10
µA
IL
Tri state Leakage Current
High impedance AC Link outputs
±10
µA
IDR
Output drive current
AC Link outputs
5
mA
Digital Timing Specifications(7)
FBC
BIT_CLK frequency
12.288
MHz
TBCP
BIT_CLK period
81.4
ns
TCH
BIT_CLK high
Variation of BIT_CLK duty cycle from 50%
±20
% (max)
FSYNC
SYNC frequency
48
kHz
TSP
SYNC period
20.8
µs
TSH
SYNC high pulse width
1.3
µs
TSL
SYNC low pulse width
19.5
µs
TDSETUP
Setup Time for codec data input
SDATA_OUT to falling edge of BIT_CLK
15
ns (min)
Hold time of SDATA_OUT from falling edge
TDHOLD
Hold Time for codec data input
5
ns (min)
of BIT_CLK
TSSETUP
Setup Time for codec SYNC input
SYNC to rising edge of BIT_CLK
TBD
ns (min)
Hold time of SYNC from rising edge of
TSHOLD
Hold Time for codec SYNC input
TBD
ns (min)
BIT_CLK
Output Delay of SDATA_IN from rising
TCO
Output Valid Delay
TBD
15
ns (max)
edge of BIT_CLK
BIT_CLK, SYNC, SDATA_IN or
TRISE
Rise Time
6
ns (max)
SDATA_OUT
BIT_CLK, SYNC, SDATA_IN or
TFALL
Fall Time
6
ns (max)
SDATA_OUT
TRST_LOW
RESET# active low pulse width
For Cold Reset
1.0
µs (min)
TRST2CLK
RESET# inactive to BIT_CLK start up
For Cold Reset
TBD
162.8
ns (min)
TSH
SYNC active high pulse width
For Warm Reset
1.3
TBD
µs (min)
TSYNC2CLK
SYNC inactive to BIT_CLK start up
For Warm Reset
TBD
162.8
ns (min)
Delay from end of Slot 2 to BIT_CLK,
TS2_PDOWN
AC Link Power Down Delay
1
µs (max)
SDATA_IN low
Time from minimum valid supply levels to
TSUPPLY2RST
Power On Reset
1
µs (min)
end of Reset
TSU2RST
Setup to trailing edge of RESET#
For ATE Test Mode
15
ns (min)
TRST2HZ
Rising edge of RESET# to Hi-Z
For ATE Test Mode
25
ns (max)
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM4546A


Similar Part No. - LM4546A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4546A NSC-LM4546A Datasheet
1Mb / 28P
   AC 97 Rev 2 Multi-Channel Audio Codec with Sample Rate Conversion and National 3D Sound
LM4546AVH NSC-LM4546AVH Datasheet
1Mb / 28P
   AC 97 Rev 2 Multi-Channel Audio Codec with Sample Rate Conversion and National 3D Sound
More results

Similar Description - LM4546A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4548A TI1-LM4548A Datasheet
676Kb / 34P
[Old version datasheet]   AC 97 Rev 2 Multi-Channel Audio Codec
LM4549A TI1-LM4549A Datasheet
434Kb / 35P
[Old version datasheet]   AC 97 Rev 2.1 Multi-Channel Audio Codec
LM4550BVHX TI1-LM4550BVHX Datasheet
1Mb / 43P
[Old version datasheet]   LM4550B AC 97 Rev 2.1 Multi-Channel Audio Codec
LM4546 TI1-LM4546 Datasheet
451Kb / 22P
[Old version datasheet]   AC 97 Rev 2 Codec
logo
List of Unclassifed Man...
ES1921 ETC-ES1921 Datasheet
125Kb / 4P
   AC 97 Rev 2.1 Audio CODEC
logo
National Semiconductor ...
LM4546A NSC-LM4546A Datasheet
1Mb / 28P
   AC 97 Rev 2 Multi-Channel Audio Codec with Sample Rate Conversion and National 3D Sound
logo
Wolfson Microelectronic...
WM9714L WOLFSON-WM9714L_06 Datasheet
1Mb / 94P
   AC 97 Audio CODEC
logo
Texas Instruments
LM4548 TI1-LM4548 Datasheet
570Kb / 21P
[Old version datasheet]   AC 97 Rev 2 Codec with Sample Rate Conversion
LM4546B TI1-LM4546B Datasheet
1Mb / 37P
[Old version datasheet]   LM4546B AC 97 Rev 2 Multi-Channel Audio Codec with Sample Rate Conversion and Texas Instruments 3D Sound
logo
Wolfson Microelectronic...
WM9713 WOLFSON-WM9713 Datasheet
1Mb / 111P
   AC 97 AUDIO TOUCHPANEL CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com