Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2476 Datasheet(PDF) 10 Page - Texas Instruments

Part # LM2476
Description  Monolithic Triple Channel 6.5 ns High Gain CRT Driver and Bias Clamp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2476 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM2476 Datasheet HTML 6Page - Texas Instruments LM2476 Datasheet HTML 7Page - Texas Instruments LM2476 Datasheet HTML 8Page - Texas Instruments LM2476 Datasheet HTML 9Page - Texas Instruments LM2476 Datasheet HTML 10Page - Texas Instruments LM2476 Datasheet HTML 11Page - Texas Instruments LM2476 Datasheet HTML 12Page - Texas Instruments LM2476 Datasheet HTML 13Page - Texas Instruments LM2476 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
30 ns/DIV
RTH =
100°C - 70°C
6W
= 5°C/W
OBSOLETE
LM2476
SNOSAH7B – JANUARY 2004 – REVISED APRIL 2013
www.ti.com
The LM2476 case temperature must be maintained below 100°C. If the maximum expected ambient temperature
is 70°C and the maximum power dissipation is about 6W (from Figure 10, 95 MHz bandwidth), then a maximum
heat sink thermal resistance can be calculated:
(1)
PACKAGE MOUNTING CONSIDERATIONS
Mounting of the TO-220 package to a heat sink must be done such that there is sufficient pressure from the
mounting screws to insure good contact with the heat sink for efficient heat flow. The surface of the heat sink
should be free of contaminants before mounting to insure good contact. Incorrect mounting may lead to both
thermal and mechanical problems. Over tightening the mounting screws will cause the package to warp,
reducing contact area with the heat sink. Less contact with the heat sink will increase the thermal resistance from
the package case to the heat sink (
θCS) resulting in higher operating die temperatures. Extreme over tightening of
the mounting screws will cause severe physical stress resulting in a cracked or chipped package and possible
catastrophic IC failure.
The recommended mounting screw size is M3 with a maximum torque of 50 N-cm. It is best to use fiber washers
under the screws to distribute the force over a wider area. Additionally, if the mounting screws are used to force
the package into correct alignment with the heat sink, package stress will be increased. This increase in package
stress will result in reduced contact area with the heat sink increasing die operating temperature and possible
catastrophic IC failure.
TYPICAL APPLICATION
A typical application of the LM2476 is shown in Figure 13. Used in conjunction with an LM123X/4X preamplfier, a
complete video channel from monitor input to CRT cathode can be achieved. Performance is ideal for 1024 x
768 resolution displays with pixel clock frequencies up to 95 MHz. Please see the next two sections below for
hints on how to properly evaluate the LM123X/4X and LM2476 combination in a monitor. Figure 12 shows the
typical cathode response for this application. The peaking component values used are shown in Figure 11 and
Figure 13.
40VP-P (35V – 75V)
Figure 12. Typical Cathode Response
10
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM2476


Similar Part No. - LM2476

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2476 NSC-LM2476 Datasheet
1Mb / 12P
   Monolithic Triple Channel 6.5 ns High Gain CRT Driver and Bias Clamp
More results

Similar Description - LM2476

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2476 NSC-LM2476 Datasheet
1Mb / 12P
   Monolithic Triple Channel 6.5 ns High Gain CRT Driver and Bias Clamp
LM2465 NSC-LM2465 Datasheet
425Kb / 12P
   Monolithic Triple 5.5 ns High Gain CRT Driver
LM2470 NSC-LM2470 Datasheet
841Kb / 14P
   Monolithic Triple 7.0 ns CRT Driver
LM2405 NSC-LM2405 Datasheet
191Kb / 7P
   Monolithic Triple 7 ns CRT Driver
LM2415 NSC-LM2415 Datasheet
459Kb / 10P
   Monolithic Triple 5.5 ns CRT Driver
LM2439 NSC-LM2439 Datasheet
527Kb / 9P
   Monolithic Triple 9.5 ns CRT Driver
LM2402 NSC-LM2402 Datasheet
816Kb / 11P
   Monolithic Triple 3 ns CRT Driver
LM2412 NSC-LM2412 Datasheet
815Kb / 11P
   Monolithic Triple 2.8 ns CRT Driver
logo
Texas Instruments
LM2445 TI1-LM2445 Datasheet
1Mb / 15P
[Old version datasheet]   Monolithic Triple 7.5 ns CRT Driver
logo
National Semiconductor ...
LM2412A NSC-LM2412A Datasheet
818Kb / 11P
   Monolithic Triple 2.8 ns CRT Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com