Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2476 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM2476
Description  Monolithic Triple Channel 6.5 ns High Gain CRT Driver and Bias Clamp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2476 Datasheet(HTML) 5 Page - Texas Instruments

  LM2476 Datasheet HTML 1Page - Texas Instruments LM2476 Datasheet HTML 2Page - Texas Instruments LM2476 Datasheet HTML 3Page - Texas Instruments LM2476 Datasheet HTML 4Page - Texas Instruments LM2476 Datasheet HTML 5Page - Texas Instruments LM2476 Datasheet HTML 6Page - Texas Instruments LM2476 Datasheet HTML 7Page - Texas Instruments LM2476 Datasheet HTML 8Page - Texas Instruments LM2476 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
8
10
12
14
16
18
20
LOAD CAPACITANCE (pF)
4.0
5.0
6.0
7.0
8.0
9.0
10.0
tR
tF
40
50
60
70
80
90
100
CASE TEMPERATURE (°C)
5.5
6.0
6.5
7.0
7.5
tR
tF
50 51 52 53 54 55 56 57 58 59 60
5.00
5.25
5.50
5.75
6.00
6.25
6.50
6.75
7.00
7.25
7.50
OFFSET VOLTAGE (VDC)
tR
tF
30 ns/DIV
0
1
2
3
4
5
0
10
20
30
40
50
60
70
80
90
100
VIND (V)
0
1
2
3
4
5
0
10
20
30
40
50
60
70
80
90
100
VINC (V)
OBSOLETE
LM2476
www.ti.com
SNOSAH7B – JANUARY 2004 – REVISED APRIL 2013
TYPICAL PERFORMANCE CHARACTERISTICS
(VCC = 85V, VBB = 8V, CL = 8 pF, VOUTD = 40VP-P (35V − 75V), VINC = 2.35V, Test Circuit - Figure 3 unless otherwise specified)
VOUTD vs VIND
VOUTC vs VINC
Figure 4.
Figure 5.
LM2476 Pulse Response
Speed vs Offset
Figure 6.
Figure 7.
Speed vs Load Capacitance
Speed vs Temperature
Figure 8.
Figure 9.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM2476


Similar Part No. - LM2476

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2476 NSC-LM2476 Datasheet
1Mb / 12P
   Monolithic Triple Channel 6.5 ns High Gain CRT Driver and Bias Clamp
More results

Similar Description - LM2476

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2476 NSC-LM2476 Datasheet
1Mb / 12P
   Monolithic Triple Channel 6.5 ns High Gain CRT Driver and Bias Clamp
LM2465 NSC-LM2465 Datasheet
425Kb / 12P
   Monolithic Triple 5.5 ns High Gain CRT Driver
LM2470 NSC-LM2470 Datasheet
841Kb / 14P
   Monolithic Triple 7.0 ns CRT Driver
LM2405 NSC-LM2405 Datasheet
191Kb / 7P
   Monolithic Triple 7 ns CRT Driver
LM2415 NSC-LM2415 Datasheet
459Kb / 10P
   Monolithic Triple 5.5 ns CRT Driver
LM2439 NSC-LM2439 Datasheet
527Kb / 9P
   Monolithic Triple 9.5 ns CRT Driver
LM2402 NSC-LM2402 Datasheet
816Kb / 11P
   Monolithic Triple 3 ns CRT Driver
LM2412 NSC-LM2412 Datasheet
815Kb / 11P
   Monolithic Triple 2.8 ns CRT Driver
logo
Texas Instruments
LM2445 TI1-LM2445 Datasheet
1Mb / 15P
[Old version datasheet]   Monolithic Triple 7.5 ns CRT Driver
logo
National Semiconductor ...
LM2412A NSC-LM2412A Datasheet
818Kb / 11P
   Monolithic Triple 2.8 ns CRT Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com