Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2470 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM2470
Description  Monolithic Triple 7.0 ns High Swing CRT Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2470 Datasheet(HTML) 3 Page - Texas Instruments

  LM2470 Datasheet HTML 1Page - Texas Instruments LM2470 Datasheet HTML 2Page - Texas Instruments LM2470 Datasheet HTML 3Page - Texas Instruments LM2470 Datasheet HTML 4Page - Texas Instruments LM2470 Datasheet HTML 5Page - Texas Instruments LM2470 Datasheet HTML 6Page - Texas Instruments LM2470 Datasheet HTML 7Page - Texas Instruments LM2470 Datasheet HTML 8Page - Texas Instruments LM2470 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
+80V
+12V
4
C = 8 pF
100
2490
10 PF
0.1 PF
+
8
6,7,9
LM2470
1,2,3
10 PF
0.1 PF
VADJ
50
1000
0.47 PF
0.01 PF
VIN
5
Test Point
0.1 PF
2490
50
Output to
50: Scope
Compensation
Cap
Input
from Signal
Generator
OBSOLETE
LM2470
www.ti.com
SNOSAA3B – APRIL 2004 – REVISED APRIL 2013
Electrical Characteristics
(See Figure 3 for Test Circuit) Unless otherwise noted: VCC = +85V, VBB = +8V, CL = 8 pF, TC = 50°C
DC Tests: VIN = 2.35VDC, AC Tests: Output = 40VPP(35V - 75V) at 1MHz
LM2470
Symbol
Parameter
Conditions
Units
Min
Typical
Max
ICC
Supply Current
All Three Channels, No Input Signal, No
32
mA
Output Load
IBB
Bias Current
All Three Channels
20
mA
VOUT
DC Output Voltage
No AC Input Signal, VIN = 1.10V
74
78
82
VDC
AV
DC Voltage Gain
No AC Input Signal
−24
−27
−30
ΔAV
Gain Matching
See(1), No AC Input Signal
1.0
dB
LE
Linearity Error
See(1)(2), No AC Input Signal
5
%
tR (40VPP)
Rise Time, 35V to 75V
See(3), 10% to 90%
7.0
ns
tF (40VPP)
Fall Time, 35V to 75V
See(3), 90% to 10%
7.0
ns
OS (40VPP)
Overshoot, 35V to 75V
See(3)
1
%
tR (60VPP)
Rise Time, 15V to 75V
See(3), 10% to 90%
7.5
ns
tF (60VPP)
Fall Time, 15V to 75V
See(3), 90% to 10%
7.5
ns
OS (60VPP)
Overshoot, 15V to 75V
See(3)
5
%
(1)
Calculated value from Voltage Gain test on each channel.
(2)
Linearity Error is the variation in dc gain from VIN = 1.0V to VIN = 3.5V.
(3)
Input from signal generator: tr, tf < 1 ns.
AC Test Circuit
Note: 8 pF load includes parasitic capacitance.
Figure 3. Test Circuit (One Channel)
Figure 3 shows a typical test circuit for evaluation of the LM2470. This circuit is designed to allow testing of the
LM2470 in a 50
Ω environment without the use of an expensive FET probe. The two 2490Ω resistors form a
200:1 divider with the 50
Ω resistor and the oscilloscope. A test point is included for easy use of an oscilloscope
probe. The compensation capacitor is used to compensate the stray capacitance of the two 2490
Ω resistors to
achieve flat frequency response.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM2470


Similar Part No. - LM2470

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2470 NSC-LM2470 Datasheet
841Kb / 14P
   Monolithic Triple 7.0 ns CRT Driver
LM2470TA NSC-LM2470TA Datasheet
841Kb / 14P
   Monolithic Triple 7.0 ns CRT Driver
More results

Similar Description - LM2470

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2470 NSC-LM2470 Datasheet
841Kb / 14P
   Monolithic Triple 7.0 ns CRT Driver
LM2471 NSC-LM2471 Datasheet
663Kb / 10P
   Monolithic Triple 4 ns High Swing CRT Driver
LM2460 NSC-LM2460 Datasheet
951Kb / 11P
   Monolithic Triple Channel High Swing CRT Driver
logo
Texas Instruments
LM2460 TI1-LM2460 Datasheet
2Mb / 13P
[Old version datasheet]   Monolithic Triple Channel High Swing CRT Driver
logo
National Semiconductor ...
LM2405 NSC-LM2405 Datasheet
191Kb / 7P
   Monolithic Triple 7 ns CRT Driver
LM2415 NSC-LM2415 Datasheet
459Kb / 10P
   Monolithic Triple 5.5 ns CRT Driver
LM2439 NSC-LM2439 Datasheet
527Kb / 9P
   Monolithic Triple 9.5 ns CRT Driver
LM2402 NSC-LM2402 Datasheet
816Kb / 11P
   Monolithic Triple 3 ns CRT Driver
LM2412 NSC-LM2412 Datasheet
815Kb / 11P
   Monolithic Triple 2.8 ns CRT Driver
logo
Texas Instruments
LM2445 TI1-LM2445 Datasheet
1Mb / 15P
[Old version datasheet]   Monolithic Triple 7.5 ns CRT Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com