Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2460 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM2460
Description  Monolithic Triple Channel High Swing CRT Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2460 Datasheet(HTML) 3 Page - Texas Instruments

  LM2460 Datasheet HTML 1Page - Texas Instruments LM2460 Datasheet HTML 2Page - Texas Instruments LM2460 Datasheet HTML 3Page - Texas Instruments LM2460 Datasheet HTML 4Page - Texas Instruments LM2460 Datasheet HTML 5Page - Texas Instruments LM2460 Datasheet HTML 6Page - Texas Instruments LM2460 Datasheet HTML 7Page - Texas Instruments LM2460 Datasheet HTML 8Page - Texas Instruments LM2460 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
OBSOLETE
LM2460
www.ti.com
SNOSA92B – JUNE 2002 – REVISED APRIL 2013
ELECTRICAL CHARACTERISTICS
(See Figure 3 for Test Circuit)
Unless otherwise noted: VCC = +120V, VBB = +8V, CL = 8 pF, TC = 50°C
DC Tests: VIN = +2.2 VDC
AC Tests: Output = 60 VP-P (45V − 105V) at 1 MHz
LM2460
Symbol
Parameter
Conditions
Units
Min
Typ
Max
ICC
Supply Current
All Three Channels, No Video
35
45
mA
Input, No Output Load
IBB
Bias Current
All Three Channels
15
25
mA
VOUT, 1
DC Output Voltage
No AC Input Signal, VIN = 2.2 VDC
73
78
83
VDC
VOUT, 2
DC Output Voltage
No AC Input Signal, VIN = 1.2 VDC
104
109
114
VDC
AV
DC Voltage Gain
No AC Input Signal
−28
−32
−34
V/V
ΔAV
Gain Matching
See(1), No AC Input Signal
1.0
dB
LE
Linearity Error
See(1)(2), No AC Input Signal
10
%
tr (60 VP-P)
Rise Time, 45V to 105V
See(3), 10% to 90%
8.0
ns
tf (60 VP-P)
Fall Time, 45V to 105V
See(3), 90% to 10%
11.5
ns
tr (40 VP-P)
Rise Time, 65V to 105V
See(3), 10% to 90%
7.7
ns
tf (40 VP-P)
Fall Time, 65V to 105V
See(3), 90% to 10%
9.5
ns
OS
Overshoot
See(3)
5
%
(1)
Calculated value from Voltage Gain test on each channel.
(2)
Linearity Error is the variation in dc gain from VIN = 1.1V to VIN = 3.8V.
(3)
Input from signal generator: tr, tf < 1 ns.
AC TEST CIRCUIT
Figure 3. Test Circuit (One Channel)
Figure 3 shows a typical test circuit for evaluation of the LM2460. This circuit is designed to allow testing of the
LM2460 in a 50
Ω environment without the use of an expensive FET probe. The two 4990Ω resistors form a
200:1 divider with the 50
Ω resistor and the oscilloscope. A test point is included for easy use of an oscilloscope
probe. The compensation capacitor is used to compensate the stray capacitance of the two 4990
Ω resistors to
achieve flat frequency response.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM2460


Similar Part No. - LM2460

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2460 NSC-LM2460 Datasheet
951Kb / 11P
   Monolithic Triple Channel High Swing CRT Driver
LM2460TA NSC-LM2460TA Datasheet
951Kb / 11P
   Monolithic Triple Channel High Swing CRT Driver
More results

Similar Description - LM2460

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2460 NSC-LM2460 Datasheet
951Kb / 11P
   Monolithic Triple Channel High Swing CRT Driver
logo
Texas Instruments
LM2470 TI1-LM2470 Datasheet
943Kb / 13P
[Old version datasheet]   Monolithic Triple 7.0 ns High Swing CRT Driver
logo
National Semiconductor ...
LM2471 NSC-LM2471 Datasheet
663Kb / 10P
   Monolithic Triple 4 ns High Swing CRT Driver
logo
Texas Instruments
LM2422TE TI1-LM2422TE Datasheet
846Kb / 15P
[Old version datasheet]   Monolithic Triple Channel 30 MHz CRT DTV Driver
logo
National Semiconductor ...
LM2470 NSC-LM2470 Datasheet
841Kb / 14P
   Monolithic Triple 7.0 ns CRT Driver
LM2405 NSC-LM2405 Datasheet
191Kb / 7P
   Monolithic Triple 7 ns CRT Driver
LM2415 NSC-LM2415 Datasheet
459Kb / 10P
   Monolithic Triple 5.5 ns CRT Driver
LM2439 NSC-LM2439 Datasheet
527Kb / 9P
   Monolithic Triple 9.5 ns CRT Driver
LM2402 NSC-LM2402 Datasheet
816Kb / 11P
   Monolithic Triple 3 ns CRT Driver
LM2412 NSC-LM2412 Datasheet
815Kb / 11P
   Monolithic Triple 2.8 ns CRT Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com