Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2432 Datasheet(PDF) 10 Page - Texas Instruments

Part # LM2432
Description  Monolithic Single Channel 37 MHz HDTV CRT Driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2432 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM2432 Datasheet HTML 6Page - Texas Instruments LM2432 Datasheet HTML 7Page - Texas Instruments LM2432 Datasheet HTML 8Page - Texas Instruments LM2432 Datasheet HTML 9Page - Texas Instruments LM2432 Datasheet HTML 10Page - Texas Instruments LM2432 Datasheet HTML 11Page - Texas Instruments LM2432 Datasheet HTML 12Page - Texas Instruments LM2432 Datasheet HTML 13Page - Texas Instruments LM2432 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
+
+
RIK
VIK
RD
VCC
VBB
IK, R
VIN
VOUT
KR
To IK interface
circuit or RGB
SURFHVVRU¶V ,.
voltage input
DPROT
IK current from
other two LM2432s
IK, R + IK, G
OBSOLETE
LM2432
SNOSAL4E – MARCH 2005 – REVISED APRIL 2013
www.ti.com
CATHODE CURRENT OUTPUT FOR IK FEEDBACK SYSTEMS
IK Feedback Systems
IK feedback was developed to accurately bias the CRT and continuously calibrate it to the correct cut-off and/or
drive levels over the useful life of the CRT. RGB video processors that use IK feedback to automatically adjust
only cut-off, or black level, are realized by a 1-point calibration system. A few trade names for this system are
Auto Kine Bias (AKB) and Black Current Stabilization (BCS). RGB processors that can automatically adjust both
cut-off and drive, or white level, are realized by a 2-point calibration system. This is commonly known as
Continuous Cathode Calibration (CCC). For convenience, some 2-point RGB processors may be programmed to
1-point operation if drive calibration is not required. The LM2432 is compatible with both 1- and 2-point systems.
To be compatible with various RGB processors, an interface circuit may be needed in the feedback path between
the LM2432 IK output and the processor's IK input. This feedback circuit depends on the RGB processor and
feedback topology (voltage or current) used. Because each processor has its own IK input signal and topology
requirements, it is outside the scope of this data sheet to describe each feedback circuit in detail. For more
information, please refer to the RGB processor data sheet or contact your local TI Sales Office with your specific
application requirements.
Feedback Topologies
RGB processors that use voltage feedback require the LM2432 IK current to be converted to voltage via a
resistor (RIK) to ground. This IK voltage, VIK, will be fed back to the IK input of the RGB processor through an
interface circuit, which will be AC or DC coupled depending on the processor's IK input requirement. For proper
feedback operation, some processors may require an emitter follower to isolate the IK input from the high
impedance of the resistor. During the closed-loop IK measurement interval, the IK input voltage will be sampled
and compared with the processor's internal reference voltage to automatically calibrate the video levels for the
next field. The value of RIK is crucial, since it establishes the IK voltage and consequently, the operating point of
the CRT. Once a stable operating point is established with a properly chosen resistor, this point can be fine-
tuned using the adjustment range of the processor's RGB cut-off and/or gain controls via the I2C-bus. After the IK
measurement interval (usually at the end of blanking), normal video will resume and high currents will flow out of
the IK output. These high video currents will produce large IK voltages across the resistor that can exceed the
maximum voltage rating for VIK. Therefore, it is recommended to use a high-speed diode (DPROT) to clamp the
LM2432 IK output to a safe level (preferably VBB or a lower supply). If a zener diode is used instead, it may be
necessary for the RGB processor to have IK leakage compensation for the leakage current attributed to the
zener. Lastly, it is possible to use a single RIK resistor to set the IK voltage for all three LM2432s. See a
simplified voltage feedback interface circuit in Figure 14.
Figure 14. Simplified IK Interface for Voltage Feedback Systems
RGB processors that use current feedback do not require voltage conversion. The LM2432 IK current can be
fed back directly to the IK input of the RGB processor, although some protection circuitry will be needed to
protect the RGB processor and LM2432. During the closed-loop IK measurement interval, the voltage of the RGB
processor's IK pin will be internally clamped, and the IK current will be sampled and compared with the
processor's internal reference current to calibrate the video levels. The operating point of the CRT can be fine-
tuned using the adjustment range of the processor's RGB cut-off and/or gain controls via the I2C-bus. When
10
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM2432


Similar Part No. - LM2432

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2432 NSC-LM2432 Datasheet
859Kb / 13P
   220V Monolithic Single Channel 37 MHz HDTV CRT Driver
LM2432TE NSC-LM2432TE Datasheet
859Kb / 13P
   220V Monolithic Single Channel 37 MHz HDTV CRT Driver
More results

Similar Description - LM2432

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2432 NSC-LM2432 Datasheet
859Kb / 13P
   220V Monolithic Single Channel 37 MHz HDTV CRT Driver
logo
Texas Instruments
LM2459 TI1-LM2459 Datasheet
2Mb / 14P
[Old version datasheet]   Monolithic Single Channel 15 MHz DTV CRT Driver
logo
National Semiconductor ...
LM2459 NSC-LM2459 Datasheet
578Kb / 11P
   Monolithic Single Channel 15 MHz DTV CRT Driver
LM2433 NSC-LM2433 Datasheet
914Kb / 13P
   220V Monolithic Single Channel 16 MHz EDTV CRT Driver
logo
Texas Instruments
LM2422TE TI1-LM2422TE Datasheet
846Kb / 15P
[Old version datasheet]   Monolithic Triple Channel 30 MHz CRT DTV Driver
logo
National Semiconductor ...
LM2421 NSC-LM2421 Datasheet
998Kb / 13P
   Monolithic Triple Channel HDTV Driver
LM2423 NSC-LM2423_06 Datasheet
1Mb / 11P
   220V Monolithic Triple Channel 15 MHz CRT DTV Driver
LM2425 NSC-LM2425 Datasheet
1Mb / 11P
   220V Monolithic Triple Channel 10 MHz CRT DTV Driver
LM2422TE NSC-LM2422TE Datasheet
1Mb / 13P
   220V Monolithic Triple Channel 30 MHz CRT DTV Driver
LM2422_0505 NSC-LM2422_0505 Datasheet
602Kb / 8P
   220V Monolithic Triple Channel 30 MHz CRT DTV Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com