Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM1229 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM1229
Description  Compatible CMOS TV RGB and Deflection Processor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM1229 Datasheet(HTML) 5 Page - Texas Instruments

  LM1229 Datasheet HTML 1Page - Texas Instruments LM1229 Datasheet HTML 2Page - Texas Instruments LM1229 Datasheet HTML 3Page - Texas Instruments LM1229 Datasheet HTML 4Page - Texas Instruments LM1229 Datasheet HTML 5Page - Texas Instruments LM1229 Datasheet HTML 6Page - Texas Instruments LM1229 Datasheet HTML 7Page - Texas Instruments LM1229 Datasheet HTML 8Page - Texas Instruments LM1229 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
OBSOLETE
LM1229
www.ti.com
SNOSAH0D – MARCH 2005 – REVISED APRIL 2013
Video Signal Electrical Characteristics (continued)
Unless otherwise noted: TA = 25°C, VCC = +5.0V, VIN = 0.70 VP-P, VABL = VCC, CL = 10 pF, Video Outputs = 2.4 VP-P
(1)(2)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
AV 2.5/AV MAX
ABL Gain Reduction at VABL = 2.5V
AC input signal(9)
−5.8
dB
IABL ACTIVE
ABL input bias current during ABL.
AC input signal. VABL = 2.5V
(9)
10
µA
IABL MAX
ABL input current sink capability
AC input signal(9)
1.0
mA
AV ABL TRACK
ABL channel to channel gain
Input signal = 0.7 VP-P, ABL voltage set
0
7.5
%
tracking error.
to 4.5V and 3.0V
RIP
Minimum input resistance
20
M
(pins 45, 46, 47)
OSD Electrical Characteristics
Unless otherwise noted: TA = 25°C, VCC = +5.0V
(1) (2)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
DIGITAL MODE
VLOW
Maximum low input voltage,
Enable: video inputs selected
1.0
V
(OSD and Enable)
OSD: OSD black displayed
VHIGH
Minimum high input voltage,
Enable: OSD inputs selected
3.0
V
(OSD and Enable)
OSD: OSD colors displayed
VOSD-11
OSD output amplitude
OSD Enable = 1, OSD Contrast = 11
2.65
V
VOSD-10
OSD output amplitude
OSD Enable = 1, OSD Contrast = 10
2.35
V
VOSD-01
OSD output amplitude
OSD Enable = 1, OSD Contrast = 01
2.15
V
VOSD-00
OSD output amplitude
OSD Enable = 1, OSD Contrast = 00
1.75
V
VOSD-AUX
OSD output amplitude (AUX)
OSD Enable = 1, OSD[5] = 1
3.0
V
ΔVOSD BLACK
Difference between OSD and video
Same channel, contrast and gain =
−85
100
mV
black levels
0x60
ΔVOSD WHITE
OSD Contrast = 11, maximum
Output Match between channels
3
%
difference between R, G and B
VOSD TRACK
Output Variation between channels
OSD contrast varied from max to min
3
%
HTMAX
OSD background video maximum
OSD[3] = 1, OSD TRANS = 0x7F(3)
100
%
level
HTMIN
OSD background video minimum level OSD[3] = 1, OSD TRANS = 0x00(3)
10
%
ANALOG MODE
AV ANALOG OSD
Analog gain from pins 41, 42, 43 to
the video outputs, with input level 0.7
OSD Enable = 1, Gains at maximum
3.75
V/V
VPP
BOTH MODES
ILOW
Low input current (OSD and Enable)
VIN = 0V
−3.0
µA
IHIGH
High input current (OSD and Enable)
VIN = 5V
.001
µA
SEP10 kHz
Crosstalk from video @ 10 kHz
See(4)
−70
dB
SEP10 MHz
Crosstalk from video @ 10 MHz
See(4)
−50
dB
(1)
Datasheet min/max specification limits are specified by design, test, or statistical analysis. The ensured specifications apply only for the
test conditions listed. Some performance characteristics may change when the device is not operated under the listed test conditions.
(2)
Typical specifications are specified at +25°C and represent the most likely parametric norm.
(3)
In the transparency mode, the OSD background consists of video with contrast level determined by the Transparency Register. The
OSD foreground is unaffected.
(4)
Video input = 0.7 VP-P and the OSD Enable is active with the OSD inputs at black. For each video input, in turn, set the specified video
input at the designated frequency and measure the video feedthrough at the video outputs.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM1229


Similar Part No. - LM1229

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1229 NSC-LM1229 Datasheet
973Kb / 27P
   I2C Compatible CMOS TV RGB and Deflection Processor
LM1229VEC NSC-LM1229VEC Datasheet
973Kb / 27P
   I2C Compatible CMOS TV RGB and Deflection Processor
LM1229YA NSC-LM1229YA Datasheet
973Kb / 27P
   I2C Compatible CMOS TV RGB and Deflection Processor
More results

Similar Description - LM1229

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1229 NSC-LM1229 Datasheet
973Kb / 27P
   I2C Compatible CMOS TV RGB and Deflection Processor
logo
Micronas
SDA9380-B21 MICRONAS-SDA9380-B21 Datasheet
403Kb / 72P
   EDDC Enhanced Deflection Controller and RGB Processor
logo
Hitachi Semiconductor
HA11423 HITACHI-HA11423 Datasheet
52Kb / 2P
   Color TV Deflection Signal Processor
logo
Toshiba Semiconductor
TA1317ANG TOSHIBA-TA1317ANG Datasheet
1Mb / 59P
   Deflection Processor IC for TV
TA1317AFG TOSHIBA-TA1317AFG Datasheet
1Mb / 58P
   Deflection Processor IC for TV
logo
STMicroelectronics
STV2102 STMICROELECTRONICS-STV2102 Datasheet
370Kb / 12P
   I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 120 MHz RGB PREAMPLIFIER
STV2001 STMICROELECTRONICS-STV2001 Datasheet
528Kb / 46P
   I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 120 MHz RGB PREAMPLIFIER
logo
Sony Corporation
CXA2025AS SONY-CXA2025AS Datasheet
414Kb / 37P
   Y/C/RGB/Sync/Deflection for Color TV
logo
STMicroelectronics
STV2000 STMICROELECTRONICS-STV2000 Datasheet
265Kb / 38P
   I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 70 MHz RGB PREAMPLIFIER
logo
Sony Corporation
CXA2095S SONY-CXA2095S Datasheet
428Kb / 40P
   Y/C/RGB/Sync/Deflection for Color TV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com