Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS92UT16 Datasheet(PDF) 54 Page - Texas Instruments

Part # DS92UT16
Description  UTOPIA-LVDS Bridge for 1.6 Gbps Bi-directional Data Transfers
Download  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS92UT16 Datasheet(HTML) 54 Page - Texas Instruments

Back Button DS92UT16 Datasheet HTML 50Page - Texas Instruments DS92UT16 Datasheet HTML 51Page - Texas Instruments DS92UT16 Datasheet HTML 52Page - Texas Instruments DS92UT16 Datasheet HTML 53Page - Texas Instruments DS92UT16 Datasheet HTML 54Page - Texas Instruments DS92UT16 Datasheet HTML 55Page - Texas Instruments DS92UT16 Datasheet HTML 56Page - Texas Instruments DS92UT16 Datasheet HTML 57Page - Texas Instruments DS92UT16 Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 111 page
background image
OBSOLETE
DS92UT16
SNOS992E – JANUARY 2002 – REVISED APRIL 2013
www.ti.com
SOFTWARE LOCK—0x00 to 0x01 SLK0 to SLK1
Table 20. SLK0–SLK1(1)(2)(3)
7
6
5
4
3
2
1
0
SLK0 0x00
0
0
0
0
0
0
0
0
SLK1 0x01
0
0
0
0
0
0
0
0
(1)
All configuration and control registers can be read by the processor to determine the status of the
DS92UT16.
(2)
All reserved (register bits for internal use only) and unused (no register) bits will be read as zero and
should be written as zero to ensure future compatibility.
(3)
Writing to read only register bits has no affect.
Type: Read as 0x00
Software Lock: No
Reset Value: 0x00
The Software Lock registers are used to implement a software lock mechanism on configuration and control
registers to prevent spurious software changes to the device which may affect its operation. On reset the
Software Lock is ON. Writes to registers protected by this lock will have no affect. To switch the lock OFF the
following sequence of writes to the SLK registers must occur.
UNLOCK SEQUENCE
1. Write data 0x00 to SLK0.
2. Write data 0xFF to SLK1.
The software lock is now OFF and those registers protected by it can be successfully written to.
To switch the lock back On the following sequence of writes to the SLK registers must occur.
LOCK SEQUENCE
1. Write data 0xDE to SLK0.
2. Write data 0xAD to SLK1.
The software lock is now ON and those registers protected by it cannot be written to.
The order of the writes in each sequence must be followed. However, the sequence does not have to be
contiguous. For instance, the processor can Write data 0xDE to SLK0, then carry out further read/write cycles to
this or another device before completing the LOCK sequence with Write data 0xAD to SLK1.
The full lock or unlock sequence must be completed to take effect.
The status of the Software Lock can be read at any time from the SLOCK bit of the GCS register.
VERSION IDENTIFICATION—0x02 VID
Table 21. VID
7
6
5
4
3
2
1
0
VID[7]
VID[6]
VID[5]
VID[4]
VID[3]
VID[2]
VID[1]
VID[0]
Type: Read only
Software Lock: No
Reset Value:(1)
VID[7:0] Version identification number. NOTE that this is only a proprietary Version number and that the
standard Device ID register is contained in the JTAG TAP controller as described in Test Features.
(1)
The reset value of the VID register will be different for various versions of the device.
54
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: DS92UT16


Similar Part No. - DS92UT16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS92UT16 TI1-DS92UT16 Datasheet
1Mb / 90P
[Old version datasheet]   DS92UT16TUF UTOPIA-LVDS Bridge for 1.6 Gbps Bi-directional Data Transfers
logo
National Semiconductor ...
DS92UT16TUF NSC-DS92UT16TUF Datasheet
1Mb / 86P
   UTOPIA-LVDS Bridge for 1.6 Gbps Bi-directional Data Transfers
DS92UT16TUF NSC-DS92UT16TUF Datasheet
1Mb / 86P
   UTOPIA-LVDS Bridge for 1.6 Gbps Bi-directional Data
logo
Texas Instruments
DS92UT16TUF TI1-DS92UT16TUF Datasheet
1Mb / 90P
[Old version datasheet]   DS92UT16TUF UTOPIA-LVDS Bridge for 1.6 Gbps Bi-directional Data Transfers
More results

Similar Description - DS92UT16

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS92UT16TUF NSC-DS92UT16TUF Datasheet
1Mb / 86P
   UTOPIA-LVDS Bridge for 1.6 Gbps Bi-directional Data Transfers
logo
Texas Instruments
DS92UT16 TI1-DS92UT16 Datasheet
1Mb / 90P
[Old version datasheet]   DS92UT16TUF UTOPIA-LVDS Bridge for 1.6 Gbps Bi-directional Data Transfers
logo
National Semiconductor ...
DS92UT16TUF NSC-DS92UT16TUF Datasheet
1Mb / 86P
   UTOPIA-LVDS Bridge for 1.6 Gbps Bi-directional Data
logo
MRV Communications, Inc...
SFP-8GD-LR MRV-SFP-8GD-LR Datasheet
135Kb / 6P
   8 Gbps Bi-Directional SFP Transceiver
SFP-8GD-SX MRV-SFP-8GD-SX Datasheet
139Kb / 6P
   8 Gbps Bi-Directional SFP Transceiver
logo
Elite Semiconductor Mem...
M53S128324A-2E ESMT-M53S128324A-2E Datasheet
1Mb / 47P
   Bi-directional data strobe (DQS)
logo
Source Photonics, Inc.
SPL-34-GB-BX-CDFM SOURCE-SPL-34-GB-BX-CDFM Datasheet
320Kb / 10P
   1.25Gbps bi-directional data links
logo
Elite Semiconductor Mem...
M53D2561616A-2F ESMT-M53D2561616A-2F Datasheet
709Kb / 47P
   Bi-directional data strobe (DQS)
logo
Leshan Radio Company
LR24C32 LRC-LR24C32 Datasheet
538Kb / 13P
   Bi-directional Data Transfer Protocol
logo
Source Photonics, Inc.
SPL-35-GB-BX-IDFM SOURCE-SPL-35-GB-BX-IDFM Datasheet
291Kb / 10P
   1.25Gbps bi-directional data links
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com