Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TITAN19244 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part No. TITAN19244
Description  Semiconductor Solutions for High Speed Communications and Fiber Optic Applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TITAN19244 Datasheet(HTML) 1 Page - Infineon Technologies AG

  TITAN19244 Datasheet HTML 1Page - Infineon Technologies AG TITAN19244 Datasheet HTML 2Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Titan 19244
P RODUCT
B RIEF
Never
stop
think ing.
Supports BER algorithm for Signal
Fail (SF) and Signal Degrade (SD)
Supports Terminal Loopback and
Facility Loopback
Supports Path REI error counting
and Path RDI monitoring
Supports detection of path
unequipped and payload label
mismatch (Signal Label Mismatch)
Provides four 16-bit LVDS parallel
buses operating at 622 Mbit/s on
the line side for quad STS-192
Compliant with SFI-4 standard on
the Line Side Interface
Provides four 16-bit LVDS parallel
buses at 622 MHz (STS-192
SONET links) on the system side
Supports IEEE1149.1 JTAG testing
Supports a 32-bit MPC860
Motorola microprocessor
interface
Meets ITU G.707, GR-253,
GR-1377, and ANSI T1.105
1413-pin flip-chip BGA package
Applications
SONET/SDH Digital Cross-Connects
SONET/SDH Terminal Multiplexers
Long Haul and Metro Network ADM
Dense Wave Division Multiplexers
SONET/SDH Add/Drop Multiplexers
Multi-Service Provisioning
Platforms
Features
Quad-port STS-192/STM-64
SONET/SDH framer and pointer
processor
Terminates and generates section
and line overhead layer for
STS-192/STM-64
Supports pointer processing at
STS-1 granularity for
STS-192/STM-64
Supports flexible concatenation of
payloads STS-2c, STS-3c, STS-4c,
STS-5c, … STS-12c, … STS-48c, …
STS-192c
Performs frame synchronous
scrambling and de-scrambling of
STS-192
Drops/Inserts section and line
overhead data bytes in the
receive/transmit direction onto an
external bus on both line side &
system side
Drops/Inserts Data
Communications Channel (DCC)
bytes D1-D3, D4-D12 on a serial link
Provides hardware assistance for
APS via K1 & K2 bytes. A separate
APS interrupt port is provided per
port for quad STS-192/STM-64
Supports external timing mode
Detects Severely Errored Framing
(SEF), Loss Of Signal (LOS), Loss
Of Frame (LOF), Loss Of Pointer
(LOP), and Loss Of Clock (LOC)
Monitors Line Alarm Indication
Signal (AIS-L), Line Remote Defect
Indication (RDI-L), and Line
Remote Error Indication (REI-L)
Handles section trace identifier
(J0) and path trace identifier (J1)
processing
Calculates, monitors, and counts
the Section BIP-8 (B1), Line BIP-8N
(B2), and Path BIP-8 (B3) errors
Tit an
1 9 2 44
SONET/SDH Fr amer & P ointer Proc es sor
Semic onductor Solution s for
High Speed Commu nic ation s
and Fiber Optic Applic ation s
The Titan 19244 is a highly integrated single chip quad-
port STS-192 SONET/SDH TDM framer and pointer
processor device.
The Titan 19244 provides section, line, and path over-
head processing for quad STS-192/STM-64. The framer
itself takes four 10 Gbit/s (16-bit bus at 622 Mbit/s)
channels on the line side interface, which is compliant
with SFI-4 standard. The framer outputs four STS-192
SONET links on the system side. The system block dia-
gram on the next page depicts a configuration for a quad
OC-192 TDM framer and pointer processor application.
The Titan 19244 is compliant with SONET/SDH standards
ITU G.707, Bellcore GR-253, GR-1377, and ANSI T1.105.


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn