Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TE3-MUX Datasheet(PDF) 43 Page - Infineon Technologies AG

Part # TE3-MUX
Description  TE3-MUX M13 Multiplexer and DS3 Framer
Download  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TE3-MUX Datasheet(HTML) 43 Page - Infineon Technologies AG

Back Button TE3-MUX Datasheet HTML 39Page - Infineon Technologies AG TE3-MUX Datasheet HTML 40Page - Infineon Technologies AG TE3-MUX Datasheet HTML 41Page - Infineon Technologies AG TE3-MUX Datasheet HTML 42Page - Infineon Technologies AG TE3-MUX Datasheet HTML 43Page - Infineon Technologies AG TE3-MUX Datasheet HTML 44Page - Infineon Technologies AG TE3-MUX Datasheet HTML 45Page - Infineon Technologies AG TE3-MUX Datasheet HTML 46Page - Infineon Technologies AG TE3-MUX Datasheet HTML 47Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 211 page
background image
PEB 3445 E
Functional Description
Data Sheet
43
2001-06-29
4.4.2
ITU-T G.747 format
The multiplexing frame structure is shown in Table 2.
Table 2
ITU-T G.747 format
4.4.2.1
Synchronization Procedure
The integrated framer searches for the frame alignment pattern ’111010000’ in each of
the seven DS2 frames which are contained in a DS3 signal. Frame alignment is
declared, when the framer has found three consecutive correct frame alignment signals.
If the frame alignment signal has been received incorrectly in one of the following frames
after the receiver found the first correct frame alignment signal a new frame search is
started.
Loss of frame is declared, when four consecutive frame alignment signals have been
received incorrectly.
4.4.2.2
Multiplexer/Demultiplexer
Demultiplexer
The demultiplexer extracts three E1 signals from each 6.312 MHz signal. If two out of
three bits of Cj1, Cj2, Cj3 are set to ’1’ the available justification bit of the j
th E1 signal is
discarded.
Set
Content
Bit
ITU-T
G.747
Frame
I
Frame Alignment Signal 111010000
1 to 9
Bits from tributaries
10 to 168
II
Alarm indication to the remote multiplex
equipment
1
Parity Bit
2
Reserved
3
Bits from tributaries
4 to 168
III
Justification control bits Cj1
1 to 3
Bits from tributaries
4 to 168
IV
Justification control bits Cj2
1 to 3
Bits from tributaries
4 to 168
V
Justification control bits Cj3
1 to 3
Bits from tributaries available for justification
4 to 6
Bits from tributaries
7 to 168


Similar Part No. - TE3-MUX

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
TE3 KNIGHTSBRIDGE-TE3 Datasheet
254Kb / 1P
   INPUT VOLTAGE 230V 50Hz
27/03/2024
logo
SL Power Electronics
TE30 SLPOWER-TE30 Datasheet
764Kb / 5P
   20W-30W Single Output External Power
logo
TEMEX
TE300 TEMEX-TE300 Datasheet
225Kb / 5P
   For this product, a full detailed specification can also be delivered on request
logo
Topstek Inc.
TE300A TOPSTEK-TE300A Datasheet
105Kb / 2P
   Topstek Current Transducers
logo
Transys Electronics
TE300R TRSYS-TE300R Datasheet
128Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
More results

Similar Description - TE3-MUX

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT72L13 EXAR-XRT72L13 Datasheet
4Mb / 370P
   M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
logo
Maxim Integrated Produc...
DS3112 MAXIM-DS3112 Datasheet
2Mb / 133P
   TEMPE T3/E3 Multiplexer 3.3V T3/E3 Framer and M13/E13/G.747 Mux
REV: 092706
logo
Dallas Semiconductor
DS3112 DALLAS-DS3112 Datasheet
585Kb / 135P
   TEMPE T3/E3 Multiplexer 3.3V T3/E3 Framer and M13/E13/G.747 Mux
logo
Infineon Technologies A...
PEB3456E INFINEON-PEB3456E Datasheet
5Mb / 424P
   Channelized T3 Termination with DS3 Framer, M13 Multiplexer, T1/ E1 Framers and 256 Channel HDLC/PPP controller
Version 2.1 May 2001
logo
PMC-Sierra, Inc
PM8313D3MX PMC-PM8313D3MX Datasheet
582Kb / 192P
   M13 MULTIPLEXER
PM4328 PMC-PM4328 Datasheet
50Kb / 4P
   High Density T1/E1 Framer with Integrated M13 Multiplexer
PM4328-1 PMC-PM4328-1 Datasheet
47Kb / 2P
   High Density T1/E1 Framer with Integrated M13 Multiplexer
PM4328 PMC-PM4328 Datasheet
1Mb / 250P
   HIGH DENSITY T1/E1 FRAMER WITH INTEGRATED M13 MULTIPLEXER
PM8315 PMC-PM8315 Datasheet
53Kb / 2P
   High Density T1/E1 Framer with Integrated VT/TU Mapper and M13 Mux
PM8313 PMC-PM8313 Datasheet
594Kb / 2P
   M13 MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com