Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FNA21012A Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # FNA21012A
Description  1200 V Motion SPMR 2 Series
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FNA21012A Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FNA21012A Datasheet HTML 7Page - Fairchild Semiconductor FNA21012A Datasheet HTML 8Page - Fairchild Semiconductor FNA21012A Datasheet HTML 9Page - Fairchild Semiconductor FNA21012A Datasheet HTML 10Page - Fairchild Semiconductor FNA21012A Datasheet HTML 11Page - Fairchild Semiconductor FNA21012A Datasheet HTML 12Page - Fairchild Semiconductor FNA21012A Datasheet HTML 13Page - Fairchild Semiconductor FNA21012A Datasheet HTML 14Page - Fairchild Semiconductor FNA21012A Datasheet HTML 15Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
©2013 Fairchild Semiconductor Corporation
11
www.fairchildsemi.com
FNA21012A Rev. C0
Time Charts of SPMs Protective Function
Figure 11. Under-Voltage Protection (Low-Side)
a1 : Control supply voltage rises: after the voltage rises UVCCR, the circuits start to operate when the next input is applied.
a2 : Normal operation: IGBT ON and carrying current.
a3 : Under-voltage detection (UVCCD).
a4 : IGBT OFF in spite of control input condition.
a5 : Fault output operation starts with a fixed pulse width according to the condition of the external capacitor CFOD.
a6 : Under-voltage reset (UVCCR).
a7 : Normal operation: IGBT ON and carrying current by triggering next signal from LOW to HIGH.
Figure 12. Under-Voltage Protection (High-Side)
b1 : Control supply voltage rises: after the voltage reaches UVBSR, the circuits start to operate when the next input is applied.
b2 : Normal operation: IGBT ON and carrying current.
b3 : Under-voltage detection (UVBSD).
b4 : IGBT OFF in spite of control input condition, but there is no fault output signal.
b5 : Under-voltage reset (UVBSR).
b6 : Normal operation: IGBT ON and carrying current by triggering next signal from LOW to HIGH.
Input Signal
Output Current
Fault Output Signal
Control
Supply Voltage
RESET
UVCCR
Protection
Circuit State
SET
RESET
UVCCD
a1
a3
a2
a4
a6
a5
a7
Input Signal
Output Current
Fault Output Signal
Control
Supply Voltage
RESET
UVBSR
Protection
Circuit State
SET
RESET
UVBSD
b1
b3
b2
b4
b6
b5
High-level (no fault output)


Similar Part No. - FNA21012A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FNA21012A FAIRCHILD-FNA21012A Datasheet
3Mb / 32P
   Smart Power Module, Motion 1200 V SPM 2 Series
logo
ON Semiconductor
FNA21012A ONSEMI-FNA21012A Datasheet
1Mb / 17P
   1200 V Motion SPM 2 Series
February 2014 Rev. C0
More results

Similar Description - FNA21012A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FNA22512A FAIRCHILD-FNA22512A Datasheet
1Mb / 15P
   1200 V Motion SPMR 2 Series
FNA25060 FAIRCHILD-FNA25060 Datasheet
1Mb / 15P
   600 V Motion SPMR 2 Series
FNA23060 FAIRCHILD-FNA23060 Datasheet
1Mb / 15P
   600 V Motion SPMr 2 Series
logo
ON Semiconductor
FNA23512A ONSEMI-FNA23512A Datasheet
945Kb / 14P
   1200 V Motion SPM짰 2 Series
October-2017,Rev.3
FNA21012A ONSEMI-FNA21012A Datasheet
1Mb / 17P
   1200 V Motion SPM 2 Series
February 2014 Rev. C0
FNA25012A ONSEMI-FNA25012A Datasheet
593Kb / 15P
   1200 V Motion SPM 2Series
October, 2018 ??Rev. 3
FNA22512A ONSEMI-FNA22512A Datasheet
1Mb / 17P
   1200 V Motion SPM 2 Series
October 2014 Rev. C0
logo
Fairchild Semiconductor
FNB51060T1 FAIRCHILD-FNB51060T1 Datasheet
1Mb / 14P
   Motion SPMR 55 Series
FNB51060TD1 FAIRCHILD-FNB51060TD1 Datasheet
842Kb / 15P
   Motion SPMR 55 Series
FNB51560T1 FAIRCHILD-FNB51560T1 Datasheet
1Mb / 14P
   Motion SPMR 55 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com