Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA21201-B7 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TDA21201-B7
Description  Integrated Switch(MOSFET Driver and MOSFETs)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA21201-B7 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TDA21201-B7 Datasheet HTML 5Page - Infineon Technologies AG TDA21201-B7 Datasheet HTML 6Page - Infineon Technologies AG TDA21201-B7 Datasheet HTML 7Page - Infineon Technologies AG TDA21201-B7 Datasheet HTML 8Page - Infineon Technologies AG TDA21201-B7 Datasheet HTML 9Page - Infineon Technologies AG TDA21201-B7 Datasheet HTML 10Page - Infineon Technologies AG TDA21201-B7 Datasheet HTML 11Page - Infineon Technologies AG TDA21201-B7 Datasheet HTML 12Page - Infineon Technologies AG TDA21201-B7 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Preliminary Data Sheet
TDA21201
Page 9
Apr-29, 2002
Over voltage protection of Vcc / Avalanche avoidance
The voltage at the Vcc pins of the TDA21201 rises above the nominal DC
value of the Vcc supply (= + 12 V) during the turn-off of the High Side
MOSFET. The voltage overshoots at the Vcc pins according to:
vcc(t) = Vcc + Lstray * di/dt
vcc (t) = instantaneous value of vcc; Vcc = +12 V DC; Lstray = stray
inductance of the PCB traces + the input capacitor’s ESL + the parasitic
inductance of the TDA21201 package itself; di/dt = slew rate of the High Side
current during its turn-off.
Vcc = +12 V
TDA21201
Lstray
HS
Cin
Lout
LS
This equation reveals that Lstray should be made as small as possible (as
vcc(t) is limited by the breakdown voltage of the device, Vcc is given by the
application, di/dt should be as large as possible to reduce switching losses)
using proper layout techniques and low ESL capacitors, e.g. ceramics,
between the Vcc and GND pins of the Integrated Switch.
To protect the Integrated Switch from unallowable voltage spikes, the slew rate
of the High Side current di/dt is controlled in a way so that the overall voltage
(between Vcc pins to GND pins) does not exceed 20 V (measured between
the Vcc and GND pins at the PCB, this voltage will slightly exceed the 20 V
limit within the package/at the chips). As the MOSFETs have a Breakdown
voltage rating Vds = 30 V, it is made sure that they are never driven into
avalanche.
The slew rate control is implemented using the principal of the active zener
clamp technique: When vcc(t) rises during turn-off then the effective gate-drain
voltage of the High Side MOSFET rises, too. If, for what reason ever, the vcc(t)
overshoot approaches a value that possibly could damage the integrated
Dz
Driver
t
V
< 20
vcc
HS is turned off


Similar Part No. - TDA21201-B7

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA21211 INFINEON-TDA21211 Datasheet
481Kb / 20P
   High-Performance DrMOS
August - 2009
TDA21220 INFINEON-TDA21220 Datasheet
1Mb / 26P
   High-Per formance DrMOS 6 mm x 6 mm x 0.8 mm IQFN
Revision 1.9, 2011-03-31
TDA21220 INFINEON-TDA21220_13 Datasheet
811Kb / 29P
   High-Per formance DrMOS
Revision 2.5, 2013-01-07
TDA21231 INFINEON-TDA21231 Datasheet
1Mb / 19P
   DrMOS Product Family
2015-04-23,Rev.2.0
TDA21231 INFINEON-TDA21231_15 Datasheet
1Mb / 19P
   DrMOS Product Family
2015-04-23,Rev.2.0
More results

Similar Description - TDA21201-B7

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5339 ONSEMI-NCP5339 Datasheet
272Kb / 13P
   Integrated Driver & MOSFETs
February, 2016 ??Rev. 1
NCP5369 ONSEMI-NCP5369_15 Datasheet
79Kb / 8P
   Integrated Driver and MOSFET
April, 2015 ??Rev. 5
NCP81381 ONSEMI-NCP81381 Datasheet
230Kb / 16P
   Integrated Driver and MOSFET
November, 2015 ??Rev. 1
NCP5369MNR2G ONSEMI-NCP5369MNR2G Datasheet
117Kb / 7P
   Integrated Driver and MOSFET
April, 2013 ??Rev. 4
NCP302055 ONSEMI-NCP302055 Datasheet
323Kb / 16P
   Integrated Driver and MOSFET
November, 2018 ??Rev. 0
NCP402045 ONSEMI-NCP402045 Datasheet
833Kb / 19P
   Integrated Driver and MOSFET
November, 2023 - Rev. 0
NCP81382 ONSEMI-NCP81382 Datasheet
255Kb / 16P
   Integrated Driver and MOSFET
February, 2016 ??Rev. 2
NCP302045 ONSEMI-NCP302045 Datasheet
594Kb / 17P
   Integrated Driver and MOSFET
September, 2017 ??Rev. 2
NCP302040 ONSEMI-NCP302040 Datasheet
594Kb / 17P
   Integrated Driver and MOSFET
September, 2017 ??Rev. 2
NCP252160 ONSEMI-NCP252160 Datasheet
881Kb / 18P
   Integrated Driver and MOSFET
July, 2020 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com