Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSB50760SFS Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FSB50760SFS
Description  Motion SPMR 5 SuperFETR Series
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSB50760SFS Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FSB50760SFS Datasheet HTML 1Page - Fairchild Semiconductor FSB50760SFS Datasheet HTML 2Page - Fairchild Semiconductor FSB50760SFS Datasheet HTML 3Page - Fairchild Semiconductor FSB50760SFS Datasheet HTML 4Page - Fairchild Semiconductor FSB50760SFS Datasheet HTML 5Page - Fairchild Semiconductor FSB50760SFS Datasheet HTML 6Page - Fairchild Semiconductor FSB50760SFS Datasheet HTML 7Page - Fairchild Semiconductor FSB50760SFS Datasheet HTML 8Page - Fairchild Semiconductor FSB50760SFS Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
©2012 Fairchild Semiconductor Corporation
2
www.fairchildsemi.com
FSB50760SFS Rev. 1.1
Absolute Maximum Ratings
Inverter Part (each MOSFET unless otherwise specified.)
Control Part (each HVIC unless otherwise specified.)
Bootstrap Diode Part (each bootstrap diode unless otherwise specified.)
Thermal Resistance
Total System
1st Notes:
1. For the measurement point of case temperature TC, please refer to Figure 4.
2. Marking “ * “ is calculation value or design factor.
Symbol
Parameter
Conditions
Rating
Unit
VDSS
Drain-Source Voltage of Each MOSFET
600
V
*ID 25
Each MOSFET Drain Current, Continuous TC = 25°C
3.6
A
*ID 80
Each MOSFET Drain Current, Continuous TC = 80°C
2.7
A
*IDP
Each MOSFET Drain Current, Peak
TC = 25°C, PW < 100 s
9.4
A
*IDRMS
Each MOSFET Drain Current, Rms
TC = 80°C, FPWM < 20 kHz
1.9
Arms
*PD
Maximum Power Dissipation
TC = 25°C, For Each MOSFET
14.5
W
Symbol
Parameter
Conditions
Rating
Unit
VCC
Control Supply Voltage
Applied Between VCC and COM
20
V
VBS
High-side Bias Voltage
Applied Between VB and VS
20
V
VIN
Input Signal Voltage
Applied Between IN and COM
-0.3 ~ VCC + 0.3
V
Symbol
Parameter
Conditions
Rating
Unit
VRRMB
Maximum Repetitive Reverse Voltage
600
V
* IFB
Forward Current
TC = 25°C
0.5
A
* IFPB
Forward Current (Peak)
TC = 25°C, Under 1ms Pulse Width
1.5
A
Symbol
Parameter
Conditions
Rating
Unit
RJC
Junction to Case Thermal Resistance
Each MOSFET under Inverter Oper-
ating Condition (1st Note 1)
8.6
°C/W
Symbol
Parameter
Conditions
Rating
Unit
TJ
Operating Junction Temperature
-40 ~ 150
°C
TSTG
Storage Temperature
-40 ~ 125
°C
VISO
Isolation Voltage
60 Hz, Sinusoidal, 1 Minute, Con-
nect Pins to Heat Sink Plate
1500
Vrms


Similar Part No. - FSB50760SFS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSB50760SFS ONSEMI-FSB50760SFS Datasheet
734Kb / 12P
   Motion SPM 5 SuperFET Series
Aug 2015 Rev. 1.1
More results

Similar Description - FSB50760SFS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSB50760SF FAIRCHILD-FSB50760SF Datasheet
866Kb / 11P
   Motion SPMR 5 SuperFETR Series
FSB50660SF FAIRCHILD-FSB50660SF Datasheet
866Kb / 11P
   Motion SPMR 5 SuperFETR Series
FSB50660SFS FAIRCHILD-FSB50660SFS Datasheet
745Kb / 10P
   Motion SPMR 5 SuperFETR Series
FSB50550ASE FAIRCHILD-FSB50550ASE Datasheet
611Kb / 10P
   Motion SPMR 5 Series
FSB50325A FAIRCHILD-FSB50325A_14 Datasheet
1Mb / 12P
   Motion SPMR 5 Series
FSB50825A FAIRCHILD-FSB50825A Datasheet
459Kb / 10P
   Motion SPMR 5 Series
FNB51060T1 FAIRCHILD-FNB51060T1 Datasheet
1Mb / 14P
   Motion SPMR 55 Series
FNB51060TD1 FAIRCHILD-FNB51060TD1 Datasheet
842Kb / 15P
   Motion SPMR 55 Series
FNB51560T1 FAIRCHILD-FNB51560T1 Datasheet
1Mb / 14P
   Motion SPMR 55 Series
FNA51560T1 FAIRCHILD-FNA51560T1 Datasheet
781Kb / 15P
   Motion SPMR 55 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com