Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA21201-P7 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TDA21201-P7
Description  Integrated Switch(MOSFET Driver and MOSFETs)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA21201-P7 Datasheet(HTML) 2 Page - Infineon Technologies AG

  TDA21201-P7 Datasheet HTML 1Page - Infineon Technologies AG TDA21201-P7 Datasheet HTML 2Page - Infineon Technologies AG TDA21201-P7 Datasheet HTML 3Page - Infineon Technologies AG TDA21201-P7 Datasheet HTML 4Page - Infineon Technologies AG TDA21201-P7 Datasheet HTML 5Page - Infineon Technologies AG TDA21201-P7 Datasheet HTML 6Page - Infineon Technologies AG TDA21201-P7 Datasheet HTML 7Page - Infineon Technologies AG TDA21201-P7 Datasheet HTML 8Page - Infineon Technologies AG TDA21201-P7 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Preliminary Data Sheet
TDA21201
Page 2
Apr-29, 2002
TO-220 package or its associated SMD counterpart TO-263 and Infineon´s latest
chip technologies.
Block Diagram
Absolute Maximum Ratings
At Tj = 25 °C, unless otherwise specified
Value
Parameter
Symbol
Min. Max.
Unit
Peak voltage supplied to ‘VCC’ pins
VCC_PEAK
20*
Peak voltage supplied to ‘IN’ pin, DIN_Peak < 10 %
VIN
-5
10
Peak voltage at ‘Vout’ pin to GND
VOUT_PK
-5
20*
V
Maximum DC output current, VCC = 12 V, VOUT
≤ 3.3 V
IOUT_MAX
-10
30
A
Junction temperature
TJ
150
Storage temperature
TS
-55
150
Lead temperature TO-263;
MSL1, IPC/JEDEC J-STD-020A
TL
225
Lead temperature TO-220 (soldering, 10 seconds)
TL
260
°C
ESD rating (Human body model)
ESD
2 k
V
IEC climatic category; DIN EN 60068-1
55/150/56
-
* The positive peak voltage (= the voltage overshoot during switching transients) at the VCC pins and
the OUT pin/tab is limited by the Integrated Switch itself (pls., see the “Over-voltage protection of
VCC” paragraph
Thermal Characteristic
Values
Parameter
Symbol
Min.
Typ. Max.
Unit
Thermal resistance, junctions-case
1.9
Thermal resistance, junctions-ambient, leaded
62.5
K/W
FET Drive
Circuitry
VCC
VOUT
GND
VIN
to PWM IC
(Pin 5)
(Pin 1-3)
= 12 V (Pin 6-7)
to output inductor
(Pin 4/tab)
High side FET
Low side FET


Similar Part No. - TDA21201-P7

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA21211 INFINEON-TDA21211 Datasheet
481Kb / 20P
   High-Performance DrMOS
August - 2009
TDA21220 INFINEON-TDA21220 Datasheet
1Mb / 26P
   High-Per formance DrMOS 6 mm x 6 mm x 0.8 mm IQFN
Revision 1.9, 2011-03-31
TDA21220 INFINEON-TDA21220_13 Datasheet
811Kb / 29P
   High-Per formance DrMOS
Revision 2.5, 2013-01-07
TDA21231 INFINEON-TDA21231 Datasheet
1Mb / 19P
   DrMOS Product Family
2015-04-23,Rev.2.0
TDA21231 INFINEON-TDA21231_15 Datasheet
1Mb / 19P
   DrMOS Product Family
2015-04-23,Rev.2.0
More results

Similar Description - TDA21201-P7

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5339 ONSEMI-NCP5339 Datasheet
272Kb / 13P
   Integrated Driver & MOSFETs
February, 2016 ??Rev. 1
NCP5369 ONSEMI-NCP5369_15 Datasheet
79Kb / 8P
   Integrated Driver and MOSFET
April, 2015 ??Rev. 5
NCP81381 ONSEMI-NCP81381 Datasheet
230Kb / 16P
   Integrated Driver and MOSFET
November, 2015 ??Rev. 1
NCP5369MNR2G ONSEMI-NCP5369MNR2G Datasheet
117Kb / 7P
   Integrated Driver and MOSFET
April, 2013 ??Rev. 4
NCP302055 ONSEMI-NCP302055 Datasheet
323Kb / 16P
   Integrated Driver and MOSFET
November, 2018 ??Rev. 0
NCP402045 ONSEMI-NCP402045 Datasheet
833Kb / 19P
   Integrated Driver and MOSFET
November, 2023 - Rev. 0
NCP81382 ONSEMI-NCP81382 Datasheet
255Kb / 16P
   Integrated Driver and MOSFET
February, 2016 ??Rev. 2
NCP302045 ONSEMI-NCP302045 Datasheet
594Kb / 17P
   Integrated Driver and MOSFET
September, 2017 ??Rev. 2
NCP302040 ONSEMI-NCP302040 Datasheet
594Kb / 17P
   Integrated Driver and MOSFET
September, 2017 ??Rev. 2
NCP252160 ONSEMI-NCP252160 Datasheet
881Kb / 18P
   Integrated Driver and MOSFET
July, 2020 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com