Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FNB50560TD1 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FNB50560TD1
Description  Motion SPMR 55 Series
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FNB50560TD1 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FNB50560TD1 Datasheet HTML 1Page - Fairchild Semiconductor FNB50560TD1 Datasheet HTML 2Page - Fairchild Semiconductor FNB50560TD1 Datasheet HTML 3Page - Fairchild Semiconductor FNB50560TD1 Datasheet HTML 4Page - Fairchild Semiconductor FNB50560TD1 Datasheet HTML 5Page - Fairchild Semiconductor FNB50560TD1 Datasheet HTML 6Page - Fairchild Semiconductor FNB50560TD1 Datasheet HTML 7Page - Fairchild Semiconductor FNB50560TD1 Datasheet HTML 8Page - Fairchild Semiconductor FNB50560TD1 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
©2015 Fairchild Semiconductor Corporation
5
www.fairchildsemi.com
FNB50560TD1 Rev. 1.0
Absolute Maximum Ratings (T
J = 25°C, unless otherwise specified.)
Inverter Part
Note:
5. The maximum junction temperature rating of the power chips integrated within the Motion SPM® 55 product is 150
C.
Control Part
Total System
Thermal Resistance
Note:
6. For Marking “ * “, These Value had been made an acquisition by the calculation considered to design factor.
7. For the measurement point of case temperature (TC), please refer to Figure 2.
Symbol
Parameter
Conditions
Rating
Unit
VPN
Supply Voltage
Applied between P - NU, NV, NW
450
V
VPN(Surge)
Supply Voltage (Surge)
Applied between P - NU, NV, NW
500
V
VCES
Collector - Emitter Voltage
600
V
* ± IC
Each IGBT Collector Current
TC = 25°C, TJ < 150°C
5
A
* ± ICP
Each IGBT Collector Current (Peak)
TC = 25°C, TJ < 150°C, Under 1 ms Pulse
Width
10
A
* PC
Collector Dissipation
TC = 25°C per Chip
19
W
TJ
Operating Junction Temperature
(Note 5)
-40 ~ 150
°C
Symbol
Parameter
Conditions
Rating
Unit
VDD
Control Supply Voltage
Applied between VDD - COM
20
V
VBS
High-Side Control Bias Voltage
Applied between VB(U) - VS(U), VB(V) - VS(V),
VB(W) - VS(W)
20
V
VIN
Input Signal Voltage
Applied between IN(UH), IN(VH), IN(WH),
IN(UL), IN(VL), IN(WL) - COM
-0.3 ~ VDD +0.3
V
VF
Fault Supply Voltage
Applied between VF - COM
-0.3 ~ VDD +0.3
V
* IF
Fault Current
Sink Current at VF pin
5
mA
VSC
Current Sensing Input Voltage
Applied between CSC - COM
-0.3 ~ VDD +0.3
V
Symbol
Parameter
Conditions
Rating
Unit
VPN(PROT)
Self Protection Supply Voltage Limit
(Short Circuit Protection Capability)
VDD = VBS = 13.5 ~ 16.5 V
TJ = 150°C, Non-Repetitive, < 2 s
400
V
TSTG
Storage Temperature
-40 ~ 125
°C
VISO
Isolation Voltage
Connect Pins to Heat Sink Plate
AC 60 Hz, Sinusoidal, 1 Minute
1500
Vrms
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Rth(j-c)Q
Junction to Case Thermal Resistance
(Note 7)
Inverter IGBT part (per 1 / 6 module)
-
-
6.5
°C / W
Rth(j-c)F
Inverter FWD part (per 1 / 6 module)
-
-
8.9
°C / W


Similar Part No. - FNB50560TD1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FNB50560TD1 ONSEMI-FNB50560TD1 Datasheet
546Kb / 17P
   Motion SPM 55 Series
Rev. 1.1
More results

Similar Description - FNB50560TD1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FNB51060T1 FAIRCHILD-FNB51060T1 Datasheet
1Mb / 14P
   Motion SPMR 55 Series
FNB51060TD1 FAIRCHILD-FNB51060TD1 Datasheet
842Kb / 15P
   Motion SPMR 55 Series
FNB51560T1 FAIRCHILD-FNB51560T1 Datasheet
1Mb / 14P
   Motion SPMR 55 Series
FNA51560T1 FAIRCHILD-FNA51560T1 Datasheet
781Kb / 15P
   Motion SPMR 55 Series
FNB50560T1 FAIRCHILD-FNB50560T1 Datasheet
1Mb / 14P
   Motion SPMR 55 Series
FNF50560TD1 FAIRCHILD-FNF50560TD1 Datasheet
837Kb / 15P
   Motion SPMR 55 Series
FNA51560TD3 FAIRCHILD-FNA51560TD3 Datasheet
848Kb / 15P
   Motion SPMR 55 Series
FNF51060TD1 FAIRCHILD-FNF51060TD1 Datasheet
927Kb / 15P
   Motion SPMR 55 Series
FNF51560TD1 FAIRCHILD-FNF51560TD1 Datasheet
842Kb / 15P
   Motion SPMR 55 Series
FNA51060T3 FAIRCHILD-FNA51060T3 Datasheet
1Mb / 14P
   Motion SPMR 55 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com