Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FNB43060T2 Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # FNB43060T2
Description  Motion SPMR 45 Series
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FNB43060T2 Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FNB43060T2 Datasheet HTML 7Page - Fairchild Semiconductor FNB43060T2 Datasheet HTML 8Page - Fairchild Semiconductor FNB43060T2 Datasheet HTML 9Page - Fairchild Semiconductor FNB43060T2 Datasheet HTML 10Page - Fairchild Semiconductor FNB43060T2 Datasheet HTML 11Page - Fairchild Semiconductor FNB43060T2 Datasheet HTML 12Page - Fairchild Semiconductor FNB43060T2 Datasheet HTML 13Page - Fairchild Semiconductor FNB43060T2 Datasheet HTML 14Page - Fairchild Semiconductor FNB43060T2 Datasheet HTML 15Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
©2016 Fairchild Semiconductor Corporation
11
www.fairchildsemi.com
FNB43060T2 Rev.1.1
Time Charts of Protective Function
Figure 11. Under-Voltage Protection (Low-Side)
a1 : Control supply voltage rises: After the voltage rises UVDDR, the circuits start to operate when next input is applied.
a2 : Normal operation: IGBT ON and carrying current.
a3 : Under voltage detection (UVDDD).
a4 : IGBT OFF in spite of control input condition.
a5 : Fault output operation starts with a fixed pulse width.
a6 : Under voltage reset (UVDDR).
a7 : Normal operation: IGBT ON and carrying current by triggering next signal from LOW to HIGH.
Figure 12. Under-Voltage Protection (High-Side)
b1 : Control supply voltage rises: After the voltage reaches UVBSR, the circuits start to operate when next input is applied.
b2 : Normal operation: IGBT ON and carrying current.
b3 : Under voltage detection (UVBSD).
b4 : IGBT OFF in spite of control input condition, but there is no fault output signal.
b5 : Under voltage reset (UVBSR).
b6 : Normal operation: IGBT ON and carrying current by triggering next signal from LOW to HIGH.
Input Signal
Output Current
Fault Output Signal
Control
Supply Voltage
RESET
UVDDR
Protection
Circuit State
SET
RESET
UVDDD
a1
a3
a2
a4
a6
a5
a7
Input Signal
Output Current
Fault Output Signal
Control
Supply Voltage
RESET
UV
BSR
Protection
Circuit State
SET
RESET
UV
BSD
b1
b3
b2
b4
b6
b5
High-level (no fault output)


Similar Part No. - FNB43060T2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FNB43060T2 ONSEMI-FNB43060T2 Datasheet
900Kb / 17P
   Motion SPM 45 Series
Rev.1.1
FNB43060T2 ONSEMI-FNB43060T2 Datasheet
810Kb / 15P
   Motion SPM 45 Series
July, 2022 - Rev. 2
FNB43060T2 ONSEMI-FNB43060T2_V01 Datasheet
810Kb / 15P
   Motion SPM 45 Series
July, 2022 - Rev. 2
More results

Similar Description - FNB43060T2

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FNC42060F FAIRCHILD-FNC42060F Datasheet
919Kb / 16P
   Motion SPMR 45 Series
FNB40560 FAIRCHILD-FNB40560_15 Datasheet
992Kb / 16P
   Motion SPMR 45 Series
FSB43004A FAIRCHILD-FSB43004A Datasheet
860Kb / 12P
   Motion SPMR 45 LV Series
FSB44104A FAIRCHILD-FSB44104A Datasheet
664Kb / 12P
   Motion SPMR 45 LV Series
FNB51060T1 FAIRCHILD-FNB51060T1 Datasheet
1Mb / 14P
   Motion SPMR 55 Series
FNB51060TD1 FAIRCHILD-FNB51060TD1 Datasheet
842Kb / 15P
   Motion SPMR 55 Series
FNB51560T1 FAIRCHILD-FNB51560T1 Datasheet
1Mb / 14P
   Motion SPMR 55 Series
FNA51560T1 FAIRCHILD-FNA51560T1 Datasheet
781Kb / 15P
   Motion SPMR 55 Series
FSB50550ASE FAIRCHILD-FSB50550ASE Datasheet
611Kb / 10P
   Motion SPMR 5 Series
FSBB30CH60D FAIRCHILD-FSBB30CH60D Datasheet
1Mb / 15P
   Motion SPMR 3 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com