Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FNA22512A Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FNA22512A
Description  1200 V Motion SPMR 2 Series
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FNA22512A Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FNA22512A Datasheet HTML 3Page - Fairchild Semiconductor FNA22512A Datasheet HTML 4Page - Fairchild Semiconductor FNA22512A Datasheet HTML 5Page - Fairchild Semiconductor FNA22512A Datasheet HTML 6Page - Fairchild Semiconductor FNA22512A Datasheet HTML 7Page - Fairchild Semiconductor FNA22512A Datasheet HTML 8Page - Fairchild Semiconductor FNA22512A Datasheet HTML 9Page - Fairchild Semiconductor FNA22512A Datasheet HTML 10Page - Fairchild Semiconductor FNA22512A Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
©2014 Fairchild Semiconductor Corporation
7
www.fairchildsemi.com
FNA22512A Rev. C0
Figure 5. Example Circuit for Switching Test
Figure 6. Switching Loss Characteristics (Typical)
Figure 7. R-T Curve of Built-in Thermistor
One-Leg Diagram of SPM2
P
NU,V,W
V
C C
IN
COM
VB
OUT
VS
VCC
IN
COM
OUT
CSC
C
F OD
VFO
RSC
IC
VPN
U,V,W
Inductor
HS Switching
LS Switching
V
600V
V
V
RBS
15 V
5 V
4.7 kΩ
CBS
HS Switching
LS Switching
VIN
0 V
5 V
VCC
-20
-10
0
10
20
30
40
50
60
70
80
90
100 110 120
0
50
100
150
200
250
300
350
400
450
500
550
600
R-T Curve
Temperature T
TH[
]
50
60
70
80
90
100
110
120
0
4
8
12
16
20
Temperature [ ]
R-T Curve in 50
~ 125


Similar Part No. - FNA22512A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FNA22512A FAIRCHILD-FNA22512A Datasheet
3Mb / 32P
   Smart Power Module, Motion 1200 V SPM 2 Series
logo
ON Semiconductor
FNA22512A ONSEMI-FNA22512A Datasheet
1Mb / 17P
   1200 V Motion SPM 2 Series
October 2014 Rev. C0
More results

Similar Description - FNA22512A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FNA21012A FAIRCHILD-FNA21012A Datasheet
2Mb / 15P
   1200 V Motion SPMR 2 Series
FNA25060 FAIRCHILD-FNA25060 Datasheet
1Mb / 15P
   600 V Motion SPMR 2 Series
FNA23060 FAIRCHILD-FNA23060 Datasheet
1Mb / 15P
   600 V Motion SPMr 2 Series
logo
ON Semiconductor
FNA23512A ONSEMI-FNA23512A Datasheet
945Kb / 14P
   1200 V Motion SPM짰 2 Series
October-2017,Rev.3
FNA21012A ONSEMI-FNA21012A Datasheet
1Mb / 17P
   1200 V Motion SPM 2 Series
February 2014 Rev. C0
FNA25012A ONSEMI-FNA25012A Datasheet
593Kb / 15P
   1200 V Motion SPM 2Series
October, 2018 ??Rev. 3
FNA22512A ONSEMI-FNA22512A Datasheet
1Mb / 17P
   1200 V Motion SPM 2 Series
October 2014 Rev. C0
logo
Fairchild Semiconductor
FNB51060T1 FAIRCHILD-FNB51060T1 Datasheet
1Mb / 14P
   Motion SPMR 55 Series
FNB51060TD1 FAIRCHILD-FNB51060TD1 Datasheet
842Kb / 15P
   Motion SPMR 55 Series
FNB51560T1 FAIRCHILD-FNB51560T1 Datasheet
1Mb / 14P
   Motion SPMR 55 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com