Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA5251F1 Datasheet(PDF) 74 Page - Infineon Technologies AG

Part # TDA5251F1
Description  ASK/FSK 315MHz Wireless Transceiver
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA5251F1 Datasheet(HTML) 74 Page - Infineon Technologies AG

Back Button TDA5251F1 Datasheet HTML 70Page - Infineon Technologies AG TDA5251F1 Datasheet HTML 71Page - Infineon Technologies AG TDA5251F1 Datasheet HTML 72Page - Infineon Technologies AG TDA5251F1 Datasheet HTML 73Page - Infineon Technologies AG TDA5251F1 Datasheet HTML 74Page - Infineon Technologies AG TDA5251F1 Datasheet HTML 75Page - Infineon Technologies AG TDA5251F1 Datasheet HTML 76Page - Infineon Technologies AG TDA5251F1 Datasheet HTML 77Page - Infineon Technologies AG TDA5251F1 Datasheet HTML 78Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 88 page
background image
TDA5251 F1
Version 1.0
Reference
Preliminary Specification
74
2003-02-18
Confidential
4
Reference
4.1
Electrical Data
4.1.1
Absolute Maximum Ratings
4.1.2
Operating Range
Within the operational range the IC operates as explained in the circuit description.
WARNING
The maximum ratings may not be exceeded under any circumstances, not even
momentarily and individually, as permanent damage to the IC will result.
Table 4-1
Absolute Maximum Ratings
#
Parameter
Symbol
Limit Values
Unit
Remarks
min
max
1
Supply Voltage
Vs
-0.3
5.8
V
2
Junction Temperature
Tj
-40
+125
°C
3
Storage Temperature
Ts
-40
+150
°C
4
Thermal Resistance
RthJA
114
K/W
5
ESD integrity, all pins
VESD
tbd
tbd
kV
HBM according
to MIL STD
883D, method
3015.7
Table 4-2
Operating Range
#
Parameter
Symbol
Limit Values
Unit Test Conditions L
Item
min
max
1
Supply voltage
VS
2.1
5.5
V
2
Ambient temperature
TA
-40
85
°C
3
Receive frequency
fRX
312
325
MHz
4
Transmit frequency
fTX
312
325
MHz


Similar Part No. - TDA5251F1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA5251F1 INFINEON-TDA5251F1 Datasheet
2Mb / 88P
   ASK/FSK 315MHz Wireless Transceiver
Version 1.1, 2007-02-26
TDA5251F1 INFINEON-TDA5251F1_07 Datasheet
2Mb / 88P
   ASK/FSK 315MHz Wireless Transceiver
Version 1.1, 2007-02-26
More results

Similar Description - TDA5251F1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA5251F1 INFINEON-TDA5251F1_07 Datasheet
2Mb / 88P
   ASK/FSK 315MHz Wireless Transceiver
Version 1.1, 2007-02-26
logo
Melexis Microelectronic...
TH72006 MELEXIS-TH72006 Datasheet
339Kb / 16P
   315MHz FSK/ASK Transmitter
logo
Infineon Technologies A...
TDA5250D2 INFINEON-TDA5250D2_07 Datasheet
2Mb / 94P
   ASK/FSK 868MHz Wireless Transceiver
Version 1.7, 2007-02-26
TDA5252G2 INFINEON-TDA5252G2 Datasheet
2Mb / 86P
   ASK/FSK 915MHz Wireless Transceiver
Version 1.1, 2007-02-26
TDA5255E1 INFINEON-TDA5255E1 Datasheet
2Mb / 93P
   ASK/FSK 434MHz Wireless Transceiver
Version 1.1, 2002-11-28
TDA5255E1 INFINEON-TDA5255E1_07 Datasheet
2Mb / 91P
   ASK/FSK 434MHz Wireless Transceiver
Version 1.2, 2007-02-26
TDA5250D2 INFINEON-TDA5250D2 Datasheet
2Mb / 97P
   ASK/FSK 868MHz Wireless Transceiver
Version 1.6 July 2002
logo
Melexis Microelectronic...
TH72005 MELEXIS-TH72005 Datasheet
555Kb / 20P
   315MHz FSK/ASK Transmitter
TH72005 MELEXIS-TH72005_17 Datasheet
1Mb / 21P
   315MHz FSK/ASK Transmitter
logo
Infineon Technologies A...
TDA7255V INFINEON-TDA7255V Datasheet
2Mb / 109P
   ASK/FSK 434 MHz Wireless Transceiver
Revision 1.1, 2010-11-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com