Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMEG4005AESF Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PMEG4005AESF
Description  40 V, 0.5 A low VF MEGA Schottky barrier rectifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMEG4005AESF Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PMEG4005AESF Datasheet HTML 2Page - NXP Semiconductors PMEG4005AESF Datasheet HTML 3Page - NXP Semiconductors PMEG4005AESF Datasheet HTML 4Page - NXP Semiconductors PMEG4005AESF Datasheet HTML 5Page - NXP Semiconductors PMEG4005AESF Datasheet HTML 6Page - NXP Semiconductors PMEG4005AESF Datasheet HTML 7Page - NXP Semiconductors PMEG4005AESF Datasheet HTML 8Page - NXP Semiconductors PMEG4005AESF Datasheet HTML 9Page - NXP Semiconductors PMEG4005AESF Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
NXP Semiconductors
PMEG4005AESF
40 V, 0.5 A low VF MEGA Schottky barrier rectifier
PMEG4005AESF
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved
Product data sheet
6 February 2015
6 / 16
10. Characteristics
Table 7.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
V(BR)R
reverse breakdown
voltage
IR = 100 µA; tp = 300 µs; δ = 0.02;
Tj = 25 °C
40
-
-
V
IF = 0.1 mA; tp ≤ 300 µs; δ ≤ 0.02;
Tj = 25 °C
-
120
185
mV
IF = 1 mA; tp ≤ 300 µs; δ ≤ 0.02;
Tj = 25 °C
-
180
245
mV
IF = 10 mA; tp ≤ 300 µs; δ ≤ 0.02;
Tj = 25 °C
-
250
320
mV
IF = 100 mA; tp ≤ 300 µs; δ ≤ 0.02;
Tj = 25 °C
-
370
440
mV
IF = 200 mA; tp ≤ 300 µs; δ ≤ 0.02;
Tj = 25 °C
-
450
525
mV
IF = 300 mA; tp ≤ 300 µs; δ ≤ 0.02;
Tj = 25 °C
-
530
630
mV
IF = 400 mA; tp ≤ 300 µs; δ ≤ 0.02;
Tj = 25 °C
-
600
730
mV
VF
forward voltage
IF = 500 mA; tp ≤ 300 µs; δ ≤ 0.02;
Tj = 25 °C
-
675
820
mV
VR = 10 V; Tj = 25 °C; pulsed
-
3
20
µA
IR
reverse current
VR = 40 V; Tj = 25 °C; pulsed
-
13
80
µA
VR = 1 V; f = 1 MHz; Tj = 25 °C
-
18
-
pF
Cd
diode capacitance
VR = 10 V; f = 1 MHz; Tj = 25 °C
-
7
-
pF
trr
reverse recovery time
IF = 500 mA; IR = 500 mA;
IR(meas) = 100 mA; Tj = 25 °C
-
1.25
-
ns


Similar Part No. - PMEG4005AESF

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG4005AESF NEXPERIA-PMEG4005AESF Datasheet
709Kb / 16P
   40 V, 0.5 A low VF MEGA Schottky barrier rectifier
6 February 2015
More results

Similar Description - PMEG4005AESF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG4005EPK PHILIPS-PMEG4005EPK Datasheet
1Mb / 14P
   40 V, 0.5 A low VF MEGA Schottky barrier rectifier
Rev. 2-6 March 2012
logo
Nexperia B.V. All right...
PMEG4005EGW NEXPERIA-PMEG4005EGW Datasheet
683Kb / 12P
   40 V, 0.5 A low VF MEGA Schottky barrier rectifier
PMEG4005ESF NEXPERIA-PMEG4005ESF Datasheet
705Kb / 14P
   40 V, 0.5 A low VF MEGA Schottky barrier rectifier
PMEG4005CEJ NEXPERIA-PMEG4005CEJ Datasheet
686Kb / 13P
   40 V, 0.5 A low VF MEGA Schottky barrier rectifier
PMEG4005CEA NEXPERIA-PMEG4005CEA Datasheet
697Kb / 14P
   40 V, 0.5 A low VF MEGA Schottky barrier rectifier
PMEG4005EGW-Q NEXPERIA-PMEG4005EGW-Q Datasheet
221Kb / 11P
   40 V, 0.5 A low VF MEGA Schottky barrier rectifier
10 August 2022
PMEG4005EPK NEXPERIA-PMEG4005EPK Datasheet
246Kb / 12P
   40 V, 0.5 A low VF MEGA Schottky barrier rectifier
30 April 2020
logo
NXP Semiconductors
PMEG4005EPK PHILIPS-PMEG4005EPK_15 Datasheet
1Mb / 14P
   40 V, 0.5 A low VF MEGA Schottky barrier rectifier
Rev. 2-6 March 2012
logo
Nexperia B.V. All right...
PMEG4005AESF NEXPERIA-PMEG4005AESF Datasheet
709Kb / 16P
   40 V, 0.5 A low VF MEGA Schottky barrier rectifier
6 February 2015
PMEG4005EJ-Q NEXPERIA-PMEG4005EJ-Q Datasheet
187Kb / 10P
   40 V, 0.5 A very low VF MEGA Schottky barrier rectifier
6 August 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com