Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA5204 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # TDA5204
Description  ASK Single Conversion Receiver 390MHz
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA5204 Datasheet(HTML) 3 Page - Infineon Technologies AG

  TDA5204 Datasheet HTML 1Page - Infineon Technologies AG TDA5204 Datasheet HTML 2Page - Infineon Technologies AG TDA5204 Datasheet HTML 3Page - Infineon Technologies AG TDA5204 Datasheet HTML 4Page - Infineon Technologies AG TDA5204 Datasheet HTML 5Page - Infineon Technologies AG TDA5204 Datasheet HTML 6Page - Infineon Technologies AG TDA5204 Datasheet HTML 7Page - Infineon Technologies AG TDA5204 Datasheet HTML 8Page - Infineon Technologies AG TDA5204 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
Product Info
Product Info
Wireless Components
Specification, December 2000
Package
TDA 5204 E1
preliminary
Product Info
General Description
The IC is a very low power consump-
tion single chip ASK Single Conver-
sion Receiver for receive frequencies
between
385
and
406MHz.
The
Receiver offers a high level of integra-
tion and needs only a few external
components. The device contains a
low noise amplifier (LNA), a double
balanced mixer, a fully integrated
VCO, a PLL synthesiser, a crystal
oscillator, a limiter with RSSI genera-
tor, a data filter, a data comparator
(slicer) and a peak detector. Addition-
ally there is a power down feature to
save battery life.
Features
 Low supply current
(Is = 4.8mA typ.)
 Supply voltage range 5V ±10%
 Temperature range -40°C...+85°C
 Power down mode with very low
supply current (50nA typ)
 Fully integrated VCO and PLL
Synthesiser
 RF input sensitivity < –110dBm
 390MHz band
 Selectable reference frequency
 Limiter with RSSI generation,
operating at 10.7MHz
 2nd order low pass data filter with
external capacitors
 Data slicer with self-adjusting
threshold
Application
 Keyless Entry Systems
 Remote Control Systems
 Fire Alarm Systems
 Low Bitrate Communication
Systems
Ordering Information
Type
Ordering Code
Package
TDA 5204
Q67037-A1169
P-TSSOP-28-1
available on tape and reel


Similar Part No. - TDA5204

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA5200 INFINEON-TDA5200 Datasheet
911Kb / 43P
   ASK Single Conversion Receiver
Version 2.7 March 2000
TDA5200 INFINEON-TDA5200 Datasheet
1Mb / 39P
   ASK Single Conversion Receiver
Revision 3.0, 2010-12-28
TDA5200 INFINEON-TDA5200 Datasheet
32Kb / 1P
   Material Content Data Sheet
7. September 2015
TDA5200 INFINEON-TDA5200_10 Datasheet
1Mb / 39P
   ASK Single Conversion Receiver
Revision 3.0, 2010-12-28
TDA5200 INFINEON-TDA5200_15 Datasheet
32Kb / 1P
   Material Content Data Sheet
7. September 2015
More results

Similar Description - TDA5204

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA5200 INFINEON-TDA5200 Datasheet
911Kb / 43P
   ASK Single Conversion Receiver
Version 2.7 March 2000
TDA5200 INFINEON-TDA5200_10 Datasheet
1Mb / 39P
   ASK Single Conversion Receiver
Revision 3.0, 2010-12-28
TDA5201 INFINEON-TDA5201 Datasheet
689Kb / 43P
   ASK Single Conversion Receiver
Version 1.5 July 2004
TDA5201 INFINEON-TDA5201_10 Datasheet
1Mb / 38P
   ASK Single Conversion Receiver
Revision 1.6, 2010-12-21
TDA7200 INFINEON-TDA7200 Datasheet
1Mb / 49P
   ASK/FSK Single Conversion Receiver
V 1.0, May 2007
TDA5220 INFINEON-TDA5220 Datasheet
719Kb / 44P
   ASK/FSK Single Conversion Receiver
Version 0.1 October 2001
TDA5211 INFINEON-TDA5211 Datasheet
1Mb / 52P
   ASK/FSK Single Conversion Receiver
Version 2.0 May 2001
TDA5221 INFINEON-TDA5221 Datasheet
705Kb / 44P
   ASK/FSK Single Conversion Receiver
Version 0.1 October 2001
TDA5210 INFINEON-TDA5210 Datasheet
1Mb / 53P
   ASK/FSK Single Conversion Receiver
Version 3.0 May 2001
TDA7210V INFINEON-TDA7210V_10 Datasheet
1Mb / 44P
   ASK/FSK Single Conversion Receiver
Revision 1.1, 2010-06-18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com