Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHPT61006PY Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PHPT61006PY
Description  100 V, 6 A PNP high power bipolar transistor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PHPT61006PY Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PHPT61006PY Datasheet HTML 4Page - NXP Semiconductors PHPT61006PY Datasheet HTML 5Page - NXP Semiconductors PHPT61006PY Datasheet HTML 6Page - NXP Semiconductors PHPT61006PY Datasheet HTML 7Page - NXP Semiconductors PHPT61006PY Datasheet HTML 8Page - NXP Semiconductors PHPT61006PY Datasheet HTML 9Page - NXP Semiconductors PHPT61006PY Datasheet HTML 10Page - NXP Semiconductors PHPT61006PY Datasheet HTML 11Page - NXP Semiconductors PHPT61006PY Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
NXP Semiconductors
PHPT61006PY
100 V, 6 A PNP high power bipolar transistor
PHPT61006PY
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved
Product data sheet
21 January 2015
8 / 16
aaa-015661
-0.6
-0.8
-0.4
-1.0
-1.2
VBE
(V)
-0.2
IC (mA)
-10-1
-104
-103
-1
-102
-10
(1)
(2)
(3)
VCE = -2 V
(1) Tamb = −55 °C
(2) Tamb = 25 °C
(3) Tamb = 100 °C
Fig. 6. Base-emitter voltage as a function of collector
current; typical values
aaa-015662
-0.6
-0.8
-0.4
-1.0
-1.2
VBEsat
(V)
-0.2
IC (mA)
-10-1
-104
-103
-1
-102
-10
(1)
(2)
(3)
IC/IB = 20
(1) Tamb = −55 °C
(2) Tamb = 25 °C
(3) Tamb = 100 °C
Fig. 7. Base-emitter saturation voltage as a function of
collector current; typical values
aaa-015663
IC (mA)
-10-1
-104
-103
-1
-102
-10
-10-1
-1
VCEsat
(V)
-10-2
(3)
(1)
(2)
IC/IB = 20
(1) Tamb = 100 °C
(2) Tamb = 25 °C
(3) Tamb = −55 °C
Fig. 8. Collector-emitter saturation voltage as a
function of collector current; typical values
aaa-015664
IC (mA)
-10-1
-104
-103
-1
-102
-10
-10-1
-1
VCEsat
(V)
-10-2
(3)
(2)
(1)
(4)
Tamb = 25 °C
(1) IC/IB = 100
(2) IC/IB = 50
(3) IC/IB = 20
(4) IC/IB = 10
Fig. 9. Collector-emitter saturation voltage as a
function of collector current; typical values


Similar Part No. - PHPT61006PY

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PHPT61006PY NEXPERIA-PHPT61006PY Datasheet
717Kb / 16P
   100 V, 6 A PNP high power bipolar transistor
21 January 2015
More results

Similar Description - PHPT61006PY

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
MJD42C NEXPERIA-MJD42C Datasheet
230Kb / 11P
   100 V, 6 A PNP high power bipolar transistor
10 May 2021
PHPT61006PY NEXPERIA-PHPT61006PY Datasheet
717Kb / 16P
   100 V, 6 A PNP high power bipolar transistor
21 January 2015
MJD42C-Q NEXPERIA-MJD42C-Q Datasheet
223Kb / 10P
   100 V, 6 A PNP high power bipolar transistor
8 June 2021
logo
NXP Semiconductors
PHPT60606PY NXP-PHPT60606PY Datasheet
239Kb / 15P
   60 V, 6 A PNP high power bipolar transistor
9 December 2014
logo
Nexperia B.V. All right...
PHPT60606PY NEXPERIA-PHPT60606PY Datasheet
718Kb / 15P
   60 V, 6 A PNP high power bipolar transistor
9 December 2014
PHPT60406PY NEXPERIA-PHPT60406PY Datasheet
719Kb / 15P
   40 V, 6 A PNP high power bipolar transistor
logo
NXP Semiconductors
PHPT61010PY NXP-PHPT61010PY Datasheet
239Kb / 16P
   100 V, 10 A PNP high power bipolar transistor
20 March 2015
logo
Nexperia B.V. All right...
PHPT61002PYCLH NEXPERIA-PHPT61002PYCLH Datasheet
261Kb / 15P
   100 V, 2 A PNP high power bipolar transistor
PHPT61010PY NEXPERIA-PHPT61010PY Datasheet
719Kb / 16P
   100 V, 10 A PNP high power bipolar transistor
20 March 2015
PHPT61002PYC NEXPERIA-PHPT61002PYC Datasheet
718Kb / 15P
   100 V, 2 A PNP high power bipolar transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com