Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHPT61006PY Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PHPT61006PY
Description  100 V, 6 A PNP high power bipolar transistor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PHPT61006PY Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PHPT61006PY Datasheet HTML 2Page - NXP Semiconductors PHPT61006PY Datasheet HTML 3Page - NXP Semiconductors PHPT61006PY Datasheet HTML 4Page - NXP Semiconductors PHPT61006PY Datasheet HTML 5Page - NXP Semiconductors PHPT61006PY Datasheet HTML 6Page - NXP Semiconductors PHPT61006PY Datasheet HTML 7Page - NXP Semiconductors PHPT61006PY Datasheet HTML 8Page - NXP Semiconductors PHPT61006PY Datasheet HTML 9Page - NXP Semiconductors PHPT61006PY Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
NXP Semiconductors
PHPT61006PY
100 V, 6 A PNP high power bipolar transistor
PHPT61006PY
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved
Product data sheet
21 January 2015
6 / 16
10. Characteristics
Table 7.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCB = -80 V; IE = 0 A; Tamb = 25 °C
-
-
-100
nA
ICBO
collector-base cut-off
current
VCB = -80 V; IE = 0 A; Tj = 150 °C
-
-
-50
µA
ICES
collector-emitter cut-off
current
VCE = -80 V; VBE = 0 V; Tamb = 25 °C
-
-
-100
nA
IEBO
emitter-base cut-off
current
VEB = -8 V; IC = 0 A; Tamb = 25 °C
-
-
-100
nA
VCE = -2 V; IC = -500 mA; Tamb = 25 °C
170
305
-
VCE = -2 V; IC = -1 A; tp ≤ 300 µs;
δ ≤ 0.02; Tamb = 25 °C; pulsed
160
275
-
VCE = -2 V; IC = -3 A; tp ≤ 300 µs;
δ ≤ 0.02; Tamb = 25 °C; pulsed
45
90
-
hFE
DC current gain
VCE = -2 V; IC = -6 A; pulsed;
tp ≤ 300 µs; δ ≤ 0.02; Tamb = 25 °C
10
20
-
IC = -1 A; IB = -50 mA; tp ≤ 300 µs;
δ ≤ 0.02; Tamb = 25 °C
-
-75
-130
mV
IC = -3 A; IB = -300 mA; pulsed;
tp ≤ 300 µs; δ ≤ 0.02; Tamb = 25 °C
-
-150
-240
mV
VCEsat
collector-emitter
saturation voltage
IC = -6 A; IB = -600 mA; pulsed;
tp ≤ 300 µs; δ ≤ 0.02; Tamb = 25 °C
-
-900
-1600 mV
RCEsat
collector-emitter
saturation resistance
IC = -6 A; IB = -600 mA; tp ≤ 300 µs;
δ ≤ 0.02; Tamb = 25 °C; pulsed
-
85
270
IC = -1 A; IB = -50 mA; pulsed;
tp ≤ 300 µs; δ ≤ 0.02; Tamb = 25 °C
-
-0.8
-0.95
V
IC = -3 A; IB = -300 mA; pulsed;
tp ≤ 300 µs; δ ≤ 0.02; Tamb = 25 °C
-
-0.95
-1.1
V
VBEsat
base-emitter saturation
voltage
IC = -6 A; IB = -600 mA; pulsed;
tp ≤ 300 µs; δ ≤ 0.02; Tamb = 25 °C
-
-1.1
-1.25
V
VBEon
base-emitter turn-on
voltage
VCE = -2 V; IC = -500 mA; Tamb = 25 °C
-
-0.7
-0.8
V
td
delay time
-
15
-
ns
tr
rise time
-
220
-
ns
ton
turn-on time
-
235
-
ns
ts
storage time
-
160
-
ns
tf
fall time
-
185
-
ns
toff
turn-off time
VCC = -12.5 V; IC = -3 A;
IBon = -150 mA; IBoff = 150 mA;
Tamb = 25 °C
-
345
-
ns


Similar Part No. - PHPT61006PY

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PHPT61006PY NEXPERIA-PHPT61006PY Datasheet
717Kb / 16P
   100 V, 6 A PNP high power bipolar transistor
21 January 2015
More results

Similar Description - PHPT61006PY

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
MJD42C NEXPERIA-MJD42C Datasheet
230Kb / 11P
   100 V, 6 A PNP high power bipolar transistor
10 May 2021
PHPT61006PY NEXPERIA-PHPT61006PY Datasheet
717Kb / 16P
   100 V, 6 A PNP high power bipolar transistor
21 January 2015
MJD42C-Q NEXPERIA-MJD42C-Q Datasheet
223Kb / 10P
   100 V, 6 A PNP high power bipolar transistor
8 June 2021
logo
NXP Semiconductors
PHPT60606PY NXP-PHPT60606PY Datasheet
239Kb / 15P
   60 V, 6 A PNP high power bipolar transistor
9 December 2014
logo
Nexperia B.V. All right...
PHPT60606PY NEXPERIA-PHPT60606PY Datasheet
718Kb / 15P
   60 V, 6 A PNP high power bipolar transistor
9 December 2014
PHPT60406PY NEXPERIA-PHPT60406PY Datasheet
719Kb / 15P
   40 V, 6 A PNP high power bipolar transistor
logo
NXP Semiconductors
PHPT61010PY NXP-PHPT61010PY Datasheet
239Kb / 16P
   100 V, 10 A PNP high power bipolar transistor
20 March 2015
logo
Nexperia B.V. All right...
PHPT61002PYCLH NEXPERIA-PHPT61002PYCLH Datasheet
261Kb / 15P
   100 V, 2 A PNP high power bipolar transistor
PHPT61010PY NEXPERIA-PHPT61010PY Datasheet
719Kb / 16P
   100 V, 10 A PNP high power bipolar transistor
20 March 2015
PHPT61002PYC NEXPERIA-PHPT61002PYC Datasheet
718Kb / 15P
   100 V, 2 A PNP high power bipolar transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com