Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHPT60610PY Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PHPT60610PY
Description  60 V, 10 A PNP high power bipolar transistor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PHPT60610PY Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PHPT60610PY Datasheet HTML 7Page - NXP Semiconductors PHPT60610PY Datasheet HTML 8Page - NXP Semiconductors PHPT60610PY Datasheet HTML 9Page - NXP Semiconductors PHPT60610PY Datasheet HTML 10Page - NXP Semiconductors PHPT60610PY Datasheet HTML 11Page - NXP Semiconductors PHPT60610PY Datasheet HTML 12Page - NXP Semiconductors PHPT60610PY Datasheet HTML 13Page - NXP Semiconductors PHPT60610PY Datasheet HTML 14Page - NXP Semiconductors PHPT60610PY Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
NXP Semiconductors
PHPT60610PY
60 V, 10 A PNP high power bipolar transistor
PHPT60610PY
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved
Product data sheet
27 May 2015
11 / 17
12. Package outline
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT669
MO-235
sot669_po
11-03-25
13-02-27
Unit(1)
mm
max
nom
min
1.20
1.01
0.15
0.00
0.25
0.50
0.35
4.41
3.62
2.2
2.0
6.2
5.8
0.85
0.40
A
Dimensions (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
Plastic single-ended surface-mounted package (LFPAK56; Power-SO8); 4 leads
SOT669
A1
A2
1.10
0.95
A3
b
b2
b3
0.1
L2
w
y
8°
0°
θ
b4
c
c2 D(1) D1(1) E(1) E1(1)
3.3
3.1
e
1.27
H
L
0.25
0.19
0.30
0.24
4.20
1.3
0.8
0.25
0.9
0.7
4.10
3.80
5.0
4.8
1.3
0.8
L1
A
C
1/2 e
w
A
0
5 mm
scale
e
E1
b
c2
A2
1
2
3
4
mounting
base
D1
c
E
b2
b3
b4
H
D
L2
L1
C
X
y C
q
(A3)
L
A
A1
detail X
Fig. 14. Package outline LFPAK56; Power-SO8 (SOT669)


Similar Part No. - PHPT60610PY

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PHPT60610PY NEXPERIA-PHPT60610PY Datasheet
269Kb / 13P
   60 V, 10 A PNP high power bipolar transistor
15 January 2019
More results

Similar Description - PHPT60610PY

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PHPT60610PY NEXPERIA-PHPT60610PY Datasheet
269Kb / 13P
   60 V, 10 A PNP high power bipolar transistor
15 January 2019
logo
NXP Semiconductors
PHPT60606PY NXP-PHPT60606PY Datasheet
239Kb / 15P
   60 V, 6 A PNP high power bipolar transistor
9 December 2014
logo
Nexperia B.V. All right...
PHPT60603PY NEXPERIA-PHPT60603PY Datasheet
735Kb / 15P
   60 V, 3 A PNP high power bipolar transistor
PHPT60606PY NEXPERIA-PHPT60606PY Datasheet
718Kb / 15P
   60 V, 6 A PNP high power bipolar transistor
9 December 2014
logo
NXP Semiconductors
PHPT60610NY NXP-PHPT60610NY Datasheet
251Kb / 17P
   60 V, 10 A NPN high power bipolar transistor
27 May 2015
logo
Nexperia B.V. All right...
PHPT60610NY NEXPERIA-PHPT60610NY Datasheet
271Kb / 13P
   60 V, 10 A NPN high power bipolar transistor
15 January 2019
logo
NXP Semiconductors
PHPT60410PY NXP-PHPT60410PY Datasheet
254Kb / 16P
   40 V, 10 A PNP high power bipolar transistor
21 January 2015
PHPT61010PY NXP-PHPT61010PY Datasheet
239Kb / 16P
   100 V, 10 A PNP high power bipolar transistor
20 March 2015
logo
Nexperia B.V. All right...
PHPT60410PY NEXPERIA-PHPT60410PY Datasheet
730Kb / 16P
   40 V, 10 A PNP high power bipolar transistor
21 January 2015
PHPT61010PY NEXPERIA-PHPT61010PY Datasheet
719Kb / 16P
   100 V, 10 A PNP high power bipolar transistor
20 March 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com