Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6754 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC6754
Description  High Speed Rail-to-Rail Input Comparator with LVDS Compatible Outputs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6754 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC6754 Datasheet HTML 3Page - Linear Technology LTC6754 Datasheet HTML 4Page - Linear Technology LTC6754 Datasheet HTML 5Page - Linear Technology LTC6754 Datasheet HTML 6Page - Linear Technology LTC6754 Datasheet HTML 7Page - Linear Technology LTC6754 Datasheet HTML 8Page - Linear Technology LTC6754 Datasheet HTML 9Page - Linear Technology LTC6754 Datasheet HTML 10Page - Linear Technology LTC6754 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
LTC6754
7
6754f
For more information www.linear.com/LTC6754
Typical perForMance characTerisTics
Input Offset and Hysteresis vs
Temperature, VCCI = VCCO = 2.5V
Input Offset, Hysteresis vs
Input Common Mode Voltage
Input Bias Current vs Differential
Voltage, VCC = 5.0V
Input Bias Current vs Common
Mode Voltage
Output Common Mode Voltage vs
Supply Voltage
Output Common Mode Voltage
vs Temperature
Input Offset and Hysteresis vs
Supply Voltage, VCM = 0.3V
Input Offset and Hysteresis vs
Supply Voltage, VCM = VCC – 0.3V
Input Offset and Hysteresis vs
Temperature, VCCI = VCCO = 5.0V
VCCI = VCCO = 5.0V, RL = 100Ω,
VOVERDRIVE = 50mV, VCM = 300mV, unless otherwise noted.
TOTAL SUPPLY VOLTAGE (V)
2.4000
3.1125
3.8250
4.5375
5.2500
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Supply Voltage, VCM = 0.3V
Input Offset and Hysteresis vs
6754 G01
HYSTERESIS
OFFSET
HYSTERESIS
OFFSET
TOTAL SUPPLY VOLTAGE (V)
2.4000
3.1125
3.8250
4.5375
5.2500
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Supply Voltage, VCM = VCCI– 0.3V
Input Offset and Hysteresis vs
6754 G02
HYSTERESIS
OFFSET
TEMPERATURE (°C)
–55 –35 –15 5
25 45 65 85 105 125
–2
–1
0
1
2
3
4
5
6
7
8
6754 G03
HYSTERESIS
OFFSET
TEMPERATURE (°C)
–55 –35 –15 5
25 45 65 85 105 125
–2
–1
0
1
2
3
4
5
6
7
8
6754 G04
HYSTERESIS
OFFSET
INPUT COMMON MODE VOLTAGE (V)
–0.2 0.3 0.9 1.4 1.9 2.5 3.0 3.5 4.0 4.6 5.1
–2.0
–1.0
0
1.0
2.0
3.0
4.0
5.0
6.0
Input Common Mode Voltage
Input Offset, Hysteresis vs
6754 G05
TOTAL SUPPLY VOLTAGE (V)
2.4000
3.1125
3.8250
4.5375
5.2500
1.240
1.244
1.248
1.252
1.256
1.260
1.264
1.268
1.272
1.276
1.280
Supply Voltage
Output Common Mode Voltage vs
6754 G08
VCCI = VCCO = 5.0V
VCCI = VCCO = 2.5V
TEMPERATURE (°C)
–55 –35 –15 5
25 45 65 85 105 125
1.2450
1.2485
1.2520
1.2555
1.2590
1.2625
1.2660
1.2695
1.2730
1.2765
1.2800
6754 G09
+IN
–IN
INPUT DIFFERENTIAL VOLTAGE (V)
–5.4 –4.3 –3.2 –2.2 –1.1 0.0 1.1 2.2 3.2 4.3 5.4
–4.0
–3.5
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
6754 G06
INPUT DIFFERENTIAL VOLTAGE (V)
–0.2 0.3 0.9 1.4 1.9 2.5 3.0 3.5 4.0 4.6 5.1
–4.0
–3.5
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
6754 G07


Similar Part No. - LTC6754

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC6754 AD-LTC6754 Datasheet
3Mb / 34P
   Four-Channel Transimpedance Amplifier with Output Multiplexing
Rev. 0
More results

Similar Description - LTC6754

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
NJU7725X NISSHINBO-NJU7725X Datasheet
2Mb / 31P
   High-Speed, Rail-to-Rail Input, CMOS Comparator
June 30, 2022 Ver.0.3
logo
Texas Instruments
TLV3502-Q1 TI1-TLV3502-Q1_14 Datasheet
1,007Kb / 23P
[Old version datasheet]   Rail-to-Rail High-Speed Comparator
logo
STMicroelectronics
TS3011 STMICROELECTRONICS-TS3011 Datasheet
239Kb / 14P
   Rail-to-rail high-speed comparator
TS3021 STMICROELECTRONICS-TS3021 Datasheet
901Kb / 17P
   Rail-to-rail 1.8V high-speed comparator
TS3021_0710 STMICROELECTRONICS-TS3021_0710 Datasheet
901Kb / 16P
   Rail-to-rail 1.8V high-speed comparator
logo
Micrel Semiconductor
MIC7211 MICREL-MIC7211_09 Datasheet
366Kb / 7P
   IttyBitty Rail-to-Rail Input Comparator
logo
Texas Instruments
TLV3502-Q1 TI1-TLV3502-Q1 Datasheet
575Kb / 17P
[Old version datasheet]   4.5-ns RAIL-TO-RAIL HIGH-SPEED COMPARATOR
logo
STMicroelectronics
TS3021 STMICROELECTRONICS-TS3021_V01 Datasheet
610Kb / 16P
   Rail-to-rail 1.8 V high-speed comparator
Rev 9 - October 2022
logo
National Semiconductor ...
LMV7251 NSC-LMV7251 Datasheet
221Kb / 11P
   1.8V Low Voltage Comparator with Rail-to-Rail Input
logo
Texas Instruments
TLV3501A-Q1 TI1-TLV3501A-Q1_15 Datasheet
998Kb / 22P
[Old version datasheet]   Rail-to-Rail, High-Speed Comparator in Microsize Packages
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com