Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC1775 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TC1775
Description  32-Bit Single-Chip Microcontroller
Download  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1775 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TC1775 Datasheet HTML 6Page - Infineon Technologies AG TC1775 Datasheet HTML 7Page - Infineon Technologies AG TC1775 Datasheet HTML 8Page - Infineon Technologies AG TC1775 Datasheet HTML 9Page - Infineon Technologies AG TC1775 Datasheet HTML 10Page - Infineon Technologies AG TC1775 Datasheet HTML 11Page - Infineon Technologies AG TC1775 Datasheet HTML 12Page - Infineon Technologies AG TC1775 Datasheet HTML 13Page - Infineon Technologies AG TC1775 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 101 page
background image
TC1775
Data Sheet
6
V1.2, 2002-05
Preliminary
Table 1
Pin Definitions and Functions
Symbol
Pin
In
Out
Functions
P0
P0.0
P0.1
P0.2
P0.3
P0.4
P0.5
P0.6
P0.7
P0.8
P0.9
P0.10
P0.11
P0.12
P0.13
P0.14
P0.15
N1
N4
P3
P2
P1
R3
R2
R4
T3
T2
U3
U2
U4
U1
V2
V1
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
Port 0
Port 0 serves as 16-bit general purpose I/O port or as lower
external address/data bus AD[15:0] (multiplexed bus mode)
or data bus D[15:0] (demultiplexed bus mode) for the EBU.
Port 0 is used as data input by an external bus master when
accessing modules on the internal FPI Bus.
AD0 / D0
Address/data bus line 0 / Data bus line 0
AD1 / D1
Address/data bus line 1 / Data bus line 1
AD2 / D2
Address/data bus line 2 / Data bus line 2
AD3 / D3
Address/data bus line 3 / Data bus line 3
AD4 / D4
Address/data bus line 4 / Data bus line 4
AD5 / D5
Address/data bus line 5 / Data bus line 5
AD6 / D6
Address/data bus line 6 / Data bus line 6
AD7 / D7
Address/data bus line 7 / Data bus line 7
AD8 / D8
Address/data bus line 8 / Data bus line 8
AD9 / D9
Address/data bus line 9 / Data bus line 9
AD10 / D10
Address/data bus line 10 / Data bus line 10
AD11 / D11
Address/data bus line 11 / Data bus line 11
AD12 / D12
Address/data bus line 12 / Data bus line 12
AD13 / D13
Address/data bus line 13 / Data bus line 13
AD14 / D14
Address/data bus line 14 / Data bus line 14
AD15 / D15
Address/data bus line 15 / Data bus line 15


Similar Part No. - TC1775

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TC17 TIMOTION-TC17 Datasheet
298Kb / 3P
   Max. output 32V DC, 6.25A
20180821-D
logo
TelCom Semiconductor, I...
TC170 TELCOM-TC170 Datasheet
104Kb / 8P
   CMOS CURRENT MODE PWM CONTROLLER
logo
Microchip Technology
TC170 MICROCHIP-TC170 Datasheet
476Kb / 16P
   CMOS Current Mode PWM Controller
2002
logo
Transcom, Inc.
TC1706 TRANSCOM-TC1706 Datasheet
135Kb / 4P
   3 W High Linearity and High Efficiency GaAs Power FETs
logo
Productwell Precision E...
TC1708D-221M PRODUCTWELL-TC1708D-221M Datasheet
129Kb / 4P
   TOROID INDUCTORS
More results

Similar Description - TC1775

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
V850E2 RENESAS-V850E2 Datasheet
2Mb / 88P
   32-bit Single-Chip Microcontroller
logo
Epson Company
S1C33L03 EPSON-S1C33L03 Datasheet
324Kb / 2P
   32-bit Single Chip Microcontroller
logo
Infineon Technologies A...
TC1736 INFINEON-TC1736 Datasheet
793Kb / 123P
   32-Bit Single-Chip Microcontroller
V1.1 2009-08
logo
Epson Company
S1C33209 EPSON-S1C33209 Datasheet
391Kb / 2P
   32-bit Single Chip Microcontroller
logo
Renesas Technology Corp
V850E2FL4-H RENESAS-V850E2FL4-H_15 Datasheet
2Mb / 80P
   32-bit Single-Chip Microcontroller
logo
Infineon Technologies A...
TC11IB INFINEON-TC11IB Datasheet
1Mb / 108P
   32-Bit Single-Chip Microcontroller
V2.3, Nov. 2003
logo
Panasonic Semiconductor
MN103SFM8K PANASONIC-MN103SFM8K Datasheet
486Kb / 25P
   32-bit Single-chip Microcontroller
MN103SJ7 PANASONIC-MN103SJ7 Datasheet
473Kb / 16P
   32-bit Single-chip Microcontroller
logo
Infineon Technologies A...
TC260 INFINEON-TC260 Datasheet
4Mb / 318P
   32-Bit Single-Chip Microcontroller
V 1.0, 2017-06
TC233 INFINEON-TC233 Datasheet
7Mb / 238P
   32-Bit Single-Chip Microcontroller
V 1.0, 2017-03
logo
Renesas Technology Corp
V850E2FL4-H RENESAS-V850E2FL4-H Datasheet
2Mb / 80P
   32-bit Single-Chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com