Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

54F574 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54F574
Description  Octal D-Type Flip-Flop with TRI-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54F574 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  54F574 Datasheet HTML 1Page - National Semiconductor (TI) 54F574 Datasheet HTML 2Page - National Semiconductor (TI) 54F574 Datasheet HTML 3Page - National Semiconductor (TI) 54F574 Datasheet HTML 4Page - National Semiconductor (TI) 54F574 Datasheet HTML 5Page - National Semiconductor (TI) 54F574 Datasheet HTML 6Page - National Semiconductor (TI) 54F574 Datasheet HTML 7Page - National Semiconductor (TI) 54F574 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLF9567
May 1995
54F74F574
Octal D-Type Flip-Flop with TRI-STATE
Outputs
General Description
The ’F574 is a high-speed low power octal flip-flop with a
buffered common Clock (CP) and a buffered common Out-
put Enable (OE) The information presented to the D inputs
is stored in the flip-flops on the LOW-to-HIGH Clock (CP)
transition
This device is functionally identical to the ’F374 except for
the pinouts
Features
Y
Inputs and outputs on opposite sides of package
allowing easy interface with microprocessors
Y
Useful as input or output port for microprocessors
Y
Functionally identical to ’F374
Y
TRI-STATE outputs for bus-oriented applications
Commercial
Military
Package
Package Description
Number
74F574PC
N20A
20-Lead (0300 Wide) Molded Dual-In-Line
54F574DM (Note 2)
J20A
20-Lead Ceramic Dual-In-Line
74F574SC (Note 1)
M20B
20-Lead (0300 Wide) Molded Small Outline JEDEC
74F574SJ (Note 1)
M20D
20-Lead (0300 Wide) Molded Small Outline EIAJ
54F574FM (Note 2)
W20A
20-Lead Cerpack
54F574LM (Note 2)
E20A
20-Lead Ceramic Leadless Chip Carrier Type C
Note 1
Devices also available in 13
reel Use suffix e SCX and SJX
Note 2
Military grade device with environmental and burn-in processing Use suffix e DMQB FMQB and LMQB
Logic Symbols
TLF9567 – 1
IEEEIEC
TLF9567 – 4
Unit LoadingFan Out
54F74F
Pin Names
Description
UL
Input IIH IIL
HIGHLOW
Output IOH IOL
D0–D7
Data Inputs
1010
20 mA b06 mA
CP
Clock Pulse Input (Active LOW)
1010
20 mA b06 mA
OE
TRI-STATE Output Enable Input (Active LOW)
1010
20 mA b06 mA
O0–O7
TRI-STATE Outputs
15040 (333)
b
3 mA24 mA (20 mA)
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M75Printed in U S A


Similar Part No. - 54F574

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F573 NSC-54F573 Datasheet
166Kb / 8P
   Octal D-Type Latch with TRI-STATE Outputs
logo
Texas Instruments
54F573 TI-54F573 Datasheet
373Kb / 10P
[Old version datasheet]   54F573 74F573 Octal D-Type Latch with TRI-STATE(RM) Outputs
logo
National Semiconductor ...
54F573DCQB NSC-54F573DCQB Datasheet
166Kb / 8P
   Octal D-Type Latch with TRI-STATE Outputs
54F573DCX NSC-54F573DCX Datasheet
166Kb / 8P
   Octal D-Type Latch with TRI-STATE Outputs
54F573DM NSC-54F573DM Datasheet
166Kb / 8P
   Octal D-Type Latch with TRI-STATE Outputs
More results

Similar Description - 54F574

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54FCT574 NSC-54FCT574 Datasheet
145Kb / 7P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
54ABT374 NSC-54ABT374 Datasheet
334Kb / 12P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
DM74LS564 NSC-DM74LS564 Datasheet
109Kb / 4P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
54AC574 NSC-54AC574 Datasheet
166Kb / 10P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
54ABT574 NSC-54ABT574 Datasheet
323Kb / 10P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
54ACT564 NSC-54ACT564 Datasheet
131Kb / 8P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
54F374DM NSC-54F374DM Datasheet
175Kb / 8P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
54F534DM NSC-54F534DM Datasheet
170Kb / 8P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
54FCT374 NSC-54FCT374 Datasheet
147Kb / 7P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
74ACT534 NSC-74ACT534 Datasheet
165Kb / 8P
   Octal D Flip-Flop with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com