Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGA25N120AN Datasheet(PDF) 4 Page - Kersemi Electronic Co., Ltd.

Part # FGA25N120AN
Description  High speed switching
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

FGA25N120AN Datasheet(HTML) 4 Page - Kersemi Electronic Co., Ltd.

  FGA25N120AN Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. FGA25N120AN Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. FGA25N120AN Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. FGA25N120AN Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. FGA25N120AN Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. FGA25N120AN Datasheet HTML 6Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
10
20
30
40
50
100
Common Emitter
V
GE
= ± 15V, R
G
= 10
T
C
= 25℃
T
C
= 125℃
td(off)
tf
Collector Current, I
C
[A]
0
10
203040
506070
1
10
Common Emitter
V
CC
= 600V, V
GE
= ± 15V
I
C
= 25A
T
C
= 25℃
T
C
= 125℃
Eon
Eoff
Gate Resistance, R
G
[
Ω]
0
10
20304050
6070
10
100
1000
Common Emitter
V
CC
= 600V, V
GE
= ± 15V
I
C
= 25A
T
C
= 25℃
T
C
= 125℃
td(off)
tf
Gate Resistance, R
G
[
Ω]
0
102030
40
5060
70
10
100
Common Emitter
V
CC
= 600V, V
GE
= ± 15V
I
C
= 25A
T
C
= 25℃
T
C
= 125℃
td(on)
tr
Gate Resistance, R
G
[
Ω]
110
0
500
1000
1500
2000
2500
3000
3500
4000
Ciss
Coss
Common Emitter
V
GE
= 0V, f = 1MHz
T
C
= 25℃
Crss
Collector-Emitter Voltage, V
CE
[V]
Fig 7. Capacitance Characteristics
Fig 8. Turn-On Characteristics vs. Gate
Resistance
Fig 9. Turn-Off Characteristics vs.
Gate Resistance
Fig 10. Switching Loss vs. Gate Resistance
Fig 11. Turn-On Characteristics vs.
Collector Current
Fig 12. Turn-Off Characteristics vs.
Collector Current
10
20
30
40
50
100
Common Emitter
V
GE
= ± 15V, R
G
= 10
T
C
= 25℃
T
C
= 125℃
tr
td(on)
Collector Current, I
C
[A]
FGA25N120AN
www.kersemi.com
2014-8-14
4


Similar Part No. - FGA25N120AN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGA25N120AN FAIRCHILD-FGA25N120AN Datasheet
460Kb / 7P
   IGBT
logo
Inchange Semiconductor ...
FGA25N120AN ISC-FGA25N120AN Datasheet
377Kb / 4P
   IGBT
logo
Fairchild Semiconductor
FGA25N120AND FAIRCHILD-FGA25N120AND Datasheet
567Kb / 8P
   IGBT
FGA25N120ANTD FAIRCHILD-FGA25N120ANTD Datasheet
867Kb / 9P
   1200V NPT Trench IGBT
FGA25N120ANTD FAIRCHILD-FGA25N120ANTD Datasheet
658Kb / 9P
   1200V NPT Trench IGBT
More results

Similar Description - FGA25N120AN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SGF40N60 FAIRCHILD-SGF40N60 Datasheet
357Kb / 8P
   High Speed Switching
logo
Toshiba Semiconductor
CES520 TOSHIBA-CES520 Datasheet
124Kb / 5P
   High-Speed Switching
CUS08F30 TOSHIBA-CUS08F30 Datasheet
127Kb / 5P
   High-Speed Switching
logo
Advanced Power Electron...
AP30G120BSW-HF A-POWER-AP30G120BSW-HF_14 Datasheet
104Kb / 4P
   High Speed Switching
AP30G120SW A-POWER-AP30G120SW_14 Datasheet
93Kb / 3P
   High Speed Switching
logo
Kersemi Electronic Co.,...
2SA1486 KERSEMI-2SA1486 Datasheet
495Kb / 2P
   High speed switching
logo
KEC(Korea Electronics)
KGT15N120NDS KEC-KGT15N120NDS Datasheet
1Mb / 7P
   High speed switching
logo
Toshiba Semiconductor
SSM6K31FE TOSHIBA-SSM6K31FE Datasheet
99Kb / 3P
   High speed switching
logo
Fairchild Semiconductor
FGAF40N60UFTU FAIRCHILD-FGAF40N60UFTU Datasheet
288Kb / 7P
   High Speed Switching
FGL40N120ANTU FAIRCHILD-FGL40N120ANTU Datasheet
543Kb / 7P
   High speed switching
logo
KEC(Korea Electronics)
KDR552F KEC-KDR552F Datasheet
28Kb / 2P
   HIGH SPEED SWITCHING
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com