Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C122F1 Datasheet(PDF) 3 Page - Kersemi Electronic Co., Ltd.

Part # C122F1
Description  Silicon Controlled Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

C122F1 Datasheet(HTML) 3 Page - Kersemi Electronic Co., Ltd.

  C122F1 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. C122F1 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. C122F1 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. C122F1 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
C122F1, C122B1
3
+ Current
+ Voltage
VTM
IDRM at VDRM
IH
Symbol
Parameter
VDRM
Peak Repetitive Off State Forward Voltage
IDRM
Peak Forward Blocking Current
VRRM
Peak Repetitive Off State Reverse Voltage
IRRM
Peak Reverse Blocking Current
VTM
Peak On State Voltage
IH
Holding Current
Voltage Current Characteristic of SCR
Anode +
on state
Reverse Blocking Region
(off state)
Reverse Avalanche Region
Anode –
Forward Blocking Region
IRRM at VRRM
(off state)
100
90
80
70
60
0
1
2
3
45
67
8
IT(AV), AVERAGE ON–STATE FORWARD CURRENT (AMPERES)
CONDUCTION
ANGLE = 30
°
60
° 90°
120
°
180
°
DC
CONDUCTION
ANGLE
360
0
100
95
90
85
80
75
70
65
60
0
1
2
3
45
67
8
IT(AV), AVERAGE ON–STATE CURRENT (AMPERES)
CONDUCTION
ANGLE = 60
°
240
°
360
°
120
°
180
°
CONDUCTION
ANGLE
360
0
RESISTIVE OR
INDUCTIVE LOAD.
50 TO 400 Hz
CONDUCTION
ANGLE
ONE CYCLE OF SUPPLY
FREQUENCY
14
6
4
2
0
0
1
2
3
45
67
8
IT(AV), AVERAGE ON–STATE CURRENT (AMPERES)
CONDUCTION
ANGLE 30
°
8
10
12
DC
180
°
120
°
90
°
60
°
10
8
6
4
2
0
0
1
23
45
6
7
8
IT(AV), AVERAGE ON–STATE CURRENT (AMPERES)
CONDUCTION
ANGLE = 60
°
240
°
360
°
120
°
180
°
CONDUCTION
ANGLE
360
0
RESISTIVE OR INDUCTIVE LOAD, 50 TO 400 Hz
CONDUCTION
ANGLE
ONE CYCLE OF SUPPLY
FREQUENCY
RESISTIVE OR INDUCTIVE LOAD, 50 TO 400 Hz
Figure 1. Current Derating (Half–Wave)
Figure 2. Current Derating (Full–Wave)
Figure 3. Maximum Power Dissipation
(Half–Wave)
Figure 4. Maximum Power Dissipation
(Full–Wave)
www.kersemi.com


Similar Part No. - C122F1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
C122F1 MOTOROLA-C122F1 Datasheet
65Kb / 3P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
C122F1 ONSEMI-C122F1 Datasheet
59Kb / 4P
   Silicon Controlled Rectifiers Reverse Blocking Thyristors
August, 2005 ??Rev. 3
C122F1G ONSEMI-C122F1G Datasheet
59Kb / 4P
   Silicon Controlled Rectifiers Reverse Blocking Thyristors
August, 2005 ??Rev. 3
More results

Similar Description - C122F1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
C122A1 MOTOROLA-C122A1 Datasheet
65Kb / 3P
   SILICON CONTROLLED RECTIFIERS
logo
Power Innovations Ltd
TIC106 POINN-TIC106 Datasheet
165Kb / 8P
   SILICON CONTROLLED RECTIFIERS
TICP106 POINN-TICP106 Datasheet
95Kb / 6P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
MCR12D ONSEMI-MCR12D Datasheet
92Kb / 8P
   Silicon Controlled Rectifiers
December, 1999 ??Rev. 2
logo
Transys Electronics
SC12 TRSYS-SC12 Datasheet
765Kb / 5P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
2N6504 ONSEMI-2N6504 Datasheet
50Kb / 8P
   Silicon Controlled Rectifiers
April, 2001 ??Rev. 4
logo
Motorola, Inc
MCR102 MOTOROLA-MCR102 Datasheet
79Kb / 4P
   Silicon Controlled Rectifiers
MCR22 MOTOROLA-MCR22 Datasheet
101Kb / 6P
   Silicon Controlled Rectifiers
MCR25 MOTOROLA-MCR25 Datasheet
431Kb / 6P
   Silicon Controlled Rectifiers
MCR310 MOTOROLA-MCR310 Datasheet
86Kb / 4P
   Silicon Controlled Rectifiers
logo
NTE Electronics
NTE5550 NTE-NTE5550 Datasheet
20Kb / 2P
   Silicon Controlled Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com