Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EX77424-B3BC Datasheet(PDF) 5 Page - Axiomtek Co., Ltd.

Part # EX77424-B3BC
Description  Hardened Managed 24-port 10/100BASE and 4-port Gigabit Ethernet Switch with SFP options
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

EX77424-B3BC Datasheet(HTML) 5 Page - Axiomtek Co., Ltd.

  EX77424-B3BC Datasheet HTML 1Page - Axiomtek Co., Ltd. EX77424-B3BC Datasheet HTML 2Page - Axiomtek Co., Ltd. EX77424-B3BC Datasheet HTML 3Page - Axiomtek Co., Ltd. EX77424-B3BC Datasheet HTML 4Page - Axiomtek Co., Ltd. EX77424-B3BC Datasheet HTML 5Page - Axiomtek Co., Ltd. EX77424-B3BC Datasheet HTML 6Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
EX77000 Series
www.EtherWAN.com
5
rev. A4
Ordering Information
Model
EX77604-0XYZ
24-port 10/100BASE-TX + 4-port Gigabit Managed Ethernet Switch
EX77424-WXYZ
16-port 10/100BASE-TX + 8-port 100BASE-FX + 4-port Gigabit Managed Ethernet Switch
EX77244-WXYZ
8-port 10/100BASE-TX + 16-port 100BASE-FX + 4-port Gigabit Managed Ethernet Switch
EX77064-WXYZ
24-port 100BASE-FX + 4-port Gigabit Managed Ethernet Switch
EX77064-V0VZ
24-port 100BASE-SFP + 4-port Gigabit SFP Combo Managed Ethernet Switch
* Rack mounting kit included
100FXFiberOptions(W)
1
Multi Mode (SC) - 2Km
2
Multi Mode (ST) - 2Km
6
Multi Mode (SC) WDM-TX:1310nm/RX:1550nm - 2Km
7
Multi Mode (SC) WDM-TX:1550nm/RX:1310nm - 2Km
8
Multi Mode (SC) WDM-TX:1310nm/RX:1550nm - 5Km
9
Multi Mode (SC) WDM-TX:1550nm/RX:1310nm - 5Km
A
Single Mode (SC) - 20Km
B
Single Mode (SC) - 40Km
F
Single Mode (FC) - 20Km
H
Single Mode (ST) - 20Km
P
Single Mode (SC) WDM-TX:1310nm/RX:1550nm - 20Km
Q
Single Mode (SC) WDM-TX:1550nm/RX:1310nm - 20Km
R
Single Mode (SC) WDM-TX:1310nm/RX:1550nm - 40Km
S
Single Mode (SC) WDM-TX:1550nm/RX:1310nm - 40Km
V
SFP
NumbersoffixedGigabitFiber(X)
0
None
1
One Gigabit Fiber Port
2
Two Gigabit Fiber Ports
3
Three Gigabit Fiber Ports
4
Four Gigabit Fiber Ports
GigabitPortOptions(Y)
1
10/100/1000BASE-TX
3
1000BASE-SX(SC) - 550m
4
1000BASE-SX (SC) - 2Km
A
1000BASE-LX (SC) - 10Km
B
1000BASE-LX (SC) - 20Km
R
1000BASE-BX (SC) WDM-TX:1310nm/RX:1550nm - 20Km
S
1000BASE-BX (SC) WDM-TX:1550nm/RX:1310nm - 20Km
V
4-port 1000 BASE SFP Combo with 10/100/1000BASE-TX


Similar Part No. - EX77424-B3BC

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
EX700 EXTECH-EX700 Datasheet
301Kb / 1P
   800A Clamp Meter
logo
Axiomtek Co., Ltd.
EX70900 AXIOMTEK-EX70900 Datasheet
663Kb / 5P
   Hardened Managed 8-port Gigabit Ethernet Switch
EX70962-03B AXIOMTEK-EX70962-03B Datasheet
663Kb / 5P
   Hardened Managed 8-port Gigabit Ethernet Switch
EX70962-04B AXIOMTEK-EX70962-04B Datasheet
663Kb / 5P
   Hardened Managed 8-port Gigabit Ethernet Switch
EX70962-05B AXIOMTEK-EX70962-05B Datasheet
663Kb / 5P
   Hardened Managed 8-port Gigabit Ethernet Switch
More results

Similar Description - EX77424-B3BC

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
EX71000 AXIOMTEK-EX71000 Datasheet
853Kb / 6P
   Hardened Managed 8-port 10/100BASE and 2-port Gigabit Ethernet Switch with SFP options
EX87000 AXIOMTEK-EX87000 Datasheet
736Kb / 6P
   IEC61850-3/IEEE1613 Hardened Managed 24-port 10/100BASE and 4-port Gigabit Ethernet Switch with SFP options
EX89000 AXIOMTEK-EX89000 Datasheet
732Kb / 6P
   IEC61850-3/IEEE1613 Modulized Hardened Managed 24-port 10/100BASE and 4-port Gigabit Ethernet Switch with SFP options
EX27000 AXIOMTEK-EX27000 Datasheet
1Mb / 6P
   IEC61850-3/IEEE1613 Managed 24-port 10/100BASE and 4-port Gigabit Ethernet Switch with SFP options
EX61000A AXIOMTEK-EX61000A Datasheet
741Kb / 6P
   Industrial Managed 8-port 10/100BASE and 2-port Gigabit Ethernet Switch with SFP options
EX78000 AXIOMTEK-EX78000 Datasheet
719Kb / 6P
   Hardened Managed 10-port 10/100BASE and 2-port Gigabit Ethernet Switch
EX74000 AXIOMTEK-EX74000 Datasheet
564Kb / 5P
   Hardened Managed 6-port 10/100BASE with 2-port SFP Gigabit combo Ethernet Switch
EX73000 AXIOMTEK-EX73000 Datasheet
789Kb / 6P
   Hardened Managed 16-port 10/100BASE with 2-port Gigabit combo Ethernet Switch
EX76000 AXIOMTEK-EX76000 Datasheet
594Kb / 6P
   Hardened Managed 16-port 10/100BASE PoE with 2-port Gigabit combo Ethernet Switch
EX83000 AXIOMTEK-EX83000 Datasheet
886Kb / 6P
   IEC61850/IEEE1613 Managed Hardened 16-port 10/100BASE with 2-port Gigabit combo Ethernet Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com