Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM30KPA48A Datasheet(PDF) 4 Page - Protek Devices

Part # SM30KPA48A
Description  30kW SURFACE MOUNT POWER TVS COMPONENT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SM30KPA48A Datasheet(HTML) 4 Page - Protek Devices

  SM30KPA48A Datasheet HTML 1Page - Protek Devices SM30KPA48A Datasheet HTML 2Page - Protek Devices SM30KPA48A Datasheet HTML 3Page - Protek Devices SM30KPA48A Datasheet HTML 4Page - Protek Devices SM30KPA48A Datasheet HTML 5Page - Protek Devices SM30KPA48A Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05294.R0 12/15
Page 4
SM30KPA30A - SM30KPA75A
SMD-30 PACKAGE INFORMATION
OUTLINE DIMENSIONS
DIM
MILLIMETERS
INCHES
MIN
MAX
MIN
MAX
A
16.9
17.9
0.67
0.70
B
7.4
8.4
0.29
0.33
C
11.8
12.8
0.46
0.50
D
5.4
6.4
0.21
0.25
E
1.7
2.7
0.07
0.11
F
1.7
2.7
0.07
0.11
H
16.9
17.9
0.67
0.70
I
7.4
8.4
0.29
0.33
J
2.6
3.6
0.10
0.14
K
2.8
3.8
0.11
0.15
L
0.00
0.51
0.00
0.020
M
7.3
8.3
0.29
0.33
N
7.1
8.1
0.28
0.32
A
BOTTOM VIEW
H
SIDE VIEW
E
F
I
J
K
B


Similar Part No. - SM30KPA48A

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SM30KPA48AN PROTEC-SM30KPA48AN Datasheet
389Kb / 7P
   30kW SURFACE MOUNT POWER TVS COMPONENT
More results

Similar Description - SM30KPA48A

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SM30KPA30AN PROTEC-SM30KPA30AN Datasheet
389Kb / 7P
   30kW SURFACE MOUNT POWER TVS COMPONENT
P30KP30A PROTEC-P30KP30A Datasheet
404Kb / 5P
   30kW power tvs component
P30KP30A PROTEC-P30KP30A_15 Datasheet
298Kb / 6P
   30kW POWER TVS COMPONENT
30KPA30A PROTEC-30KPA30A_12 Datasheet
489Kb / 5P
   30kW power tvs component
30KPA30A PROTEC-30KPA30A_11 Datasheet
400Kb / 5P
   30kW power tvs component
P30KP260A PROTEC-P30KP260A Datasheet
405Kb / 5P
   30kW POWER TVS COMPONENT
SM15KPA17A PROTEC-SM15KPA17A_15 Datasheet
370Kb / 6P
   15kW SURFACE MOUNT POWER TVS COMPONENT
SM15KPA17AN PROTEC-SM15KPA17AN Datasheet
412Kb / 7P
   15kW SURFACE MOUNT POWER TVS COMPONENT
SM15KPA17A PROTEC-SM15KPA17A Datasheet
450Kb / 6P
   15kW SURFACE MOUNT POWER TVS COMPONENT
15KP PROTEC-15KP Datasheet
88Kb / 5P
   POWER TVS COMPONENT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com