Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P15KP75 Datasheet(PDF) 5 Page - Protek Devices

Part # P15KP75
Description  15kW POWER TVS COMPONENT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

P15KP75 Datasheet(HTML) 5 Page - Protek Devices

  P15KP75 Datasheet HTML 1Page - Protek Devices P15KP75 Datasheet HTML 2Page - Protek Devices P15KP75 Datasheet HTML 3Page - Protek Devices P15KP75 Datasheet HTML 4Page - Protek Devices P15KP75 Datasheet HTML 5Page - Protek Devices P15KP75 Datasheet HTML 6Page - Protek Devices P15KP75 Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05314.R6 9/15
Page 5
P15KP17 - P15KP280A
TYPICAL DEVICE CHARACTERISTICS
Peak Pulse Power
10/1000µs
FIGURE 3
POWER DERATING CURVE
T
L - Lead Temperature - °C
0
25
50
75
100
125
150
0
20
40
60
80
100
FIGURE 2
PULSE WAVEFORM
t
f
Peak Value I
PP
TEST
WAVEFORM
PARAMETERS
t
f = 10µs
t
d = 1000µs
t
d = t/(IPP/2)
e-t
0
1
2
3
t - Time - ms
0
50
100
T
J = 25°C
f = 1MHz
Bidirectional @ V
R
Unidirectional V-0V
Bidirectional V-0V
Unidirectional @ V
R
FIGURE 4
TYPICAL JUNCTION CAPACITANCE
0
100
200
300
V
BR - Reverse Breakdown Voltage - V
100
1,000
10,000
100,000
RTCA DO-160G COMPLIANT PRODUCT


Similar Part No. - P15KP75

ManufacturerPart #DatasheetDescription
logo
Protek Devices
P15KP75 PROTEC-P15KP75 Datasheet
427Kb / 7P
   15kW POWER TVS COMPONENT
P15KP75A PROTEC-P15KP75A Datasheet
427Kb / 7P
   15kW POWER TVS COMPONENT
More results

Similar Description - P15KP75

ManufacturerPart #DatasheetDescription
logo
Protek Devices
P15KP17 PROTEC-P15KP17_12 Datasheet
427Kb / 7P
   15kW POWER TVS COMPONENT
15KP17A PROTEC-15KP17A_12 Datasheet
483Kb / 7P
   15kW power tvs component
15KP17A PROTEC-15KP17A_10 Datasheet
552Kb / 7P
   15kW power tvs component
15KPA17A PROTEC-15KPA17A_10 Datasheet
420Kb / 7P
   15kW power tvs component
P15KP17 PROTEC-P15KP17 Datasheet
424Kb / 7P
   15kW power tvs component
15KPA17A PROTEC-15KPA17A_12 Datasheet
422Kb / 7P
   15kW power tvs component
PAM16AL30A PROTEC-PAM16AL30A Datasheet
383Kb / 5P
   15kW POWER TVS COMPONENT
SM15KPA17A PROTEC-SM15KPA17A_15 Datasheet
370Kb / 6P
   15kW SURFACE MOUNT POWER TVS COMPONENT
SM15KPA17AN PROTEC-SM15KPA17AN Datasheet
412Kb / 7P
   15kW SURFACE MOUNT POWER TVS COMPONENT
SM15KPA17A PROTEC-SM15KPA17A Datasheet
450Kb / 6P
   15kW SURFACE MOUNT POWER TVS COMPONENT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com