Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBSP-277-10K Datasheet(PDF) 5 Page - Protek Devices

Part # PBSP-277-10K
Description  3 POLE LED DRIVER & BALLAST PROTECTION MODULE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PBSP-277-10K Datasheet(HTML) 5 Page - Protek Devices

  PBSP-277-10K Datasheet HTML 1Page - Protek Devices PBSP-277-10K Datasheet HTML 2Page - Protek Devices PBSP-277-10K Datasheet HTML 3Page - Protek Devices PBSP-277-10K Datasheet HTML 4Page - Protek Devices PBSP-277-10K Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05455.R8 11/15
Page 5
PBSP-10K Series
COMPANY INFORMATION
COPYRIGHT © ProTek Devices 2014 - This literature is subject to all applicable copyright laws and is not for resale in any manner.
SPECIFICATIONS: ProTek reserves the right to change the electrical and or mechanical characteristics described herein without notice.
DESIGN CHANGES: ProTek reserves the right to discontinue product lines without notice and that the final judgement concerning selection and specifications is the buyer’s and that in furnishing engineering
and technical assistance. ProTek assumes no responsibility with respect to the selection or specifications of such products. ProTek makes no warranty, representation or guarantee regarding the suitability of
its products for any particular purpose, nor does ProTek assume any liability arising out of the application or use of any product or circuit and specifically disclaims any and all liability without limitation special,
consequential or incidental damages.
LIFE SUPPORT POLICY: ProTek Devices products are not authorized for use in life support systems without written consent from the factory.
CONTACT US
Corporate Headquarters
2929 South Fair Lane
Tempe, Arizona 85282
USA
By Telephone
General: 602-431-8101
Sales: & Marketing: 602-414-5109
Customer Service: 602-414-5114
Product Technical Support: 602-414-5107
By Fax
General: 602-431-2288
By E-mail:
Asia Sales: asiasales@protekdevices.com
Europe Sales: europesales@protekdevices.com
U.S. Sales: ussales@protekdevices.com
Distributor Sales: distysales@protekdevices.com
Customer Service: service@protekdevices.com
Technical Support: support@protekdevices.com
ProTek Devices (Asia Pacific) Pte. Ltd.
8 Ubi Road 2, #06-19
Zervex
Singapore - 408538
Tel: +65-67488312
Fax: +65-67488313
Web
www.protekdevices.com
COMPANY PROFILE
In business more than 20 years, ProTek Devices™ is a privately held semiconductor company. The company offers a product line of overvoltage pro-
tection and overcurrent protection components. These include transient voltage suppressor array (TVS arrays) avalanche breakdown diode, steering
diode TVS array and electronics SMD chip fuses. These components deliver circuit protection in electronic systems from numerous overvoltage and
overcurrent events. They include lightning; electrostatic discharge (ESD); nuclear electromagnetic pulses (NEMP); inductive switching; and electro-
magnetic interference (EMI) / radio frequency interference (RFI). ProTek Devices also offers high performance interface and linear products. They
include analog switches; multiplexers; LED drivers; LED wafer die for ESD protection; audio control ICs; RF and related high frequency products.


Similar Part No. - PBSP-277-10K

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PBSP-277-20K PROTEC-PBSP-277-20K Datasheet
264Kb / 5P
   3 POLE LED DRIVER & BALLAST PROTECTION MODULE
More results

Similar Description - PBSP-277-10K

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PBSP-120-20K PROTEC-PBSP-120-20K Datasheet
264Kb / 5P
   3 POLE LED DRIVER & BALLAST PROTECTION MODULE
logo
List of Unclassifed Man...
BSP3-120(LC) ETC2-BSP3-120(LC) Datasheet
765Kb / 1P
   3-Pole LED Driver & Ballast Surge Protectors
logo
Hubbell Incorporated.
BSP3 HUBBELL-BSP3 Datasheet
795Kb / 2P
   3-Pole LED Driver & Ballast Surge Protectors
Rev 09-30-2019
logo
List of Unclassifed Man...
BSP3-120 ETC2-BSP3-120 Datasheet
761Kb / 1P
   3-Pole LED Driver Ballast Surge Protectors, Enhanced
BSP3-120 ETC2-BSP3-120 Datasheet
822Kb / 1P
   LED Driver & Ballast Surge Protectors, Enhanced
BSP3-120 ETC2-BSP3-120 Datasheet
861Kb / 3P
   LED Driver & Ballast Surge Protectors, Enhanced
logo
ON Semiconductor
NCV78663 ONSEMI-NCV78663 Datasheet
584Kb / 37P
   Power Ballast and Dual LED Driver
August, 2013 ??Rev. 1
NCV78763 ONSEMI-NCV78763 Datasheet
529Kb / 49P
   Power Ballast and Dual LED Driver
February, 2015 ??Rev. 3
NCV78763 ONSEMI-NCV78763_18 Datasheet
575Kb / 48P
   Power Ballast and Dual LED Driver
March, 2018 ??Rev. 6A
logo
Bel Fuse Inc.
RJS100 BEL-RJS100 Datasheet
91Kb / 2P
   Telecom - Power Cross Protection & Ballast Protection
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com