Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1SS400MFH Datasheet(PDF) 5 Page - Rohm

Part # 1SS400MFH
Description  Switching Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

1SS400MFH Datasheet(HTML) 5 Page - Rohm

  1SS400MFH Datasheet HTML 1Page - Rohm 1SS400MFH Datasheet HTML 2Page - Rohm 1SS400MFH Datasheet HTML 3Page - Rohm 1SS400MFH Datasheet HTML 4Page - Rohm 1SS400MFH Datasheet HTML 5Page - Rohm 1SS400MFH Datasheet HTML 6Page - Rohm 1SS400MFH Datasheet HTML 7Page - Rohm 1SS400MFH Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
Data Sheet
1SS400SMFH
l
Electrical characteristic curves
0
0.05
0.1
0.15
0.2
0
25
50
75
100
125
150
D = 1/2
DC
Sin(θ=180)
0
0.0001
0.0002
0.0003
0.0004
0.0005
0.0006
0.0007
0.0008
0.0009
0.001
0
10 20 30 40 50 60 70 80
D = 1/2
DC
Sin(θ=180)
0
1
2
3
4
5
6
7
8
9
10
AVE : 9kV
AVE : 1.8kV
AMBIENT TEMPERATURE : Ta(°C)
DERATING CURVE (Io-Ta)
ESD DISPERSION MAP
C=100pF
R=1.5kW
C=200pF
R=0W
T
Tj=150°C
D=t/T
t
VR
Io
VR=40V
0A
0V
REVERSE VOLTAGE : VR(V)
VR-PR CHARACTERISTICS
5/5
2013.02 - Rev.B


Similar Part No. - 1SS400MFH

ManufacturerPart #DatasheetDescription
logo
Rohm
1SS400 ROHM-1SS400 Datasheet
359Kb / 3P
   Switching diode
logo
Zibo Seno Electronic En...
1SS400 ZSELEC-1SS400 Datasheet
180Kb / 3P
   Silicon Epitaxial Planar Switching Diode
logo
Micro Commercial Compon...
1SS400 MCC-1SS400 Datasheet
202Kb / 2P
   90Volts High Speed Switching Diodes
logo
Yea Shin Technology Co....
1SS400 YEASHIN-1SS400 Datasheet
1,011Kb / 4P
   200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package General Purpose Application High Speed Switching Diode
logo
Leshan Radio Company
1SS400 LRC-1SS400 Datasheet
50Kb / 2P
   Switching diode
More results

Similar Description - 1SS400MFH

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
   SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
   SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
   SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
RLS-73 ROHM-RLS-73 Datasheet
54Kb / 2P
   Switching diode
logo
AUK corp
SDS2836F AUK-SDS2836F Datasheet
103Kb / 3P
   Switching Diode
SDS2838E AUK-SDS2838E Datasheet
104Kb / 3P
   Switching Diode
logo
Microsemi Corporation
JAN1N914 MICROSEMI-JAN1N914 Datasheet
53Kb / 2P
   SWITCHING DIODE
logo
AUK corp
SDS2838F AUK-SDS2838F Datasheet
103Kb / 3P
   Switching Diode
logo
ON Semiconductor
BAS116LT1 ONSEMI-BAS116LT1 Datasheet
63Kb / 4P
   Switching Diode
1997 REV 1
logo
Compensated Deuices Inc...
1N914 CDI-DIODE-1N914 Datasheet
68Kb / 2P
   SWITCHING DIODE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com