Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPB80P06P Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # SPB80P06P
Description  SIPMOS Power-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPB80P06P Datasheet(HTML) 8 Page - Infineon Technologies AG

  SPB80P06P Datasheet HTML 1Page - Infineon Technologies AG SPB80P06P Datasheet HTML 2Page - Infineon Technologies AG SPB80P06P Datasheet HTML 3Page - Infineon Technologies AG SPB80P06P Datasheet HTML 4Page - Infineon Technologies AG SPB80P06P Datasheet HTML 5Page - Infineon Technologies AG SPB80P06P Datasheet HTML 6Page - Infineon Technologies AG SPB80P06P Datasheet HTML 7Page - Infineon Technologies AG SPB80P06P Datasheet HTML 8Page - Infineon Technologies AG SPB80P06P Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
1999-11-22
Page 8
SPP80P06P
SPB80P06P
Preliminary data
Avalanche energy
EAS = f (Tj)
para.:
ID = -80 A , VDD = -25 V, RGS = 25 W
25
45
65
85
105
125
145
°C
185
Tj
0
100
200
300
400
500
600
700
mJ
850
Typ. gate charge
VGS = f (QGate)
parameter:
ID = -80 A pulsed
0
20
40
60
80
100 120 140 nC
180
QGate
0
-2
-4
-6
-8
-10
-12
V
-16
SPP80P06P
DS max
V
0,8
DS max
V
0,2
Drain-source breakdown voltage
V(BR)DSS = f (Tj)
-60
-20
20
60
100
140
°C
200
Tj
-54
-56
-58
-60
-62
-64
-66
-68
V
-72
SPP80P06P


Similar Part No. - SPB80P06P

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
SPB80P06P ISC-SPB80P06P Datasheet
297Kb / 2P
   isc P-Channel MOSFET Transistor
logo
Infineon Technologies A...
SPB80P06PG INFINEON-SPB80P06PG Datasheet
525Kb / 11P
   SIPMOS횘 Power-Transistor Features Enhancement mode Avalanche rated
Rev 1.4 2009-11-19
SPB80P06PG INFINEON-SPB80P06PG Datasheet
613Kb / 11P
   SIPMOS횘 Power-Transistor
Rev 1.6 2011-09-01
SPB80P06PG INFINEON-SPB80P06PG_11 Datasheet
613Kb / 11P
   SIPMOS횘 Power-Transistor
Rev 1.6 2011-09-01
More results

Similar Description - SPB80P06P

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BUZ31SMD INFINEON-BUZ31SMD Datasheet
909Kb / 8P
   SIPMOS Power Transistor
05.99
SPP30N03 INFINEON-SPP30N03 Datasheet
560Kb / 14P
   SIPMOS Power Transistor
06.99
SPB10N10L INFINEON-SPB10N10L Datasheet
240Kb / 8P
   SIPMOS Power-Transistor
2005-02-14
BUZ31L INFINEON-BUZ31L Datasheet
88Kb / 8P
   SIPMOS Power Transistor
05.99
BUZ323 INFINEON-BUZ323 Datasheet
114Kb / 9P
   SIPMOS Power Transistor
03/99
SPD07N20 INFINEON-SPD07N20 Datasheet
120Kb / 8P
   SIPMOS Power Transistor
05.99
SPD10N10 INFINEON-SPD10N10 Datasheet
125Kb / 8P
   SIPMOS Power Transistor
05.99
SPI70N10L INFINEON-SPI70N10L Datasheet
514Kb / 8P
   SIPMOS Power-Transistor
2001-08-24
logo
Siemens Semiconductor G...
SPD23N05 SIEMENS-SPD23N05 Datasheet
148Kb / 8P
   SIPMOS Power Transistor
SPD31N05 SIEMENS-SPD31N05 Datasheet
134Kb / 8P
   SIPMOS Power Transistor
logo
Infineon Technologies A...
BUZ72L INFINEON-BUZ72L Datasheet
87Kb / 8P
   SIPMOS Power Transistor
05.99
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com