Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS33000-M018QFNR Datasheet(PDF) 6 Page - Semtech Corporation

Part # TS33000-M018QFNR
Description  High Efficiency Synchronous DC/DC Buck Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TS33000-M018QFNR Datasheet(HTML) 6 Page - Semtech Corporation

Back Button TS33000-M018QFNR Datasheet HTML 2Page - Semtech Corporation TS33000-M018QFNR Datasheet HTML 3Page - Semtech Corporation TS33000-M018QFNR Datasheet HTML 4Page - Semtech Corporation TS33000-M018QFNR Datasheet HTML 5Page - Semtech Corporation TS33000-M018QFNR Datasheet HTML 6Page - Semtech Corporation TS33000-M018QFNR Datasheet HTML 7Page - Semtech Corporation TS33000-M018QFNR Datasheet HTML 8Page - Semtech Corporation TS33000-M018QFNR Datasheet HTML 9Page - Semtech Corporation TS33000-M018QFNR Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
TS33000
Final Datasheet
Rev 1.9
May 1, 2015
www.semtech.com
6 of 17
Semtech
Regulator Characteristics
Electrical characteristics, T
J = -40C to 125C, VCC = 12V (unless otherwise noted)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Switch Mode Regulator: L=1.5uH and C=4.7uF
V
OUT-PWM
Output Voltage Tolerance in Mode
V
OUT
2%
V
OUT
V
OUT +
2%
V
R
DSON
High Side Switch On Resistance
I
VSW = -300mA
110
Low Side Switch On Resistance
I
VSW = 300mA
75
I
OUT
Output Current
600
mA
I
OCDHS
Over Current Detect HS
900
mA
I
OCDLS
Over Current Detect LS
900
mA
V
OUT-LINE
Output Line Regulation
VCC = 2.5V to 5V,
V
OUT = 1.8V, ILOAD = 300mA
-10
10
mV
V
OUT-LOAD
Output Load Regulation
I
LOAD = 10mA to 300mA,
VCC = 5V, V
OUT = 1.8V
V
OUT -
0.5%
V
OUT
V
OUT +
0.5%
V
FB
TH
Feedback Reference
FB Switch Point
0.6
V
FB
TH-TOL
Feedback Reference Tolerance
-1.5
1.5
%
I
FB
Feedback Input Current
100nA
nA
t
SS
Softstart Ramp Time
500
us
V
OUT-PG
VOUT Power Good Threshold
85% V
OUT
V
OUT-PG_HYST
VOUT Power Good Hysteresis
2% V
OUT
V
OUT-OV
VOUT Over Voltage Threshold
106% V
OUT
V
OUT-OV_HYST
VOUT Over Voltage Hysteresis
2% V
OUT


Similar Part No. - TS33000-M018QFNR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS33000 ETC2-TS33000 Datasheet
1Mb / 12P
   High Efficiency Synchronous DC/DC Buck Converter
More results

Similar Description - TS33000-M018QFNR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS33000 ETC2-TS33000 Datasheet
1Mb / 12P
   High Efficiency Synchronous DC/DC Buck Converter
logo
Diodes Incorporated
AP3407 DIODES-AP3407 Datasheet
279Kb / 10P
   HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK CONVERTER
AP3418 DIODES-AP3418 Datasheet
522Kb / 11P
   HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK CONVERTER
AP72200 DIODES-AP72200 Datasheet
1Mb / 30P
   HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK-BOOST CONVERTER
logo
BCD Semiconductor Manuf...
AP3417A BCDSEMI-AP3417A Datasheet
499Kb / 12P
   1A, 1.4MHz High Efficiency Synchronous DC-DC Buck Converter
AP3418 BCDSEMI-AP3418 Datasheet
500Kb / 12P
   1.5A, 1.4MHz High Efficiency Synchronous DC-DC Buck Converter
AP3407,A BCDSEMI-AP3407,A Datasheet
336Kb / 11P
   1.2A, 1.4MHz High Efficiency Synchronous DC-DC Buck Converter
logo
List of Unclassifed Man...
TS33002 ETC2-TS33002 Datasheet
1Mb / 12P
   High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
TS33001 ETC2-TS33001 Datasheet
1Mb / 12P
   High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
logo
ELMOS Semiconductor AG
E521.02 ELMOS-E521.02 Datasheet
1Mb / 82P
   High efficiency 5V DC/DC buck converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com