Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS33000-M015QFNR Datasheet(PDF) 10 Page - Semtech Corporation

Part # TS33000-M015QFNR
Description  High Efficiency Synchronous DC/DC Buck Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TS33000-M015QFNR Datasheet(HTML) 10 Page - Semtech Corporation

Back Button TS33000-M015QFNR Datasheet HTML 6Page - Semtech Corporation TS33000-M015QFNR Datasheet HTML 7Page - Semtech Corporation TS33000-M015QFNR Datasheet HTML 8Page - Semtech Corporation TS33000-M015QFNR Datasheet HTML 9Page - Semtech Corporation TS33000-M015QFNR Datasheet HTML 10Page - Semtech Corporation TS33000-M015QFNR Datasheet HTML 11Page - Semtech Corporation TS33000-M015QFNR Datasheet HTML 12Page - Semtech Corporation TS33000-M015QFNR Datasheet HTML 13Page - Semtech Corporation TS33000-M015QFNR Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
TS33000
Final Datasheet
Rev 1.9
May 1, 2015
www.semtech.com
10 of 17
Semtech
10
Specifications subject to change
WWW.TRIUNESYSTEMS.COM
Copyright
© 2012, Triune Systems, LLC
TS33000
Version 1.9
3.23
3.24
3.25
3.26
3.27
3.28
3.29
3.3
0
100
200
300
400
500
600
IOUT(mA)
VCC=5.5V
VCC=4 V
-­‐0.0005
0
0.0005
0.001
0.0015
0.002
0.0025
0.003
0.0035
0.004
0.0045
4
4.5
5
5.5
Input Voltage (V)
VOUT=3.3V
VOUT=1.8V
VOUT=0.8V
30%
40%
50%
60%
70%
80%
90%
100%
0
100
200
300
400
500
600
IOUT (mA)
VCC=5.5V
VCC=4V
VCC=2V
10%
20%
30%
40%
50%
60%
70%
80%
90%
0
100
200
300
400
500
600
IOUT(mA)
VCC=2V
VCC=4V
VCC=5.5V
30%
40%
50%
60%
70%
80%
90%
100%
0
100
200
300
400
500
600
IOUT (mA)
VCC=2V
VCC=5.5V
VCC=4V
Typical Performance Characteristics
T
J = -40C to 125C, VCC = 12V (unless otherwise noted)
Fig.5 Load Regulation
Fig.7 Efficiency vs. Output Current (V
OUT=1.8V)
Fig.9 Efficiency vs. Output Current (V
OUT=0.8V)
Fig.6 Line Regulation (I
OUT=300mA)
Fig.8 Efficiency vs. Output Current (V
OUT=3.3V)
Fig.10 Efficiency vs. Input Voltage (V
OUT=3.3V)


Similar Part No. - TS33000-M015QFNR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS33000 ETC2-TS33000 Datasheet
1Mb / 12P
   High Efficiency Synchronous DC/DC Buck Converter
More results

Similar Description - TS33000-M015QFNR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS33000 ETC2-TS33000 Datasheet
1Mb / 12P
   High Efficiency Synchronous DC/DC Buck Converter
logo
Diodes Incorporated
AP3407 DIODES-AP3407 Datasheet
279Kb / 10P
   HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK CONVERTER
AP3418 DIODES-AP3418 Datasheet
522Kb / 11P
   HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK CONVERTER
AP72200 DIODES-AP72200 Datasheet
1Mb / 30P
   HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK-BOOST CONVERTER
logo
BCD Semiconductor Manuf...
AP3417A BCDSEMI-AP3417A Datasheet
499Kb / 12P
   1A, 1.4MHz High Efficiency Synchronous DC-DC Buck Converter
AP3418 BCDSEMI-AP3418 Datasheet
500Kb / 12P
   1.5A, 1.4MHz High Efficiency Synchronous DC-DC Buck Converter
AP3407,A BCDSEMI-AP3407,A Datasheet
336Kb / 11P
   1.2A, 1.4MHz High Efficiency Synchronous DC-DC Buck Converter
logo
List of Unclassifed Man...
TS33002 ETC2-TS33002 Datasheet
1Mb / 12P
   High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
TS33001 ETC2-TS33001 Datasheet
1Mb / 12P
   High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
logo
ELMOS Semiconductor AG
E521.02 ELMOS-E521.02 Datasheet
1Mb / 82P
   High efficiency 5V DC/DC buck converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com