Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS30111-M033 Datasheet(PDF) 1 Page - Semtech Corporation

Part # TS30111-M033
Description  High Efficiency 700mA Current-Mode Synchronous Buck DC/DC Regulator, 1MHz
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TS30111-M033 Datasheet(HTML) 1 Page - Semtech Corporation

  TS30111-M033 Datasheet HTML 1Page - Semtech Corporation TS30111-M033 Datasheet HTML 2Page - Semtech Corporation TS30111-M033 Datasheet HTML 3Page - Semtech Corporation TS30111-M033 Datasheet HTML 4Page - Semtech Corporation TS30111-M033 Datasheet HTML 5Page - Semtech Corporation TS30111-M033 Datasheet HTML 6Page - Semtech Corporation TS30111-M033 Datasheet HTML 7Page - Semtech Corporation TS30111-M033 Datasheet HTML 8Page - Semtech Corporation TS30111-M033 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
TS30111
Final Datasheet
Rev 1.0
June 2, 2015
www.semtech.com
1 of 21
Semtech
TS30111
TRIUNE PRODUCTS
High Efficiency 700mA Current-Mode
Synchronous Buck DC/DC Regulator, 1MHz
Features
Fixed output voltage choices: 1.5V, 1.8V, 2.5V, 3.3V, and 5V
Adjustable version output voltage range: 0.8V to 5V
Wide input voltage range 4.5V to 16V (18V Abs Max)
1MHz +/- 10% fixed switching frequency
Continuous output current: 700mA
High efficiency – up to 90%
Current mode PWM control with PFM mode for improved
light load efficiency
Voltage supervisor for VOUT reported at the PG pin
Input supply under voltage lockout
Soft start for controlled startup with no overshoot
Full protection for over-current, over-temperature, and
VOUT over-voltage
Less than 10uA in standby mode
Low external component count
Summary Specification
Junction operating temperature -40 °C to 125 °C
Packaged in a 16pin QFN (3x3)
Description
The TS30111 is a DC/DC synchronous switching regulator with
fully integrated power switches, internal compensation, and
full fault protection. The switching frequency of 1MHz enables
the use of small filter components resulting in minimal board
space and reduced BOM costs.
The TS30111 utilizes current mode feedback in normal
regulation PWM mode. When the regulator is placed in
standby (EN is low), the device draws less than 10uA quiescent
current.
The TS30111 integrates a wide range of protection circuitry
including input supply under-voltage lockout, output voltage
soft start, current limit, and thermal shutdown.
The TS30111 includes supervisory reporting through the
PG (Power Good) open drain output to interface other
components in the system.
Applications
On-card switching regulators
Set-top box, DVD, LCD, LED supply
Industrial power supplies
Typical Applications
VOUT
Adjustable Output
VSW
VCC
FB
BST
VCC
PG
PG
RTOP
RBOT
10 kohm
(optional)
VOUT
EN
EN
CBYPASS
CBST
LOUT
COUT
VOUT
Fixed Output
EN
VSW
VCC
FB
VCC
EN
PG
PG
10 kohm
(optional)
VOUT
BST


Similar Part No. - TS30111-M033

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS30111 ETC2-TS30111 Datasheet
2Mb / 23P
   High Efficiency 700mA Current-Mode Synchronous Buck DC/DC Converter, 1MHz
More results

Similar Description - TS30111-M033

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS30111 ETC2-TS30111 Datasheet
2Mb / 23P
   High Efficiency 700mA Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS30012 ETC2-TS30012 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
logo
Semtech Corporation
TS30011 SEMTECH-TS30011 Datasheet
3Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
logo
List of Unclassifed Man...
TS30013 ETC2-TS30013 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS30011 ETC2-TS30011 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
logo
Intersil Corporation
ISL8014IRZ-T INTERSIL-ISL8014IRZ-T Datasheet
1Mb / 16P
   Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
logo
Micrel Semiconductor
MIC2203 MICREL-MIC2203 Datasheet
2Mb / 13P
   High Efficiency 1MHz Synchronous Buck Regulator
logo
SiGe Semiconductor, Inc...
AATIAN27 SIGE-AATIAN27 Datasheet
97Kb / 4P
   1MHz 3A Buck DC/DC Switch Mode Regulator
logo
Renesas Technology Corp
ISL8012 RENESAS-ISL8012 Datasheet
1Mb / 17P
   2A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
ISL8013A RENESAS-ISL8013A Datasheet
2Mb / 16P
   3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com