Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS30013 Datasheet(PDF) 11 Page - Semtech Corporation

Part # TS30013
Description  High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TS30013 Datasheet(HTML) 11 Page - Semtech Corporation

Back Button TS30013 Datasheet HTML 7Page - Semtech Corporation TS30013 Datasheet HTML 8Page - Semtech Corporation TS30013 Datasheet HTML 9Page - Semtech Corporation TS30013 Datasheet HTML 10Page - Semtech Corporation TS30013 Datasheet HTML 11Page - Semtech Corporation TS30013 Datasheet HTML 12Page - Semtech Corporation TS30013 Datasheet HTML 13Page - Semtech Corporation TS30013 Datasheet HTML 14Page - Semtech Corporation TS30013 Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
TS30011/12/13
Final Datasheet
Rev 1.7
August 24, 2015
www.semtech.com
11 of 18
Semtech
Typical Performance Characteristics continued
T
J = -40C to 125C, VCC = 12V (unless otherwise noted)
Figure 16. Standby Current vs. Input Voltage
Figure 17. Standby Current vs. Temperature
Figure 18. Output Voltage vs. Temperature
Figure 19. Oscillator Frequency vs. Temperature (I
OUT=300mA)
Figure 20. Quiescent Current vs. Temperature (No load)
Figure 21. Input Current vs. Temperature (No load, No switching)


Similar Part No. - TS30013

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS30013 ETC2-TS30013 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS30013 ETC2-TS30013 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
More results

Similar Description - TS30013

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS30012 ETC2-TS30012 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS30013 ETC2-TS30013 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS30011 ETC2-TS30011 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS30021 ETC2-TS30021 Datasheet
1Mb / 19P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 2MHz and 470mA LDO
TS30022 ETC2-TS30022 Datasheet
1Mb / 19P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 2MHz and 470mA LDO
TS30023 ETC2-TS30023 Datasheet
1Mb / 19P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 2MHz and 470mA LDO
TS30111 ETC2-TS30111 Datasheet
2Mb / 23P
   High Efficiency 700mA Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS33002 ETC2-TS33002 Datasheet
1Mb / 12P
   High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
TS33001 ETC2-TS33001 Datasheet
1Mb / 12P
   High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
logo
Semtech Corporation
TS30041 SEMTECH-TS30041 Datasheet
1Mb / 18P
   High E! ciency 1A/2A Current-Mode Synchronous Buck Converter, 1MHz
Rev 2.2 July 27, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com