Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC171EVB Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC171EVB
Description  Regulator with Optional Ultrasonic Power Save
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC171EVB Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC171EVB Datasheet HTML 2Page - Semtech Corporation SC171EVB Datasheet HTML 3Page - Semtech Corporation SC171EVB Datasheet HTML 4Page - Semtech Corporation SC171EVB Datasheet HTML 5Page - Semtech Corporation SC171EVB Datasheet HTML 6Page - Semtech Corporation SC171EVB Datasheet HTML 7Page - Semtech Corporation SC171EVB Datasheet HTML 8Page - Semtech Corporation SC171EVB Datasheet HTML 9Page - Semtech Corporation SC171EVB Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
© 2010 Semtech Corporation
Pin Descriptions (MLPD-10)
Pin #
Pin Name
Pin Function
1
BST
Bootstrap pin. A capacitor is connected between BST to LX to develop the floating voltage for the
high-side gate drive.
2
VIN
Power input supply voltage.
3
LX
Switching (Phase) node.
4
PGND
Power ground.
5
PGOOD
Open-drain Power Good indicator. High impedance indicates power is good. An external pull-up
resistor is required.
6
FB
Feedback input for switching regulator. Connect to an external resistor divider from the output to
program the output voltage.
7
EN/PSV
Tri-state pin. Enable input for switching regulator. Pull EN/PSV high to enable the part with power
save mode enabled. Connect EN/PSV to AGND to disable the switching regulator. Leave EN/PSV
floating to enable the IC in forced continuous conduction mode.
8
TON
On-time set input. Set the on-time by a series resistor to AGND.
9
AGND
Analog Ground.
10
VDD
Input power for internal control circuit. Needs 1mF decoupling capacitor from this pin to AGND.
PAD
Thermal pad for heatsinking purposes. Connect to ground plane using multiple vias. Not con-
nected internally.
6
SC171


Similar Part No. - SC171EVB

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC171EVB SEMTECH-SC171EVB Datasheet
622Kb / 27P
   1A EcoSpeedTM Synchronous Step-Down Regulator with Optional Ultrasonic Power Save
SC171EVB SEMTECH-SC171EVB Datasheet
590Kb / 27P
   1A EcoSpeedTM Synchronous Step-Down Regulator with Optional Ultrasonic Power Save
More results

Similar Description - SC171EVB

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC172MLTRT SEMTECH-SC172MLTRT Datasheet
590Kb / 27P
   Regulator with Optional Ultrasonic Power Save
SC171 SEMTECH-SC171_10 Datasheet
622Kb / 27P
   1A EcoSpeedTM Synchronous Step-Down Regulator with Optional Ultrasonic Power Save
SC174 SEMTECH-SC174 Datasheet
718Kb / 27P
   4A EcoSpeedTM Synchronous Step-Down Regulator with Optional Ultrasonic Power Save
SC173 SEMTECH-SC173 Datasheet
717Kb / 27P
   3A EcoSpeedTM Synchronous Step-Down Regulator with Optional Ultrasonic Power Save
SC171 SEMTECH-SC171 Datasheet
590Kb / 27P
   1A EcoSpeedTM Synchronous Step-Down Regulator with Optional Ultrasonic Power Save
SC172 SEMTECH-SC172 Datasheet
622Kb / 27P
   2A EcoSpeedTM Synchronous Step-Down Regulator with Optional Ultrasonic Power Save
SC3303MLTRT SEMTECH-SC3303MLTRT Datasheet
516Kb / 26P
   3A EcoSpeed Step-Down Regulator with LDO and Ultrasonic Power Save
SC410 SEMTECH-SC410 Datasheet
614Kb / 26P
   3A EcoSpeed TM Step-Down Regulator with LDO and Ultrasonic Power Save
SC3203 SEMTECH-SC3203 Datasheet
1Mb / 20P
   3A EcoSpeed짰 Step-Down Regulator with Power Save
logo
Rohm
BHXXPB1WHFV ROHM-BHXXPB1WHFV Datasheet
363Kb / 6P
   Auto Power Save CMOS Type series regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com