Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDA100W-700GD Datasheet(PDF) 1 Page - Phihong USA Inc.

Part # PDA100W-700GD
Description  100W Constant Current LED Driver LED Power Supply with 0-10V Dimming
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PDA100W-700GD Datasheet(HTML) 1 Page - Phihong USA Inc.

  PDA100W-700GD Datasheet HTML 1Page - Phihong USA Inc. PDA100W-700GD Datasheet HTML 2Page - Phihong USA Inc. PDA100W-700GD Datasheet HTML 3Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Revised 1/9/2015
WWW.PHIHONG.COM
100W Constant Current LED Driver
PDA100W LED Power Supply with 0-10V Dimming
Features
 High Efficiency
 IP65 Rated
 UL8750 Compliant
 Wide Operating Temperature Range
 Brownout Protection
 108-305VAC Input Range
 OVP, Short and Open Circuit Protections
 5 Year Warranty
 0-10V Dimming
Applications
 General Lighting
 Outdoor Lighting
 Street Lighting
 Architectural Lighting
Safety Approvals
 cUL/UL
Mechanical Characteristics
 Length: 241mm (9.49in)
 Height: 39mm (1.54in)
 Width: 59mm (2.32in)
 Weight: TBD
Output Specifications
Phihong is not responsible for any error, and reserves the right to make changes without notice. Please visit our website at
www.phihong.com for the most up-to-date specifications and contact information.
Model
DC Output Voltage
Output
Current
Output
Power
Min.
Typ.
Max.
PDA100W-700GD
82V
-
143V
700mA
100W
PDA100W-1A0GD
58V
-
100V
1000mA
100W


Similar Part No. - PDA100W-700GD

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PDA100W-700GB PHIHONG-PDA100W-700GB Datasheet
334Kb / 4P
   100W Constant Current LED Driver PDA100W LED Power Supply with 0-10V Dimming
More results

Similar Description - PDA100W-700GD

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PDA100W-1A0GB PHIHONG-PDA100W-1A0GB Datasheet
334Kb / 4P
   100W Constant Current LED Driver PDA100W LED Power Supply with 0-10V Dimming
PDA075W-T700G PHIHONG-PDA075W-T700G Datasheet
167Kb / 4P
   75W LED Driver with 3 Channel Constant Current Outputs 0-10V Dimming LED Power Supply
PDA026W-D350G PHIHONG-PDA026W-D350G Datasheet
146Kb / 3P
   26W LED Driver with 2 Channel Constant Current Outputs LED Power Supply with 0-10V Dimming
PDA038W-T350G PHIHONG-PDA038W-T350G Datasheet
185Kb / 4P
   36W LED Driver with 3 Channel Constant Current Outputs LED Power Supply with 0-10V Dimming
PDA037W-350G PHIHONG-PDA037W-350G Datasheet
224Kb / 4P
   37W LED Driver with 4 Channel Constant Current Outputs LED Power Supply with 0-10V Dimming
PDA050W-450G PHIHONG-PDA050W-450G Datasheet
224Kb / 3P
   50W LED Driver with 4 Channel Constant Current Outputs LED Power Supply with 0-10V Dimming
PDA060W-700B PHIHONG-PDA060W-700B Datasheet
216Kb / 4P
   60W Dimmable Constant Current LED Driver Waterproof LED Driver with 0-10V Dimming
PDA040W-700B PHIHONG-PDA040W-700B Datasheet
264Kb / 4P
   40W Dimmable Constant Current LED Driver Waterproof LED Driver with 0-10V Dimming
PDA041W-700B PHIHONG-PDA041W-700B Datasheet
218Kb / 5P
   40W Dimmable Constant Current LED Driver Waterproof LED Driver with 0-10V Dimming
PDA100B-48VG PHIHONG-PDA100B-48VG Datasheet
441Kb / 3P
   100W Constant Voltage LED Driver PDA100B LED Power Supply Non-Dimming
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com