Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SPP20N60S5 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part No. SPP20N60S5
Description  Cool MOS™ Power Transistor
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

SPP20N60S5 Datasheet(HTML) 6 Page - Infineon Technologies AG

Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
2004-03-30
Rev. 2.1
Page 6
SPP20N60S5
SPB20N60S5
5 Typ. output characteristic
ID = f (VDS); Tj=150°C
parameter: tp = 10 µs, VGS
0
5
10
15
V
25
VDS
0
5
10
15
20
25
A
35
6V
6.5V
7V
7.5V
8V
8.5V
9V
20V
12V
10V
6 Typ. drain-source on resistance
RDS(on)=f(ID)
parameter: Tj=150°C, VGS
0
5
10
15
20
25
30
A
40
ID
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
m
1.5
6V
6.5V
7V
7.5V
8V
8.5V
9V
10V
12V
20V
7 Drain-source on-state resistance
RDS(on) = f (Tj)
parameter : ID = 13 A, VGS = 10 V
-60
-20
20
60
100
°C
180
Tj
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.1
SPP20N60S5
typ
98%
8 Typ. transfer characteristics
ID= f ( VGS ); VDS≥ 2 x ID x RDS(on)max
parameter: tp = 10 µs
0
5
10
V
20
VGS
0
5
10
15
20
25
30
35
40
45
50
55
60
A
70
25°C
150°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SPN03N60C3Cool MOS™ Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPP07N60C3Cool MOS™ Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPN03N60S5Cool MOS™ Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPP07N60S5Cool MOS™ Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPP20N60CFDCool MOS™ Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPN04N60C2Cool MOS™ Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPP07N65C3Cool MOS™ Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPP20N65C3Cool MOS™ Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPW17N80C3Cool MOS™ Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPS01N60C3Cool MOS™ Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn