Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SPP20N60S5 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part No. SPP20N60S5
Description  Cool MOS™ Power Transistor
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

SPP20N60S5 Datasheet(HTML) 5 Page - Infineon Technologies AG

 
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
2004-03-30
Rev. 2.1
Page 5
SPP20N60S5
SPB20N60S5
1 Power dissipation
Ptot = f (TC)
0
20
40
60
80
100
120
°C
160
TC
0
20
40
60
80
100
120
140
160
180
200
W
240
SPP20N60S5
2 Safe operating area
ID = f ( VDS )
parameter : D = 0 , TC=25°C
10
0
10
1
10
2
10
3
V
VDS
-2
10
-1
10
0
10
1
10
2
10
A
tp = 0.001 ms
tp = 0.01 ms
tp = 0.1 ms
tp = 1 ms
DC
3 Transient thermal impedance
ZthJC = f (tp)
parameter: D = tp/T
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
-4
10
-3
10
-2
10
-1
10
0
10
K/W
D = 0.5
D = 0.2
D = 0.1
D = 0.05
D = 0.02
D = 0.01
single pulse
4 Typ. output characteristic
ID = f (VDS); Tj=25°C
parameter: tp = 10 µs, VGS
0
5
10
15
20
V
30
VDS
0
5
10
15
20
25
30
35
40
45
50
55
60
A
75
10V
9V
8V
7V
20V
15V
12V
11V


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SPN03N60C3Cool MOS™ Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPP07N60C3Cool MOS™ Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPN03N60S5Cool MOS™ Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPP07N60S5Cool MOS™ Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPP20N60CFDCool MOS™ Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPN04N60C2Cool MOS™ Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPP07N65C3Cool MOS™ Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPP20N65C3Cool MOS™ Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPW17N80C3Cool MOS™ Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPS01N60C3Cool MOS™ Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn