Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPI20N60C3 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # SPI20N60C3
Description  Cool MOS Power Transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPI20N60C3 Datasheet(HTML) 4 Page - Infineon Technologies AG

  SPI20N60C3 Datasheet HTML 1Page - Infineon Technologies AG SPI20N60C3 Datasheet HTML 2Page - Infineon Technologies AG SPI20N60C3 Datasheet HTML 3Page - Infineon Technologies AG SPI20N60C3 Datasheet HTML 4Page - Infineon Technologies AG SPI20N60C3 Datasheet HTML 5Page - Infineon Technologies AG SPI20N60C3 Datasheet HTML 6Page - Infineon Technologies AG SPI20N60C3 Datasheet HTML 7Page - Infineon Technologies AG SPI20N60C3 Datasheet HTML 8Page - Infineon Technologies AG SPI20N60C3 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
2003-10-08
Page 4
SPP20N60C3, SPB20N60C3
SPI20N60C3, SPA20N60C3
Final data
Electrical Characteristics
Parameter
Symbol
Conditions
Values
Unit
min.
typ.
max.
Inverse diode continuous
forward current
IS
TC=25°C
-
-
20.7 A
Inverse diode direct current,
pulsed
ISM
-
-
62.1
Inverse diode forward voltage
VSD
VGS=0V, IF=IS
-
1
1.2
V
Reverse recovery time
trr
VR=480V, IF=IS ,
diF/dt=100A/µs
-
500
800
ns
Reverse recovery charge
Qrr
-
11
-
µC
Peak reverse recovery current
Irrm
-
70
-
A
Peak rate of fall of reverse
recovery current
dirr/dt
Tj=25°C
-
1400
-
A/µs
Typical Transient Thermal Characteristics
Symbol
Value
Unit
Symbol
Value
Unit
SPA
SPA
Rth1
0.00769
0.00769
K/W
Cth1
0.0003763
0.0003763
Ws/K
Rth2
0.015
0.015
Cth2
0.001411
0.001411
Rth3
0.029
0.029
Cth3
0.001931
0.001931
Rth4
0.114
0.163
Cth4
0.005297
0.005297
Rth5
0.136
0.323
Cth5
0.012
0.008453
Rth6
0.059
2.526
Cth6
0.091
0.412
SPP_B_I
SPP_B_I
External H eatsink
Tj
Tcase
Tamb
Cth1
Cth2
R th1
Rth,n
Cth,n
Ptot (t)


Similar Part No. - SPI20N60C3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPI20N60C3 INFINEON-SPI20N60C3 Datasheet
1Mb / 15P
   New revolutionary high voltage technology Worldwide best RDS(on) in TO 220 Ultra low gate charge
Rev.3.1 2009-02-19
logo
Inchange Semiconductor ...
SPI20N60C3 ISC-SPI20N60C3 Datasheet
356Kb / 3P
   Isc N-Channel MOSFET Transistor
More results

Similar Description - SPI20N60C3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP07N60C3 INFINEON-SPP07N60C3 Datasheet
374Kb / 14P
   Cool MOS??Power Transistor
Rev. 2.1 2004-04-07
SPP08N50C3 INFINEON-SPP08N50C3 Datasheet
265Kb / 13P
   Cool MOS??Power Transistor
2003-06-27
SPP21N50C3 INFINEON-SPP21N50C3 Datasheet
341Kb / 13P
   Cool MOS??Power Transistor
2003-07-02
SPW52N50C3 INFINEON-SPW52N50C3 Datasheet
252Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.0 2004-03-16
SPU02N60S5 INFINEON-SPU02N60S5 Datasheet
251Kb / 10P
   Cool MOS??Power Transistor
2004-03-30
SPW11N60S5 INFINEON-SPW11N60S5 Datasheet
251Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.1 2004-03-30
SPW15N60C3 INFINEON-SPW15N60C3 Datasheet
240Kb / 11P
   Cool MOS Power Transistor
2003-09-17
SPW16N50C3 INFINEON-SPW16N50C3 Datasheet
244Kb / 11P
   Cool MOS Power Transistor
2003-06-30
SPW17N80C3 INFINEON-SPW17N80C3 Datasheet
257Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.1 2004-03-03
SPW32N50C3 INFINEON-SPW32N50C3 Datasheet
257Kb / 11P
   Cool MOS Power Transistor
Rev. 2.0 Page 2004-03-16
SPD01N60C3 INFINEON-SPD01N60C3 Datasheet
910Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.5 2008-04-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com